Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3911-BQFT Datasheet(PDF) 3 Page - ams AG

Part # AS3911-BQFT
Description  NFC Initiator / HF Reader IC
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911-BQFT Datasheet(HTML) 3 Page - ams AG

  AS3911-BQFT Datasheet HTML 1Page - ams AG AS3911-BQFT Datasheet HTML 2Page - ams AG AS3911-BQFT Datasheet HTML 3Page - ams AG AS3911-BQFT Datasheet HTML 4Page - ams AG AS3911-BQFT Datasheet HTML 5Page - ams AG AS3911-BQFT Datasheet HTML 6Page - ams AG AS3911-BQFT Datasheet HTML 7Page - ams AG AS3911-BQFT Datasheet HTML 8Page - ams AG AS3911-BQFT Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 149 page
background image
ams Datasheet, Confidential: 2013-Oct [2-03]
AS3911 – 3
General Des c ripti o n
Applications
The AS3911 is suitable for a wide range of applications
including:
• EMV Payment
• Access Control
• NFC Infrastructure
•Ticketing
Block Diagram
The functional blocks of this device for reference are
shown below:
Figure 2:
AS3911 Block Diagram
POR & Bias
A/D
Converter
XTO
XTI
RFO1
RFO 2
RFI1
RFI2
VDD
CSI
CSO
VDD_IO
AS3911
Regulators
XTAL
Oscillator
RC
Oscillator
A/D Converter
Transmitter
Phase &
Amplitude
Detector
Receiver
External Field
Detector
Capacitor
Sensor
LOGIC
FIFO
Control
Logic
SPI
Interface
Framing
Wake-up
Timer
TRIMx
SPI
Level
Shifters
IRQ
MCU_CLK
POR & Bias


Similar Part No. - AS3911-BQFT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS3911-BQFT-1K ETC2-AS3911-BQFT-1K Datasheet
286Kb / 2P
   NFC for Point of Sale
More results

Similar Description - AS3911-BQFT

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3911B AMSCO-AS3911B Datasheet
1Mb / 155P
   NFC Initiator / HF Reader IC
AS3911 AMSCO-AS3911_V01 Datasheet
2Mb / 159P
   NFC Initiator / HF Reader IC
2016-Jun-13
logo
STMicroelectronics
ST25R3911B-DISCO STMICROELECTRONICS-ST25R3911B-DISCO Datasheet
537Kb / 5P
   Discovery kit for the ST25R3911B high performance HF reader / NFC initiator
June 2017 Rev 2
ST25R3911B STMICROELECTRONICS-ST25R3911B_V01 Datasheet
1Mb / 116P
   High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
April 2020
ST25R3911 STMICROELECTRONICS-ST25R3911 Datasheet
123Kb / 3P
   High performance HF reader / NFC initiator with 1 W supporting VHBR and AAT
November 2016 Rev 1
ST25R3914 STMICROELECTRONICS-ST25R3914_V01 Datasheet
172Kb / 3P
   Automotive high performance HF reader / NFC initiator with 1 W output power supporting AAT
June 2019
logo
Renesas Technology Corp
PTX105R RENESAS-PTX105R Datasheet
529Kb / 10P
   PTX105R NFC Reader IC
June 2022
logo
STMicroelectronics
ST25R3912 STMICROELECTRONICS-ST25R3912 Datasheet
2Mb / 130P
   High performance HF reader / NFC initiator for payment applications with 1 W output power
April 2022 Rev 9
logo
ELATEC GmbH
T4BT-FB2BEL2 ELATEC-T4BT-FB2BEL2 Datasheet
226Kb / 4P
   TWN4 MultiTech 2 HF Single-frequency HF RFID reader with NFC support
11/2023
T4BT-FB2BEL6 ELATEC-T4BT-FB2BEL6 Datasheet
227Kb / 4P
   TWN4 MultiTech 2 LF HF Multi-frequency RFID reader (LF/HF) with NFC support
11/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com