Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV1380QI-E Datasheet(PDF) 6 Page - Enpirion, Inc.

Part # EV1380QI-E
Description  8a synchronous highly integrated dc-dc
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EV1380QI-E Datasheet(HTML) 6 Page - Enpirion, Inc.

Back Button EV1380QI-E Datasheet HTML 2Page - Enpirion, Inc. EV1380QI-E Datasheet HTML 3Page - Enpirion, Inc. EV1380QI-E Datasheet HTML 4Page - Enpirion, Inc. EV1380QI-E Datasheet HTML 5Page - Enpirion, Inc. EV1380QI-E Datasheet HTML 6Page - Enpirion, Inc. EV1380QI-E Datasheet HTML 7Page - Enpirion, Inc. EV1380QI-E Datasheet HTML 8Page - Enpirion, Inc. EV1380QI-E Datasheet HTML 9Page - Enpirion, Inc. EV1380QI-E Datasheet HTML 10Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
EV1380 Datasheet Rev A
©Enpirion 2010 all rights reserved, E&OE
6
www.enpirion.com
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VPOK Logic high level
AVIN
V
POK Current Sink
Capability
3.07V ≤ AVIN ≤ 3.53V
4
mA
VTT Tracking VDDQ
VDDQ – 2*VTT
VDDQ > 1V, VDDQ Rate of change
at 1V/ms
-25
+25
mV
Enable Pin Current
IEN
Tied to VDDQ through a 10k
Ω
50
μA
Logic Low Threshold
VB-LOW
ENABLE, S_IN, VDDQOK
0.4
V
Logic High Threshold
VB-HIGH
ENABLE, S_IN, VDDQOK
1.8
V
S_OUT Low Level
VS_OUT_LOW
0.4
V
S_OUT High Level
VS_OUT_HIGH
2.0
V
M/S Pin Logic Low
Threshold
VT-LOW
Threshold voltage for Logic Low
0.4
V
M/S Pin Logic High
Threshold
VT-HIGH
Threshold voltage for Logic High
(internally pulled high; can be left
floating to achieve logic high)
2.0
2.7
V
M/S Pin Input Current
IITERN
The ternary pin has 100k
Ω to
AGND and another 100k
Ω to an
internal 2.5V supply. If connecting
to AVIN recommend using a series
resistor. See Figure 7.
See
Figure
7.
μA
Current Balance
ΔIOUT
With 2 converters in parallel, the
difference between any two parts.
AVIN<50mV, RTRACE< 2 mΩ
+/-10
%
Note 1
: Maximum output current may need to be de-rated, based on operating condition, to meet TJ requirements.


Similar Part No. - EV1380QI-E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EV1380QI ALTERA-EV1380QI Datasheet
944Kb / 18P
   Memory Termination
More results

Similar Description - EV1380QI-E

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN6360QI ENPIRION-EN6360QI Datasheet
1Mb / 24P
   8A Synchronous Highly Integrated DC-DC PowerSoC
EN5367QI ENPIRION-EN5367QI Datasheet
1Mb / 22P
   6A Synchronous Highly Integrated DC-DC PowerSoC
EN63A0QI ENPIRION-EN63A0QI Datasheet
1Mb / 24P
   12A Synchronous Highly Integrated DC-DC PowerSoC
logo
International Rectifier
IR3841WMPBF IRF-IR3841WMPBF Datasheet
757Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
IR3841MPBF IRF-IR3841MPBF Datasheet
919Kb / 32P
   HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
IR3841WM IRF-IR3841WM_15 Datasheet
776Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
IR3841M IRF-IR3841M_15 Datasheet
919Kb / 32P
   HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
IR3841WMPBF IRF-IR3841WMPBF_12 Datasheet
776Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
IR3871MPBF IRF-IR3871MPBF Datasheet
1Mb / 21P
   8A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3871M IRF-IR3871M_15 Datasheet
1Mb / 21P
   8A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com