Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1659ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1659ESA
Description  350mA, 16.5V Input, Low-Dropout Linear Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1659ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1659ESA Datasheet HTML 1Page - Maxim Integrated Products MAX1659ESA Datasheet HTML 2Page - Maxim Integrated Products MAX1659ESA Datasheet HTML 3Page - Maxim Integrated Products MAX1659ESA Datasheet HTML 4Page - Maxim Integrated Products MAX1659ESA Datasheet HTML 5Page - Maxim Integrated Products MAX1659ESA Datasheet HTML 6Page - Maxim Integrated Products MAX1659ESA Datasheet HTML 7Page - Maxim Integrated Products MAX1659ESA Datasheet HTML 8Page - Maxim Integrated Products MAX1659ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
350mA, 16.5V Input,
Low-Dropout Linear Regulators
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 5V (MAX1658), VIN = 6V (MAX1659); COUT = 10µF; SHDN = IN; TA = TMIN to TMAX; unless otherwise noted. Typical values are
at TA = +25°C.) (Note 2)
Note 2: Specifications to -40°C are guaranteed by design, not production tested.
Note 3: Adjustable configuration only. VIN = 16.5V.
Note 4: The dropout voltage is defined as (VIN - VOUT) when VOUT is 100mV below the value of VOUT for VIN = VOUT + 2V.
TA = +85°C (Note 3)
TA = +25°C (Note 3)
IOUT = 10µA (Note 3)
CONDITIONS
µA
0.1
ISET
SET Input Leakage Current
0.01
0.025
V
1.174
1.210
1.246
VSET
SET Reference Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
°C
165
TSD
Thermal Shutdown Temperature
°C
10
∆TSD
Thermal Shutdown Hysteresis
__________________________________________Typical Operating Characteristics
(VIN = 5V (MAX1658), VIN = 6V (MAX1659); SHDN = IN; SET = GND; CIN = 0.1µF; COUT = 10µF tantalum; TA = +25°C; unless
otherwise noted.)
-10
-90
10
1000
10k
100
100k
MAX1658
POWER-SUPPLY
REJECTION RATIO vs. FREQUENCY
-70
-80
FREQUENCY (Hz)
-60
-40
-50
-30
-20
VIN = 5.2V TO 5.4V
VOUT = 3.3V
-8
-72
10
1000
10k
100
100k
MAX1659
POWER-SUPPLY
REJECTION RATIO vs. FREQUENCY
-56
-64
FREQUENCY (Hz)
-48
-32
-40
-24
-16
VIN = 6.15V TO 6.4V
VOUT = 5V
SET INPUT
THERMAL PROTECTION


Similar Part No. - MAX1659ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1659ESA MAXIM-MAX1659ESA Datasheet
111Kb / 12P
   350mA, 16.5V Input, Low-Dropout Linear Regulators
19-1263; Rev 0; 7/97
MAX1659ESA++ MAXIM-MAX1659ESA+ Datasheet
1Mb / 10P
   350mA, 16.5V Input, Low-Dropout Linear Regulators
2014
More results

Similar Description - MAX1659ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1658 MAXIM-MAX1658 Datasheet
111Kb / 12P
   350mA, 16.5V Input, Low-Dropout Linear Regulators
19-1263; Rev 0; 7/97
MAX1658 MAXIM-MAX1658_V01 Datasheet
1Mb / 10P
   350mA, 16.5V Input, Low-Dropout Linear Regulators
2014
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
   Low-dropout linear regulators
Rev. 1-18 July 2011
logo
ACE Technology Co., LTD...
ACE575U ACE-ACE575U Datasheet
556Kb / 10P
   350mA, Micropower, Very Low Dropout Linear Regulator
VER 1.1
logo
Union Semiconductor, In...
UM1650 UNIONSEMI-UM1650 Datasheet
670Kb / 18P
   350mA, Micropower, Very Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G951 GMT-G951 Datasheet
66Kb / 1P
   1A, Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
   Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com