Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4165EUK-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4165EUK-T
Description  High-Output-Drive, Precision, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4165EUK-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4165EUK-T Datasheet HTML 1Page - Maxim Integrated Products MAX4165EUK-T Datasheet HTML 2Page - Maxim Integrated Products MAX4165EUK-T Datasheet HTML 3Page - Maxim Integrated Products MAX4165EUK-T Datasheet HTML 4Page - Maxim Integrated Products MAX4165EUK-T Datasheet HTML 5Page - Maxim Integrated Products MAX4165EUK-T Datasheet HTML 6Page - Maxim Integrated Products MAX4165EUK-T Datasheet HTML 7Page - Maxim Integrated Products MAX4165EUK-T Datasheet HTML 8Page - Maxim Integrated Products MAX4165EUK-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
General Description
The MAX4165–MAX4169 family of operational amplifiers
combines excellent DC accuracy with high output current
drive, single-supply operation, and rail-to-rail inputs and
outputs. These devices operate from a single +2.7V to
+6.5V supply, or from dual ±1.35V to ±3.25V supplies.
They typically draw 1.2mA supply current, and are guar-
anteed to deliver 80mA output current.
The MAX4166/MAX4168 have a shutdown mode that
reduces supply current to 38µA per amplifier and
places the outputs into a high-impedance state. The
MAX4165–MAX4169’s precision performance com-
bined with high output current, wide input/output
dynamic range, single-supply operation, and low power
consumption makes them ideal for portable audio
applications and other low-voltage, battery-powered
systems. The MAX4165 is available in the space-saving
5-pin SOT23 package and the MAX4166 is available in
a tiny 2mm x 2mm x 0.8mm µDFN package.
Applications
Portable/Battery-Powered Audio Applications
Portable Headphone Speaker Drivers
Laptop/Notebook Computers
Sound Ports/Cards
Set-Top Boxes
Cell Phones
Hands-Free Car Phones (kits)
Signal Conditioning
Digital-to-Analog Converter Buffers
Transformer/Line Drivers
Motor Drivers
Features
♦ 80mA (min) Output Drive Capability
♦ Rail-to-Rail Input Common-Mode Voltage Range
♦ Rail-to-Rail Output Voltage Swing
♦ 1.2mA Supply Current per Amplifier
♦ +2.7V to +6.5V Single-Supply Operation
♦ 5MHz Gain-Bandwidth Product
♦ 250µV Offset Voltage
♦ 120dB Voltage Gain (RL = 100kΩ
Ω)
♦ 88dB Power-Supply Rejection Ratio
♦ No Phase Reversal for Overdriven Inputs
♦ Unity-Gain Stable for Capacitive Loads to 250pF
♦ Low-Power Shutdown Mode:
Reduces Supply Current to 38µA Places
Outputs in High-Impedance State
♦ Available in 5-Pin SOT23 Package (MAX4165) or
2mm x 2mm x 0.8mm µDFN (MAX4166)
High-Output-Drive, Precision, Low-Power, Single-
Supply, Rail-to-Rail I/O Op Amps with Shutdown
________________________________________________________________
Maxim Integrated Products
1
1
VEE
IN-
IN+
1
5 VCC
OUT
MAX4165
SOT23-5
TOP VIEW
2
3
4
Pin Configurations continued at end of data sheet.
Pin Configurations
Ordering Information
19-1224; Rev
3; 1/07
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information continued on last page.
Selector Guide
PART
AMPS PER
PACKAGE
SHUTDOWN
MODE
MAX4165
Single
MAX4166
Single
Yes
MAX4167
Dual
MAX4168
Dual
Yes
MAX4169
Quad
Typical Operating Circuit appears at end of data sheet.
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
MAX4165EUK-T
-40°C to +85°C
5 SOT23-5
AABY
MAX4166EPA
-40°C to +85°C
8 Plastic DIP
MAX4166ESA
-40°C to +85°C
8 SO
MAX4166EUA
-40°C to +85°C
8 µMAX
MAX4166ELA+T
-40°C to +85°C
8 µDFN-8
AAG
+
Denotes lead-free package.


Similar Part No. - MAX4165EUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4165EUK-T MAXIM-MAX4165EUK-T Datasheet
230Kb / 16P
   High-Output-Drive, Precision, Low-Power, Single- Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 1; 10/97
MAX4165EUK-T MAXIM-MAX4165EUK-T Datasheet
1Mb / 17P
   High-Output-Drive, Precision, Low-Power, Single-Supply, Rail-to-Rail I-O Op Amps with Shutdown
Rev 3; 1/07
MAX4165EUK-T MAXIM-MAX4165EUK-T Datasheet
1Mb / 17P
   High-Output-Drive, Precision, Low-Power, Single- Supply, Rail-to-Rail I/O Op Amps with Shutdown
2007
More results

Similar Description - MAX4165EUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4165 MAXIM-MAX4165 Datasheet
230Kb / 16P
   High-Output-Drive, Precision, Low-Power, Single- Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 1; 10/97
MAX4166ELAT MAXIM-MAX4166ELAT Datasheet
1Mb / 17P
   High-Output-Drive, Precision, Low-Power, Single-Supply, Rail-to-Rail I-O Op Amps with Shutdown
Rev 3; 1/07
MAX4165 MAXIM-MAX4165_V01 Datasheet
1Mb / 17P
   High-Output-Drive, Precision, Low-Power, Single- Supply, Rail-to-Rail I/O Op Amps with Shutdown
2007
MAX4330 MAXIM-MAX4330 Datasheet
176Kb / 16P
   Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 3; 2/98
logo
ams AG
AS1710 AMSCO-AS1710_1 Datasheet
747Kb / 17P
   High-Output-Drive, 10MHz, 10V/us, Rail-to-Rail I/O Op Amps with Shutdown
AS1710 AMSCO-AS1710_04 Datasheet
1Mb / 20P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
AS1710 AMSCO-AS1710 Datasheet
750Kb / 17P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
logo
Maxim Integrated Produc...
MAX9910 MAXIM-MAX9910_10 Datasheet
508Kb / 17P
   200kHz, 4μA, Rail-to-Rail I/O Op Amps with Shutdown
Rev 2; 10/10
MAX9912EKA MAXIM-MAX9912EKA Datasheet
508Kb / 17P
   200kHz, 4uA, Rail-to-Rail I/O Op Amps with Shutdown
Rev 2; 10/10
MAX4230 MAXIM-MAX4230_11 Datasheet
859Kb / 28P
   High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 13; 1/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com