Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F15T8 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # F15T8
Description  preheat fluorescent lamps
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

F15T8 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  F15T8 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPC
SPC TECHNOLOGY
SPC TYPE
NO.
WATTS
MOD MOL
BASE
APPROX.
LUMENS
APPROX.
COLOR
TEMPERATURE
(K)
AVG.
LIFE
(HOURS)
COLOR
RENDERING
INDEX (CRI)
LIGHT
F4T5/CW
4
16
152
G5
135
4150
6000
62
COOL WHITE
F4T5/D
4
16
152
G5
115
6250
6000
75
DAYLIGHT
F6T5/CW
6
16
229
G5
295
4150
7500
62
COOL WHITE
F6T5/D
6
16
229
G5
230
6250
7500
75
DAYLIGHT
F8T5/CW
8
16
305
G5
400
4150
7500
62
COOL WHITE
F8T5/D
8
16
305
G5
330
6250
7500
75
DAYLIGHT
F13T5/CW
13
16
533
G5
850
4150
7500
62
COOL WHITE
F15T8/CW
15
26
457
G13
825
4150
7500
62
COOL WHITE
F15T8/D
15
26
457
G13
700
6250
7500
75
DAYLIGHT
(W)
MAX. MAX.


Similar Part No. - F15T8

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
F15 SEMTECH-F15 Datasheet
121Kb / 3P
   RECTIFIER, up to 3kV, 350mA, 250ns
logo
Powerbox
F15 POWERBOX-F15 Datasheet
493Kb / 2P
   10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
RFE international
F15 RFE-F15 Datasheet
91Kb / 1P
   LEADED (THRU-HOLE): High Voltage Fast Recovery & Short Protection Rectifiers
logo
New Jersey Semi-Conduct...
F15 NJSEMI-F15 Datasheet
74Kb / 2P
   AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE SUPERFAST RECTIFIER DIODE
logo
XP Power Limited
F15 XPPOWER-F15 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
More results

Similar Description - F15T8

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
FL9065 GILWAY-FL9065 Datasheet
31Kb / 1P
   Cold Cathode Fluorescent Lamps
logo
Chicago Miniature Lamp,...
CM5004WW CML-CM5004WW Datasheet
227Kb / 1P
   T-5 Aviation Fluorescent Lamps
logo
STMicroelectronics
AN4213 STMICROELECTRONICS-AN4213 Datasheet
5Mb / 42P
   Fluorescent lamps are increasingly driven by electronic
logo
Fairchild Semiconductor
FAN7710 FAIRCHILD-FAN7710 Datasheet
921Kb / 18P
   Ballast Control IC for Compact Fluorescent Lamps
logo
ON Semiconductor
FAN7710V ONSEMI-FAN7710V Datasheet
1Mb / 20P
   Ballast Control IC for Compact Fluorescent Lamps
February 2012 Ver 1.0.4
logo
STMicroelectronics
AN2640 STMICROELECTRONICS-AN2640 Datasheet
1Mb / 36P
   Intelligent multipower digital ballast for fluorescent lamps
logo
Fairchild Semiconductor
FAN7710V FAIRCHILD-FAN7710V Datasheet
1Mb / 18P
   Ballast Control IC for Compact Fluorescent Lamps
logo
NXP Semiconductors
UBA2014 NXP-UBA2014 Datasheet
112Kb / 19P
   600 V driver IC for HF fluorescent lamps
Rev. 04-16 October 2008
UBA2014 PHILIPS-UBA2014 Datasheet
111Kb / 20P
   600 V driver IC for HF fluorescent lamps
2002 May 16
logo
OSRAM GmbH
QTP81X36 OSRAM-QTP81X36 Datasheet
52Kb / 2P
   QUICKTRONIC짰PROFESSIONAL T8 ECG for T8/26mm fluorescent lamps
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com