Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM319 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # GRM319
Description  Chip Monolithic Ceramic Capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM319 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  GRM319 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GRM319 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRM319 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM319 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM319 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM319 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM319 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM319 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM319 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
7
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Chip Monolithic Ceramic Capacitors
for Flow/Reflow Soldering GRM15/18/21/31 Series
s Features
1. Terminations are made of metal highly resistant to
migration.
2. The GRM series is a complete line of chip ceramic
capacitors in 6.3V, 10V, 16V, 25V, 50V, 100V, 200V
and 500V ratings. These capacitors have
temperature characteristics ranging from C0G to
Y5V.
3. A wide selection of sizes is available, from the
miniature LxWxT: 1.0x0.5x0.5mm to
LxWxT: 3.2x1.6x1.15mm.
GRM18, 21 and GRM31 types are suited to flow and
reflow soldering.
GRM15 type is applied to only reflow soldering.
4. Stringent dimensional tolerances allow highly
reliable, high speed automatic chip placement on
PCBs.
5. The GRM series is available in paper or plastic
embossed tape and reel packaging for automatic
placement. Bulk case packaging is also available
for GRM15, GRM18 and GRM21.
s Applications
General electronic equipment
Part Number
LW
T
Dimensions (mm)
e
g min.
1.0
±0.05 0.5 ±0.05 0.5 ±0.05 0.15 to 0.3
0.4
1.6
±0.1 0.8 ±0.1
0.8
±0.1
0.2 to 0.5
0.5
0.6
±0.1
0.85
±0.1
1.0 +0/-0.2
2.0
±0.1 1.25 ±0.1
0.2 to 0.7
0.7
1.25
±0.1
0.6
±0.1
0.85
±0.1
1.15
±0.1
1.6
±0.15
3.2
±0.15
0.3 to 0.8
1.5
1.6
±0.2
1.6
±0.2
3.2
±0.2
*
Bulk Case : 1.6
±0.07(L)g0.8 ±0.07(W)g0.8 ±0.07(T)
GRM155
GRM188*
GRM219
GRM21A
GRM216
GRM21B
GRM316
GRM319
GRM31M
GRM31C
L
W
e
e
g
Temperature Compensating Type GRM15 Series (1.0x0.5 mm) 50V/25V
Part Number
L x W [EIA]
TC
Rated Volt.
Capacitance (Capacitance part numbering code) and T (mm) Dimension (T Dimension part numbering code)
C0G
(
5C)
50
(
1H)
P2H
(
6P)
50
(
1H)
R2H
(
6R)
50
(
1H)
S2H
(
6S)
50
(
1H)
50
(
1H)
SL
(
1X)
25
(
1E)
T2H
(
6T)
50
(
1H)
GRM15
1.00x0.50 [0402]
U2J
(
7U)
50
(
1H)
0.50pF(
R50)
0.50(
5)
0.75pF(
R75)
0.50(
5)
1.0pF(
1R0)
0.50(
5)
2.0pF(
2R0)
0.50(
5)
3.0pF(
3R0)
0.50(
5)
0.50(
5)
0.50(
5)
0.50(
5)
0.50(
5)
0.50(
5)
4.0pF(
4R0)
0.50(
5)
0.50(
5)
0.50(
5)
0.50(
5)
0.50(
5)
0.50(
5)
5.0pF(
5R0)
0.50(
5)
0.50(
5)
0.50(
5)
0.50(
5)
0.50(
5)
0.50(
5)
6.0pF(
6R0)
0.50(
5)
0.50(
5)
0.50(
5)
0.50(
5)
0.50(
5)
0.50(
5)
7.0pF(
7R0)
0.50(
5)
0.50(
5)
0.50(
5)
0.50(
5)
0.50(
5)
0.50(
5)
8.0pF(
8R0)
0.50(
5)
0.50(
5)
0.50(
5)
0.50(
5)
0.50(
5)
0.50(
5)
9.0pF(
9R0)
0.50(
5)
0.50(
5)
0.50(
5)
0.50(
5)
0.50(
5)
0.50(
5)
10pF(
100)
0.50(
5)
0.50(
5)
0.50(
5)
0.50(
5)
0.50(
5)
0.50(
5)
12pF(
120)
0.50(
5)
0.50(
5)
0.50(
5)
0.50(
5)
0.50(
5)
0.50(
5)
15pF(
150)
0.50(
5)
0.50(
5)
0.50(
5)
0.50(
5)
0.50(
5)
0.50(
5)
18pF(
180)
0.50(
5)
0.50(
5)
0.50(
5)
0.50(
5)
0.50(
5)
0.50(
5)
22pF(
220)
0.50(
5)
0.50(
5)
0.50(
5)
0.50(
5)
0.50(
5)
0.50(
5)
27pF(
270)
0.50(
5)
0.50(
5)
0.50(
5)
0.50(
5)
0.50(
5)
0.50(
5)
33pF(
330)
0.50(
5)
0.50(
5)
0.50(
5)
0.50(
5)
0.50(
5)
Continued on the following page.
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering.
!Note
C02E10.pdf 04.1.20


Similar Part No. - GRM319

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GRM319 ETC-GRM319 Datasheet
223Kb / 13P
   High Dielectric Constant Type 6.3/16/25/50V
logo
Murata Manufacturing Co...
GRM319 MURATA-GRM319 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GRM319 MURATA-GRM319 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors for Flow/Reflow Soldering GRM15/18/21/31 Series
GRM319 MURATA-GRM319 Datasheet
204Kb / 13P
   for Flow/Reflow Soldering GRM15/18/21/31 Series
GRM319 MURATA-GRM319 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
More results

Similar Description - GRM319

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GCJ188R72A223KA01D MURATA-GCJ188R72A223KA01D Datasheet
29Kb / 2P
   Chip Monolithic Ceramic Capacitors
GRM188R71C104KA01J MURATA-GRM188R71C104KA01J Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM31B7U3A471JW31L MURATA-GRM31B7U3A471JW31L Datasheet
18Kb / 1P
   Chip Monolithic Ceramic Capacitors
GRM31C5C1H104FA01L MURATA-GRM31C5C1H104FA01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM32DR72J473KW01L MURATA-GRM32DR72J473KW01L Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM216R71H222KA01D MURATA-GRM216R71H222KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM1885C1H6R8DZ01D MURATA-GRM1885C1H6R8DZ01D Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GJM1555C1H9R0CB01D MURATA-GJM1555C1H9R0CB01D Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GR442QR7LB102KW01L MURATA-GR442QR7LB102KW01L Datasheet
4Mb / 237P
   chip monolithic ceramic capacitors
GRM31CR72A104KW03L MURATA-GRM31CR72A104KW03L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com