Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9120ESA+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX9120ESA+
Description  SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9120ESA+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX9120ESA+ Datasheet HTML 6Page - Maxim Integrated Products MAX9120ESA+ Datasheet HTML 7Page - Maxim Integrated Products MAX9120ESA+ Datasheet HTML 8Page - Maxim Integrated Products MAX9120ESA+ Datasheet HTML 9Page - Maxim Integrated Products MAX9120ESA+ Datasheet HTML 10Page - Maxim Integrated Products MAX9120ESA+ Datasheet HTML 11Page - Maxim Integrated Products MAX9120ESA+ Datasheet HTML 12Page - Maxim Integrated Products MAX9120ESA+ Datasheet HTML 13Page - Maxim Integrated Products MAX9120ESA+ Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
SC70, 1.6V, Nanopower, Beyond-the-Rails
Comparators With/Without Reference
10
______________________________________________________________________________________
Reference (MAX9117/MAX9118)
The internal reference in the MAX9117/MAX9118 has an
output voltage of +1.252V with respect to VEE. Its typical
temperature coefficient is 100ppm/°C over the full
-40°C to +85°C temperature range. The reference is a
PNP emitter-follower driven by a 120nA current source
(Figure 1). The output impedance of the voltage refer-
ence is typically 200k
Ω, preventing the reference from
driving large loads. The reference can be bypassed with
a low-leakage capacitor. The reference is stable for any
capacitive load. For applications requiring a lower output
impedance, buffer the reference with a low-input-leak-
age op amp, such as the MAX4162.
Applications Information
Low-Voltage, Low-Power Operation
The MAX9117–MAX9120 are ideally suited for use with
most battery-powered systems. Table 1 lists a variety of
battery types, capacities, and approximate operating
times for the MAX9117–MAX9120, assuming nominal
conditions.
Internal Hysteresis
Many comparators oscillate in the linear region of oper-
ation because of noise or undesired parasitic feed-
back. This tends to occur when the voltage on one
input is equal or very close to the voltage on the other
input. The MAX9117–MAX9120 have internal hysteresis
to counter parasitic effects and noise.
The hysteresis in a comparator creates two trip points:
one for the rising input voltage (VTHR) and one for the
falling input voltage (VTHF) (Figure 2). The difference
between the trip points is the hysteresis (VHB). When
the comparator’s input voltages are equal, the hystere-
sis effectively causes one comparator input to move
quickly past the other, thus taking the input out of the
region where oscillation occurs. Figure 2 illustrates the
case in which IN- has a fixed voltage applied, and IN+
is varied. If the inputs were reversed, the figure would
be the same, except with an inverted output.
Additional Hysteresis (MAX9117/MAX9119)
The MAX9117/MAX9119 have a 4mV internal hysteresis
band (VHB). Additional hysteresis can be generated
with three resistors using positive feedback (Figure 3).
Unfortunately, this method also slows hysteresis re-
sponse time. Use the following procedure to calculate
resistor values.
1) Select R3. Leakage current at IN is under 2nA, so the
current through R3 should be at least 0.2µA to mini-
mize errors caused by leakage current. The current
through R3 at the trip point is (VREF - VOUT) / R3.
Considering the two possible output states in solving
for R3 yields two formulas: R3 = VREF / IR3 or R3 =
(VCC - VREF) / IR3. Use the smaller of the two result-
ing resistor values. For example, when using the
120nA
REF
VCC
VEE
VBIAS
Figure 1. MAX9117/MAX9118 Voltage Reference Output
Equivalent Circuit
Table 1. Battery Applications Using MAX9117–MAX9120
BATTERY
TYPE
RECHARGEABLE
VFRESH
(V)
VEND-OF-LIFE
(V)
CAPACITY,
AA SIZE
(mA-h)
MAX9117/MAX9118
OPERATING TIME
(hr)
Alkaline
(2 Cells)
No
3.0
1.8
2000
2.5 x 106
Nickel-Cadmium
(2 Cells)
Yes
2.4
1.8
750
937,500
1.25 x 106
1000
2.7
3.5
Yes
Lithium-Ion
(1 Cell)
Nickel-Metal-
Hydride
(2 Cells)
Yes
2.4
1.8
1000
1.25 x 106
MAX9119/MAX9120
OPERATING TIME
(hr)
5 x 106
1.875 x 106
2.5 x 106
2.5 x 106


Similar Part No. - MAX9120ESA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9120ESA MAXIM-MAX9120ESA Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
More results

Similar Description - MAX9120ESA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9117 MAXIM-MAX9117_07 Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9117 MAXIM-MAX9117 Datasheet
336Kb / 13P
   SC70, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 2; 8/02
MAX9025 MAXIM-MAX9025 Datasheet
813Kb / 13P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
MAX9025 MAXIM-MAX9025_11 Datasheet
1Mb / 14P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 6/11
MAX917 MAXIM-MAX917 Datasheet
150Kb / 12P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
MAX917 MAXIM-MAX917_07 Datasheet
597Kb / 15P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 1/07
logo
Silicon Laboratories
TSM9117 SILABS-TSM9117 Datasheet
1Mb / 18P
   1.6V Nanopower Comparators with/without Internal References
logo
Maxim Integrated Produc...
MAX14661 MAXIM-MAX14661 Datasheet
1Mb / 27P
   Beyond-the-Rails 16:2 Multiplexer
19-6739; Rev 2; 1/15
logo
Touchstone Semiconducto...
TSM9117 TOUCHSTONE-TSM9117 Datasheet
913Kb / 17P
   1.6V Nanopower Comparators with/without Internal References
logo
Maxim Integrated Produc...
MAX961 MAXIM-MAX961 Datasheet
371Kb / 12P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V,Beyond-the-Rails Comparators
Rev 4; 3/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com