Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13053ASA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX13053ASA
Description  Industry-Standard High-Speed CAN Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13053ASA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX13053ASA Datasheet HTML 1Page - Maxim Integrated Products MAX13053ASA Datasheet HTML 2Page - Maxim Integrated Products MAX13053ASA Datasheet HTML 3Page - Maxim Integrated Products MAX13053ASA Datasheet HTML 4Page - Maxim Integrated Products MAX13053ASA Datasheet HTML 5Page - Maxim Integrated Products MAX13053ASA Datasheet HTML 6Page - Maxim Integrated Products MAX13053ASA Datasheet HTML 7Page - Maxim Integrated Products MAX13053ASA Datasheet HTML 8Page - Maxim Integrated Products MAX13053ASA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MAX13050/MAX13052/MAX13053/MAX13054
Industry-Standard High-Speed CAN
Transceivers with ±80V Fault Protection
2
Maxim Integrated
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC, VCC2 ...............................................................-0.3V to +6V
RS ...............................................................-0.3V to (VCC + 0.3V)
TXD, STBY, S, REF, RXD .........................................-0.3V to +6V
CANH, CANL, SPLIT ..........................................................± 80V
Continuous Power Dissipation (TA = +70°C)
8-Pin SO (derate 5.9mW/°C above +70°C) .................470mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .................................-65°C +150°C
Lead Temperature (soldering, 10s) ................................+300°C
Soldering Temperature (reflow) ......................................+260°C
DC ELECTRICAL CHARACTERISTICS
(VCC = +5V ±5%, VCC2 = +3V to +3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V, VCC2 = +3.3V,
RL = 60
Ω, and TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Dominant, RL = 60
72
MAX13050/MAX13052/
MAX13053
12.5
VCC Supply Current
ICC
Recessive
MAX13054
10
mA
VCC2 Supply Current
ICC2
MAX13054, TXD = VCC2 or unconnected
15
µA
MAX13052
25
Standby Current
ISTANDBY
MAX13050/MAX13054
11
µA
Silent Mode
ISILENT
MAX13053
12.5
mA
Thermal-Shutdown Threshold
TSH
+165
°C
Thermal-Shutdown Hysteresis
13
°C
INPUT LEVELS (TXD, STBY, S)
2
High-Level Input Voltage
VIH
TXD, STBY (MAX13054)
0.7 x
VCC2
V
0.8
Low-Level Input Voltage
VIL
TXD, STBY (MAX13054)
0.3 x
VCC2
V
VTXD = VCC, VTXD = VCC2 (MAX13054)
-5
+5
High-Level Input Current
IIH
VSTBY = VCC, VS = VCC (MAX13053)
-5
+5
µA
VTXD = GND
-300
-100
Low-Level Input Current
IIL
VSTBY = GND, VS = GND (MAX13053)
-10
-1
µA
Input Capacitance
CIN
10
pF
CANH, CANL TRANSMITTER
Normal mode, VTXD = VCC, no load
2
3
V
Recessive Bus Voltage
VCANH,
VCANL
Standby mode, no load
-100
+100
mV
VCANH, VCANL = ±76V
±3
Recessive Output Current
ICANH,
ICANL
-32V
≤ VCANH, VCANL ≤ +32V
-2.5
+2.5
mA
CANH Output Voltage
VCANH
VTXD = 0, dominant
3.0
4.25
V
CANL Output Voltage
VCANL
VTXD = 0, dominant
0.50
1.75
V
Matching Between CANH and
CANL Output Voltage
∆DOM
VTXD = 0, dominant, TA = +25°C,
(VCANH + VCANL) - VCC
-100
+150
mV


Similar Part No. - MAX13053ASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13053ASA MAXIM-MAX13053ASA Datasheet
298Kb / 20P
   Industry-Standard High-Speed CAN Transceivers with 80,-80V Fault Protection
Rev 1; 2/13
MAX13053ASA/AUT MAXIM-MAX13053ASA/AUT Datasheet
334Kb / 20P
   Industry-Standard High-Speed CAN Transceivers with 짹80V Fault Protection
Rev 0; 2/05
More results

Similar Description - MAX13053ASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13050 MAXIM-MAX13050 Datasheet
334Kb / 20P
   Industry-Standard High-Speed CAN Transceivers with 짹80V Fault Protection
Rev 0; 2/05
MAX13050ASA MAXIM-MAX13050ASA Datasheet
298Kb / 20P
   Industry-Standard High-Speed CAN Transceivers with 80,-80V Fault Protection
Rev 1; 2/13
logo
Agilent(Hewlett-Packard...
HFBR-5111 HP-HFBR-5111 Datasheet
287Kb / 15P
   Low Cost, Industry Standard FDDI MIC Transceivers
logo
Texas Instruments
SN75LBC031D TI1-SN75LBC031D Datasheet
825Kb / 17P
[Old version datasheet]   HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
SN65LBC031Q TI-SN65LBC031Q Datasheet
141Kb / 10P
[Old version datasheet]   HIGH-SPEED CONTROLLER AREA NETWORK CAN TRANSCEIVERS
SN65LBC031 TI1-SN65LBC031_14 Datasheet
831Kb / 17P
[Old version datasheet]   HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
SN65LBC031 TI-SN65LBC031 Datasheet
152Kb / 11P
[Old version datasheet]   HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
logo
List of Unclassifed Man...
SHM-4860 ETC2-SHM-4860 Datasheet
44Kb / 3P
   Industry-Standard, High-Speed 짹0.01% Sample-Hold Amplifiers
logo
Murata Power Solutions ...
SHM-4860 MURATA-PS-SHM-4860 Datasheet
143Kb / 4P
   Industry-Standard, High-Speed 짹0.01% Sample-Hold Amplifiers
logo
DATEL, Inc.
SHM-4860 DATEL-SHM-4860 Datasheet
148Kb / 3P
   Industry-Standard, High-Speed 짹0.01% Sample-Hold Amplifi ers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com