Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2350 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2350
Description  High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2350 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA2350 Datasheet HTML 2Page - Texas Instruments OPA2350 Datasheet HTML 3Page - Texas Instruments OPA2350 Datasheet HTML 4Page - Texas Instruments OPA2350 Datasheet HTML 5Page - Texas Instruments OPA2350 Datasheet HTML 6Page - Texas Instruments OPA2350 Datasheet HTML 7Page - Texas Instruments OPA2350 Datasheet HTML 8Page - Texas Instruments OPA2350 Datasheet HTML 9Page - Texas Instruments OPA2350 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
OPA350
OPA2350
OPA4350
SBOS099C − SEPTEMBER 2000 − REVISED JANUARY 2005
www.ti.com
6
TYPICAL CHARACTERISTICS (continued)
All specifications at TA = +25°C, VS = +5V, and RL = 1kΩ connected to VS/2, unless otherwise noted.
DIFFERENTIAL GAIN/PHASE vs RESISTIVE LOAD
0.5
0.4
0.3
0.2
0.1
0
Resistive Load (
Ω)
0
100
200
300
500
400
600
800
700
900 1000
G= 2
V
O =1.4V
NTSC Signal Generator
SeeFigure6 for testcircuit.
Phase
Gain
COMMON−MODE AND POWER−SUPPLY REJECTION RATIO
vs TEMPERATURE
100
90
80
70
60
110
100
90
80
70
Temperature (
_C)
−75
−50
−25
0
25
50
75
100
125
CMRR, V
S =5.5V
(V
CM = −0.1V to +5.6V)
CMRR, V
S =2.7V
(VCM = −0.1V to +2.8V)
PSRR
QUIESCENT CURRENT AND
SHORT−CIRCUIT CURRENT vs TEMPERATURE
Temperature (
_C)
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.5
100
90
80
70
60
50
40
30
−75
−50
−25
0
25
50
75
100
125
IQ
+I
SC
−I
SC
OPEN−LOOP GAIN vs TEMPERATURE
130
125
120
115
110
Temperature (
_C)
−75
−50
−25
02550
75
100
125
R
L =600Ω
R
L =1kΩ
R
L =10kΩ
SLEW RATE vs TEMPERATURE
Temperature (
_C)
40
35
30
25
20
15
10
5
0
−75
−50
−25
0
255075
100
125
Negative Slew Rate
Positive Slew Rate
QUIESCENT CURRENT vs SUPPLY VOLTAGE
Supply Voltage (V)
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Per Amplifier


Similar Part No. - OPA2350

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2350 BURR-BROWN-OPA2350 Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA2350 BURR-BROWN-OPA2350 Datasheet
705Kb / 24P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Texas Instruments
OPA2350 TI1-OPA2350 Datasheet
1Mb / 28P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA2350EA BURR-BROWN-OPA2350EA Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2350EA TI1-OPA2350EA Datasheet
1Mb / 40P
[Old version datasheet]   Rail-to-Rail Operational Amplifiers MicroAmplifier Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com