Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4350 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4350
Description  High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4350 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA4350 Datasheet HTML 3Page - Texas Instruments OPA4350 Datasheet HTML 4Page - Texas Instruments OPA4350 Datasheet HTML 5Page - Texas Instruments OPA4350 Datasheet HTML 6Page - Texas Instruments OPA4350 Datasheet HTML 7Page - Texas Instruments OPA4350 Datasheet HTML 8Page - Texas Instruments OPA4350 Datasheet HTML 9Page - Texas Instruments OPA4350 Datasheet HTML 10Page - Texas Instruments OPA4350 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
OPA350
OPA2350
OPA4350
SBOS099C − SEPTEMBER 2000 − REVISED JANUARY 2005
www.ti.com
7
TYPICAL CHARACTERISTICS (continued)
All specifications at TA = +25°C, VS = +5V, and RL = 1kΩ connected to VS/2, unless otherwise noted.
INPUT BIAS CURRENT vs TEMPERATURE
Temperature (
_C)
−75
−50
−25
0
25
50
75
100
125
1k
100
10
1
0.1
CLOSED−LOOP OUTPUT IMPEDANCE vs FREQUENCY
Frequency (Hz)
100
10
1
0.1
0.01
0.001
0.0001
1
10
100
1k
10k
100k
1M
10M
100M
G = 100
G= 10
G= 1
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
Output Current (mA)
V+
(V+)
−1
(V+)
−2
(V
−)+2
(V
−)+1
(V
−)
0
±10
±20
±30
±40
+25
_C
+125
_C
−55_C
−55_C
+125
_C
+25
_C
Depending on circuit configuration
(including closed−loop gain) performance
may be degraded in shaded region.
INPUT BIAS CURRENT
vs INPUT COMMON−MODE VOLTAGE
Common−Mode Voltage (V)
1.5
1.0
0.5
0.0
−0.5
−0.5 0.0 0.5 1.0
2.0
1.5
2.5 3.0 3.5 4.0
5.0
4.5
5.5
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
100M
1M
10M
Frequency (Hz)
100k
6
5
4
3
2
1
0
Maximum output
voltage without
slew rate−induced
distortion.
V
S =2.7V
V
S =5.5V
OPEN−LOOP GAIN vs OUTPUT VOLTAGE SWING
140
130
120
110
100
90
80
70
60
Output Voltage Swing from Rails (mV)
020
40
60
100
80
120
160
140
180
200
I
OUT =4.2mA
I
OUT =250µA
I
OUT =2.5mA


Similar Part No. - OPA4350

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4350 BURR-BROWN-OPA4350 Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA4350 BURR-BROWN-OPA4350 Datasheet
705Kb / 24P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Texas Instruments
OPA4350 TI1-OPA4350 Datasheet
1Mb / 28P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA4350-DIE TI1-OPA4350-DIE Datasheet
129Kb / 5P
[Old version datasheet]   HIGH-SPEED, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA4350EA BURR-BROWN-OPA4350EA Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com