Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB390 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # OPB390
Description  Slotted Optical Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OPB390 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  OPB390 Datasheet HTML 1Page - List of Unclassifed Manufacturers OPB390 Datasheet HTML 2Page - List of Unclassifed Manufacturers OPB390 Datasheet HTML 3Page - List of Unclassifed Manufacturers OPB390 Datasheet HTML 4Page - List of Unclassifed Manufacturers OPB390 Datasheet HTML 5Page - List of Unclassifed Manufacturers OPB390 Datasheet HTML 6Page - List of Unclassifed Manufacturers OPB390 Datasheet HTML 7Page - List of Unclassifed Manufacturers OPB390 Datasheet HTML 8Page - List of Unclassifed Manufacturers OPB390 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue D
12/2012
Page 3 of 10
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Slotted Optical Switch
Series: OPB355, OPB360, OPB370, OPB380, OPB390
OPB859, OPB860, OPB870, OPB880, OPB890
Emitter Aperture: 0.050” (1.270 mm)
Sensor Aperture: 0.050” (1.270 mm)
Mounting Configurations:
T - Two mounting tabs
Optek Assembly
Phototransistor Output Family
OPB 8 5 9
Part Number Guide — OPB859
Part Number Guide — OPB860 / OPB870
OPB 8 X X X X X
Sensor Aperture:
1 - 0.010” (0.254 mm)
5 - 0.050” (1.270 mm)
Mounting Configurations:
L - Emitter side mounting tab only
N - No mounting tabs
P - Sensor side mounting tab only
T - Two mounting tabs
Discrete Shell Material:
6 - Covered (apertures not visible), PCB leads
7 - Open (apertures visible), PCB leads
Emitter Sensor:
1 - 0.010” (0.254 mm)
5 - 0.050” (1.270 mm)
Optek Assembly
Phototransistor Output Family
Electrical Specification Variations:
0 = Electrical Parameter A (lead spacing = 0.320”)
1 = Electrical Parameter B (lead spacing = 0.320”)
2 = Electrical Parameter C (lead spacing = 0.320”)
5 = Electrical Parameter A (lead spacing = 0.220”)
6 = Electrical Parameter B (lead spacing = 0.220”)
7 = Electrical Parameter C (lead spacing = 0.220”)
Note: Assemblies with dual 0.010” apertures are currently
available with electrical parameter “A” only.
Part Number Guide — OPB880 / OPB890
OPB 8 X X X X X Z
Sensor Aperture:
1 - 0.010” (0.254 mm)
5 - 0.050” (1.270 mm)
Mounting Configurations:
L - Emitter side mounting tab only
N - No mounting tabs
P - Sensor side mounting tab only
T - Two mounting tabs
RoHS Compliant
Discrete Shell Material:
8 - Covered (apertures not visible), Wires
9 - Open (apertures visible), Wires
Emitter Sensor:
1 - 0.010” (0.254 mm)
5 - 0.050” (1.270 mm)
Optek Assembly
Phototransistor Output Family
Electrical Specification Variations:
0 = Electrical Parameter A
1 = Electrical Parameter B
2 = Electrical Parameter C
NOTE: Assemblies with dual 0.010” apertures are
currently available with electrical parameter “A” only.
Wires = 26AWG - 24” long. UL approved.


Similar Part No. - OPB390

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB390 OPTEK-OPB390 Datasheet
1Mb / 4P
   Slotted Op ti cal Switches
logo
TT Electronics.
OPB390 TTELEC-OPB390 Datasheet
319Kb / 11P
   Slotted Optical Switch
logo
OPTEK Technologies
OPB390 OPTEK-OPB390 Datasheet
538Kb / 10P
   Slotted Optical Switch
logo
List of Unclassifed Man...
OPB390 ETC-OPB390 Datasheet
484Kb / 10P
   Slotted Optical Switch
OPB390 ETC2-OPB390 Datasheet
479Kb / 10P
   Slotted Optical Switch
More results

Similar Description - OPB390

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H22A1 FAIRCHILD-H22A1 Datasheet
320Kb / 5P
   SLOTTED OPTICAL SWITCH
QVA FAIRCHILD-QVA Datasheet
201Kb / 4P
   SLOTTED OPTICAL SWITCH
logo
QT Optoelectronics
H21A1 QT-H21A1 Datasheet
307Kb / 4P
   SLOTTED OPTICAL SWITCH
QVA11123 QT-QVA11123 Datasheet
179Kb / 3P
   slotted optical switch
logo
TT Electronics.
OPB917 TTELEC-OPB917 Datasheet
828Kb / 5P
   Slotted Optical Switch
OPB960 TTELEC-OPB960 Datasheet
1Mb / 6P
   Slotted Optical Switch
logo
OPTEK Technologies
OPB806 OPTEK-OPB806_05 Datasheet
284Kb / 3P
   Slotted Optical Switch
OPB202 OPTEK-OPB202 Datasheet
234Kb / 5P
   Slotted Optical Switch
logo
TT Electronics.
OPB827 TTELEC-OPB827 Datasheet
608Kb / 6P
   Slotted Optical Switch
OPB806 TTELEC-OPB806 Datasheet
650Kb / 4P
   Slotted Optical Switch
OPB818 TTELEC-OPB818 Datasheet
540Kb / 3P
   Slotted Optical Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com