Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLY2016 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SLY2016
Description  X/Y Stackable 0.180?쇺? 4-Digit 5x7 Dot Matrix Alphanumeric Intelligent Display짰 Devices with Memory/Decoder/Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SLY2016 Datasheet(HTML) 4 Page - OSRAM GmbH

  SLY2016 Datasheet HTML 1Page - OSRAM GmbH SLY2016 Datasheet HTML 2Page - OSRAM GmbH SLY2016 Datasheet HTML 3Page - OSRAM GmbH SLY2016 Datasheet HTML 4Page - OSRAM GmbH SLY2016 Datasheet HTML 5Page - OSRAM GmbH SLY2016 Datasheet HTML 6Page - OSRAM GmbH SLY2016 Datasheet HTML 7Page - OSRAM GmbH SLY2016 Datasheet HTML 8Page - OSRAM GmbH SLY2016 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SLR2016, SLO2016, SLG2016, SLY2016, SCD5584A
2006-01-23
4
Timing Characteristics—Write Cycle Waveforms
Loading Data
The desired data code (D0–D6) and digit address (A0, A1) must
be held stable during the write cycle for storing new data.
Data entry may be asynchronous. Digit 0 is defined as right hand
digit with A1=A2=0.
Clearing the entire internal four-digit memory can be accomplished
by holding the clear (CLR) low for 1.0 msec minimum. The clear
function will clear the ASCII RAM. Loading an illegal data code will
display a blank.
Pin Function
Pin
Function
Pin
Function
1
WR Write
8
D3 Data
2
A1 Digit Select
9
D4 Data
3
A0 Digit Select
10
D5 Data
4
V
CC
11
D6 Data
5
D0 Data
12
BL Display Blank
6
D1 Data
13
CLR Clear
7
D2 Data
14
GND
Pin Function
Pin
Function
Pin
Function
DC Characteristics at 25°C
Parameters
Min.
Typ.
Max.
Units
Conditions
V
CC
4.5
5.0
5.5
V
ICC Blank
2.3
3.0
mA
V
CC=5.0 V
ICC (80 dots on)
80
105
mA
V
CC=5.0 V
VIL (all inputs)
0.8
V
4.5 V <V
CC <5.5 V
VIH (all inputs)
2.0
V
4.5 V <V
CC <5.5 V
IIL (all inputs)
25
100
µA
4.5 V <V
CC <5.5 V, VIN=0.8 V
AC Characteristics (guaranteed minimum timing
parameters at V
CC=5.0 V ±0.5 V)
Parameter
Symbol
–40°C
+25°C
+85°C
Unit
Address Set
Up Time
TAS
10
10
10
ns
Write Time
TW
60
70
90
ns
Data Set Up
Time
TDS
20
30
50
ns
Address Hold
Time
TAH
20
30
40
ns
Data Hold
Time
TDH
20
30
40
ns
Access Time
TACC
(1)
90
110
140
ns
Clear Disable
Time
TCLRD
1.0
1.0
1.0
µs
Clear Time
TCLR
1.0
1.0
1.0
ms
Note:
1) T
ACC=Set Up Time + Write Time + Hold Time
TAS
TDH
TAH
TDS
TACC
TW
WR
CLR
A0 – A1
D0 – D6
2.0 V
0.8 V
2.0 V
0.8 V
2.0 V
0.8 V


Similar Part No. - SLY2016

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLY2016 INFINEON-SLY2016 Datasheet
459Kb / 5P
   Alphanumeric Intelligent Display DEVICES WITH MEMORY/DECODER/ DRIVER
March 23, 2000-01
More results

Similar Description - SLY2016

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
DLR2416 SIEMENS-DLR2416 Datasheet
214Kb / 7P
   4-Character 5x7 Dot Matrix Alphanumeric IntelligentDisplay with Memory/Decoder/Driver
DLR1414 SIEMENS-DLR1414 Datasheet
201Kb / 5P
   145 4-character 5 x 7 Dot Matrix Alphanumeric Intelligent Display with Memory/Decoder/Driver
logo
Infineon Technologies A...
SLO2016 INFINEON-SLO2016 Datasheet
459Kb / 5P
   Alphanumeric Intelligent Display DEVICES WITH MEMORY/DECODER/ DRIVER
March 23, 2000-01
logo
OSRAM GmbH
DLR3416 OSRAM-DLR3416 Datasheet
753Kb / 11P
   Alphanumeric Intelligent Display Devices with Memory/Decoder/Driver
DLR1414 OSRAM-DLR1414 Datasheet
467Kb / 10P
   Alphanumeric Intelligent Display Devices with Memory/Decoder/Driver
SCD55100A OSRAM-SCD55100A Datasheet
699Kb / 17P
   Dot Addressable Intelligent Display짰 Devices
SCE5740 OSRAM-SCE5740 Datasheet
653Kb / 16P
   Dot Addressable Intelligent Display짰 Devices
logo
Siemens Semiconductor G...
MPD2545 SIEMENS-MPD2545 Datasheet
438Kb / 10P
   25 4-character, 5x7 dot matrix, X-Y stackable, HI-REL/Military Alphanumeric Programmable Display with Built-In CMOS Control Functions
logo
Infineon Technologies A...
HDSP2110S INFINEON-HDSP2110S Datasheet
500Kb / 13P
   8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
March 24, 2000-13
logo
Siemens Semiconductor G...
HDSP2111S SIEMENS-HDSP2111S Datasheet
300Kb / 13P
   8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com