Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOT-223 Datasheet(PDF) 7 Page - Littelfuse

Part # SOT-223
Description  Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SOT-223 Datasheet(HTML) 7 Page - Littelfuse

Back Button SOT-223 Datasheet HTML 2Page - Littelfuse SOT-223 Datasheet HTML 3Page - Littelfuse SOT-223 Datasheet HTML 4Page - Littelfuse SOT-223 Datasheet HTML 5Page - Littelfuse SOT-223 Datasheet HTML 6Page - Littelfuse SOT-223 Datasheet HTML 7Page - Littelfuse SOT-223 Datasheet HTML 8Page - Littelfuse SOT-223 Datasheet HTML 9Page - Littelfuse SOT-223 Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
205
Revised: 09/23/13
©2013 Littelfuse, Inc
Specifications are subject to change without notice.
Teccor® brand Thyristors
EV Series 0.8 Amp Sensitive SCRs
SxX8xSx Series
Packing Options
Part Number
Marking
Weight
Packing Mode
Base Quantity
SxX8ESy
SxX8ESy
0.170g
Bulk
2500
SxX8ESyAP
SxX8ESy
0.170g
Ammo Pack
2000
SxX8ESyRP
SxX8ESy
0.170g
Tape & Reel
2000
SxX8TSyRP
SxX8TSy
0.120g
Tape & Reel
1000
SxX8BSRP
xX8
0.053g
Tape & Reel
1000
SxX8BSRP1
xX8
0.053g
Tape & Reel
1000
Note: x = voltage, y = gate sensitivity
Part Number
Voltage
Gate Sensitivity
Package
400V
600V
800V
S4X8ES
X
200 μA
TO-92
S6X8ES
X
200 μA
TO-92
S8X8ES
X
200 μA
TO-92
S4X8TS
X
200 μA
SOT-223
S6X8TS
X
200 μA
SOT-223
S8X8TS
X
200 μA
SOT-223
S4X8BS
X
200 μA
SOT-89
S6X8BS
X
200 μA
SOT-89
S4X8ES1
X
5 μA
TO-92
S6X8ES1
X
5 μA
TO-92
S8X8ES1
X
5 μA
TO-92
S4X8TS1
X
5 μA
SOT-223
S6X8TS1
X
5 μA
SOT-223
S8X8TS1
X
5 μA
SOT-223
S4X8ES2
X
50 μA
TO-92
S6X8ES2
X
50 μA
TO-92
S8X8ES2
X
50 μA
TO-92
S4X8TS2
X
50 μA
SOT-223
S6X8TS2
X
50 μA
SOT-223
S8X8TS2
X
50 μA
SOT-223
Product Selector


Similar Part No. - SOT-223

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SOT-223 BOURNS-SOT-223 Datasheet
150Kb / 5P
   4-Pin Plastic Small Outline Surface Mount
logo
Continental Device Indi...
SOT-223 CDIL-SOT-223 Datasheet
145Kb / 4P
   SOT-223 (4 Leads) SMD Plastic Package
logo
Analog Microelectronics
SOT-223 AME-SOT-223 Datasheet
37Kb / 1P
   Carrier Width (W) 12.0-0.1 mm Pitch (P) 4.0-0.1 mm
logo
YENYO TECHNOLOGY Co., L...
SOT-223 YENYO-SOT-223 Datasheet
288Kb / 1P
   Dimensions in inches and
logo
Analog Microelectronics
SOT-223 AME-SOT-223 Datasheet
81Kb / 1P
   A : MIN 0.01 MAX 0.10 B : MIN 0.60 MAX 0.84
More results

Similar Description - SOT-223

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S6X8TSRP LITTELFUSE-S6X8TSRP Datasheet
1Mb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
L0107NERP LITTELFUSE-L0107NERP Datasheet
1Mb / 8P
   Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
   Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
S6010DS2RP LITTELFUSE-S6010DS2RP Datasheet
1Mb / 11P
   Teccor짰 brand Thyristors 10 Amp Sensitive & Standard SCRs
SXX8BBS LITTELFUSE-SXX8BBS Datasheet
537Kb / 6P
   Thyristors EV Series 0.8 Amp Sensitive SCRs
L0107MTRP LITTELFUSE-L0107MTRP Datasheet
1Mb / 8P
   Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
S4S2RP LITTELFUSE-S4S2RP Datasheet
980Kb / 10P
   Teccor brand Thyristors 0.8 Amp Sensitive SCRs
S8X8TSRP LITTELFUSE-S8X8TSRP Datasheet
1Mb / 9P
   Teccor brand Thyristors EV Series 1.5 Amp Sensitive SCRs
S8X5ECSX LITTELFUSE-S8X5ECSX Datasheet
961Kb / 6P
   EV Series 0.8 Amp Sensitive SCRs
Revised: BO.12/08/20
S8012DRP LITTELFUSE-S8012DRP Datasheet
351Kb / 8P
   Teccor짰 brand Thyristors 12 Amp Standard SCRs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com