Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6X8TS Datasheet(PDF) 10 Page - Littelfuse

Part # S6X8TS
Description  Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S6X8TS Datasheet(HTML) 10 Page - Littelfuse

Back Button S6X8TS Datasheet HTML 2Page - Littelfuse S6X8TS Datasheet HTML 3Page - Littelfuse S6X8TS Datasheet HTML 4Page - Littelfuse S6X8TS Datasheet HTML 5Page - Littelfuse S6X8TS Datasheet HTML 6Page - Littelfuse S6X8TS Datasheet HTML 7Page - Littelfuse S6X8TS Datasheet HTML 8Page - Littelfuse S6X8TS Datasheet HTML 9Page - Littelfuse S6X8TS Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
208
Revised: 09/23/13
©2013 Littelfuse, Inc
Specifications are subject to change without notice.
Teccor® brand Thyristors
EV Series 0.8 Amp Sensitive SCRs
SxX8xSx Series
Part Numbering System
CURRENT
X8: 0.8A
SENSITIVITY & TYPE
S1: 5μA Sensitive SCR
S2: 50μA Sensitive SCR
S: 200μA Sensitive SCR
PACKAGE TYPE
E: TO-92
T: SOT-223
B: SOT-89
PACKING TYPE
SERIES
S: SCR
Blank: Bulk Pack
RP: Reel Pack (TO-92)
Embossed Carrier Pack (SOT-223)
Embossed Carrier Pack (SOT-89)
RP1: Embossed Carrier Pack (SOT-89)
(alternate orientation)
AP: Ammo Pack (TO-92)
S xX8
VOLTAGE
4: 400V
6: 600V
8: 800V
x xx xx
Part Marking System
SOT-223 Reel Pack (RP) Specifications
4 mm
8 mm
∅1.5 mm
13 mm Abor
Hole Diameter
180 mm
13.4 mm
2 mm
12 mm
K
GATE
A
A
5.5 mm
1.75 mm
Line1 = Littelfuse Part Number
Line2 = continuation…Littelfuse Part Number
Y = Last Digit of Calendar Year
M = Letter Month Code (A-L for Jan-Dec)
L = Location Code
DD = Calendar Date
TO-92
SOT89
SOT223


Similar Part No. - S6X8TS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S6X8TS LITTELFUSE-S6X8TS Datasheet
240Kb / 9P
   EV Series 0.8A Sensitive SCR
S6X8TS LITTELFUSE-S6X8TS Datasheet
1Mb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
S6X8TS LITTELFUSE-S6X8TS Datasheet
241Kb / 9P
   SxX8xSx EV Series 0.8A Sensitive SCR
S6X8TS1 LITTELFUSE-S6X8TS1 Datasheet
240Kb / 9P
   EV Series 0.8A Sensitive SCR
S6X8TS1 LITTELFUSE-S6X8TS1 Datasheet
1Mb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
More results

Similar Description - S6X8TS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S6X8TSRP LITTELFUSE-S6X8TSRP Datasheet
1Mb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
L0107NERP LITTELFUSE-L0107NERP Datasheet
1Mb / 8P
   Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
   Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
S6010DS2RP LITTELFUSE-S6010DS2RP Datasheet
1Mb / 11P
   Teccor짰 brand Thyristors 10 Amp Sensitive & Standard SCRs
SXX8BBS LITTELFUSE-SXX8BBS Datasheet
537Kb / 6P
   Thyristors EV Series 0.8 Amp Sensitive SCRs
L0107MTRP LITTELFUSE-L0107MTRP Datasheet
1Mb / 8P
   Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
S4S2RP LITTELFUSE-S4S2RP Datasheet
980Kb / 10P
   Teccor brand Thyristors 0.8 Amp Sensitive SCRs
S8X8TSRP LITTELFUSE-S8X8TSRP Datasheet
1Mb / 9P
   Teccor brand Thyristors EV Series 1.5 Amp Sensitive SCRs
S8X5ECSX LITTELFUSE-S8X5ECSX Datasheet
961Kb / 6P
   EV Series 0.8 Amp Sensitive SCRs
Revised: BO.12/08/20
S8012DRP LITTELFUSE-S8012DRP Datasheet
351Kb / 8P
   Teccor짰 brand Thyristors 12 Amp Standard SCRs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com