Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRJC476K016R0350 Datasheet(PDF) 1 Page - AVX Corporation

Part # TRJC476K016R0350
Description  Professional Tantalum Chip Capacitor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TRJC476K016R0350 Datasheet(HTML) 1 Page - AVX Corporation

  TRJC476K016R0350 Datasheet HTML 1Page - AVX Corporation TRJC476K016R0350 Datasheet HTML 2Page - AVX Corporation TRJC476K016R0350 Datasheet HTML 3Page - AVX Corporation TRJC476K016R0350 Datasheet HTML 4Page - AVX Corporation TRJC476K016R0350 Datasheet HTML 5Page - AVX Corporation TRJC476K016R0350 Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
44
TRJ Series
Professional Tantalum Chip Capacitor
HOW TO ORDER
The TRJ surface mount series employs
established Tantalum technology together
with new process improvements and
advanced manufacturing techniques. This
robust series enables extension of the
guaranteed 0.5% reliability level to 1000
hours at rated voltage, rated temperature
and 0.1
Ω/volt circuit impedance. The
moisture penetration barrier, thicker external
dielectric layer and modified manganising
process make the capacitor more robust
against higher thermo-mechanical stresses
during assembly process (“lead-free”
soldering) and also more robust against
more
severe
working
conditions
in
Automotive, Medical, Aerospace, Military
and other applications. The temperature
range is -55°C to 125°C and voltage range
is 6.3V to 50V.
These components do not contain any
lead either in the internal structure or in the
termination plating. They are compatible
with all SnPb and “lead-free” solders and
are qualified for higher reflow temperature
necessary for new lead-free assembly
process. Lower ESR options are now avail-
able within the professional TRJ while
achieving reliability levels twice that of stan-
dard tantalum devices. This enables design-
ers of power supplies in long life expectancy
applications to use tantalum capacitors with
the combined benefits of enhanced reliabili-
ty (0.5%/1000hrs) and low ESR.
Technical Data:
All technical data relate to an ambient temperature of +25°C
Capacitance Range:
0.1 μF to 470 μF
Capacitance Tolerance:
±10%; ±20%
Leakage Current DCL:
0.0075CV
Rated Voltage (V
R)
+85°C:
6.3
10
16
20
25
35
50
Category Voltage (V
C)
+125°C:
4
7
10
13
17
23
33
Surge Voltage (V
S)
+85°C:
8
13
20
26
32
46
65
Surge Voltage (V
S)
+125°C:
5
8
13
16
20
28
40
Temperature Range:
-55°C to +125°C
Reliability:
0.5% per 1000 hours at 85°C, V
R with 0.1
Ω/V series impedance,
60% confidence level
Termination Plating:
Sn Plating (standard), Gold and SnPb Plating upon request
Meets requirements of AEC-Q200
TECHNICAL SPECIFICATIONS
CASE DIMENSIONS: millimeters (inches)
TRJ
Type
B
Case Size
See table
above
105
Capacitor Code
pF code: 1st two
digits represent
significant figures,
3rd digit represents
multiplier (number of
zeros to follow)
*
Tolerance
K=±10%
M=±20%
035
Rated DC Voltage
006 = 6.3V
010 = 10V
016 = 16V
020 = 20V
025 = 25V
035 = 35V
050 = 50V
R
Packaging/
Termination Plating
R = 7" T/R Lead Free
S = 13" T/R Lead Free
A = Gold Plating 7" Reel
B = Gold Plating 13" Reel
H = Tin Lead 7" Reel
K = Tin Lead 13" Reel
RJ
Additional
characters may be
added for special
requirements
Code
EIA
L±0.20 (0.008)
W+0.20 (0.008)
H+0.20 (0.008)
W
1±0.20 (0.008)
A+0.30 (0.012)
S Min.
Code
-0.10 (0.004)
-0.10 (0.004)
-0.20 (0.008)
A
3216-18
3.20 (0.126)
1.60 (0.063)
1.60 (0.063)
1.20 (0.047)
0.80 (0.031)
1.10 (0.043)
B
3528-21
3.50 (0.138)
2.80 (0.110)
1.90 (0.075)
2.20 (0.087)
0.80 (0.031)
1.40 (0.055)
C
6032-28
6.00 (0.236)
3.20 (0.126)
2.60 (0.102)
2.20 (0.087)
1.30 (0.051)
2.90 (0.114)
D
7343-31
7.30 (0.287)
4.30 (0.169)
2.90 (0.114)
2.40 (0.094)
1.30 (0.051)
4.40 (0.173)
E
7343-43
7.30 (0.287)
4.30 (0.169)
4.10 (0.162)
2.40 (0.094)
1.30 (0.051)
4.40 (0.173)
W1 dimension applies to the termination width for A dimensional area only.
For part marking see page 175
0100
Maximum
ESR in
milliohms


Similar Part No. - TRJC476K016R0350

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TRJC4760060250 AVX-TRJC4760060250 Datasheet
130Kb / 6P
   Professional Tantalum Chip Capacitor
TRJC476006RJ AVX-TRJC476006RJ Datasheet
130Kb / 6P
   Professional Tantalum Chip Capacitor
More results

Similar Description - TRJC476K016R0350

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TRJD685K050RRJ AVX-TRJD685K050RRJ Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
TRJD686M016RRJ AVX-TRJD686M016RRJ Datasheet
138Kb / 6P
   Professional Tantalum Chip Capacitor
TRJB105K035RRJ AVX-TRJB105K035RRJ Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
TRJB106K016RRJ AVX-TRJB106K016RRJ Datasheet
132Kb / 6P
   Professional Tantalum Chip Capacitor
TRJC106M025RRJ AVX-TRJC106M025RRJ Datasheet
130Kb / 6P
   Professional Tantalum Chip Capacitor
logo
Kemet Corporation
T499 KEMET-T499 Datasheet
146Kb / 3P
   Tantalum Chip Capacitor
logo
Central Technologies
CTTCC CT-CTTCC Datasheet
258Kb / 2P
   Chip Tantalum Capacitor
logo
Suntan Capacitors
TS20 SUNTAN-TS20_17 Datasheet
168Kb / 1P
   CHIP TANTALUM CAPACITOR - SMD
logo
Abracon Corporation
ATCC-211A-010 ABRACON-ATCC-211A-010 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
ATCC-211B-025 ABRACON-ATCC-211B-025 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com