Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6010DS2RP Datasheet(PDF) 8 Page - Littelfuse

Part # S6010DS2RP
Description  Teccor짰 brand Thyristors 10 Amp Sensitive & Standard SCRs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S6010DS2RP Datasheet(HTML) 8 Page - Littelfuse

Back Button S6010DS2RP Datasheet HTML 3Page - Littelfuse S6010DS2RP Datasheet HTML 4Page - Littelfuse S6010DS2RP Datasheet HTML 5Page - Littelfuse S6010DS2RP Datasheet HTML 6Page - Littelfuse S6010DS2RP Datasheet HTML 7Page - Littelfuse S6010DS2RP Datasheet HTML 8Page - Littelfuse S6010DS2RP Datasheet HTML 9Page - Littelfuse S6010DS2RP Datasheet HTML 10Page - Littelfuse S6010DS2RP Datasheet HTML 11Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Revised: June 24, 2011 04:57 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
10 Amp Sensitive & Standard SCRs
Sxx10xSx & Sxx10x Series
Product Selector
Part Number
Voltage
Gate Sensitivity
Type
Package
400V
600V
800V
1000V
Sxx10RS2
X
X
0.2mA
Sensitive SCR
TO-220R
Sxx10LS2
X
X
0.2mA
Sensitive SCR
TO-220L
Sxx10VS2
X
X
0.2mA
Sensitive SCR
TO-251
Sxx10DS2
X
X
0.2mA
Sensitive SCR
TO-252
Sxx10RS3
X
X
0.5mA
Sensitive SCR
TO-220R
Sxx10LS3
X
X
0.5mA
Sensitive SCR
TO-220L
Sxx10VS3
X
X
0.5mA
Sensitive SCR
TO-251
Sxx10DS3
X
X
0.5mA
Sensitive SCR
TO-252
Sxx10R
X
X
X
X
15mA
Standard SCR
TO-220R
Sxx10L
X
X
X
X
15mA
Standard SCR
TO-220L
Sxx10V
X
X
X
X
15mA
Standard SCR
TO-251
Sxx10D
X
X
X
X
15mA
Standard SCR
TO-252
Note: xx = Voltage
Dimensions — TO-251AA (V/I-Package) — V/I-PAK Through Hole
Dimension
Inches
Millimeters
Min
Typ
Max
Min
Typ
Max
A
0.040
0.044
0.050
1.02
1.11
1.27
B
0.235
0.242
0.245
5.97
6.15
6.22
C
0.350
0.361
0.375
8.89
9.18
9.53
D
0.205
0.208
0.213
5.21
5.29
5.41
E
0.255
0.262
0.265
6.48
6.66
6.73
F
0.027
0.031
0.033
0.69
0.80
0.84
G
0.087
0.090
0.093
2.21
2.28
2.36
H
0.085
0.092
0.095
2.16
2.34
2.41
I
0.176
0.180
0.184
4.47
4.57
4.67
J
0.018
0.020
0.023
0.46
0.51
0.58
K
0.038
0.040
0.044
0.97
1.01
1.12
L
0.018
0.020
0.023
0.46
0.52
0.58
P
0.042
0.047
0.052
1.06
1.20
1.32
Q
0.034
0.039
0.044
0.86
1.00
1.11
R
0.034
0.039
0.044
0.86
1.00
1.11
S
0.074
0.079
0.084
1.86
2.00
2.11
AREA: 0.040 IN2
T
C MEASURING POINT
GATE
G
I
E
D
A
B
C
F
J
H
K
L
5.28
.208
5.34
.210
Anode
Cathode
Anode
P
Q
R
S


Similar Part No. - S6010DS2RP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S6010DS2 LITTELFUSE-S6010DS2 Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
S6010DS2 LITTELFUSE-S6010DS2 Datasheet
205Kb / 12P
   Sensitive SCRs
logo
List of Unclassifed Man...
S6010DS2 ETC2-S6010DS2 Datasheet
205Kb / 12P
   RoHS Compliant
More results

Similar Description - S6010DS2RP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S8012DRP LITTELFUSE-S8012DRP Datasheet
351Kb / 8P
   Teccor짰 brand Thyristors 12 Amp Standard SCRs
S6X8BSRP LITTELFUSE-S6X8BSRP Datasheet
879Kb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
   Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
S6X8TSRP LITTELFUSE-S6X8TSRP Datasheet
1Mb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
Q6X3RP LITTELFUSE-Q6X3RP Datasheet
836Kb / 9P
   Teccor짰 brand Thyristors 1 Amp Sensitive & Standard Triacs
L4004L3TP LITTELFUSE-L4004L3TP Datasheet
905Kb / 10P
   Teccor짰 brand Thyristors 4 Amp Sensitive & Standard Triacs
S4S2RP LITTELFUSE-S4S2RP Datasheet
980Kb / 10P
   Teccor brand Thyristors 0.8 Amp Sensitive SCRs
L0107NERP LITTELFUSE-L0107NERP Datasheet
1Mb / 8P
   Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
K2201GRP LITTELFUSE-K2201GRP Datasheet
225Kb / 6P
   Teccor짰 brand Thyristors
L0107MTRP LITTELFUSE-L0107MTRP Datasheet
1Mb / 8P
   Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com