Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFC-W2512LF-11-1001-B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PFC-W2512LF-11-1001-B
Description  Precision Thin Film Chip Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PFC-W2512LF-11-1001-B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PFC-W2512LF-11-1001-B Datasheet HTML 1Page - List of Unclassifed Manufacturers PFC-W2512LF-11-1001-B Datasheet HTML 2Page - List of Unclassifed Manufacturers PFC-W2512LF-11-1001-B Datasheet HTML 3Page - List of Unclassifed Manufacturers PFC-W2512LF-11-1001-B Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
IRC Advanced Film Division
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Email: afdsales@irctt.com • Website: www.irctt.com
PFC Series Issue May 2008 Sheet 1 of 4
Non-leaching
Nickel barrier
Wrap around
termination
Ultra stable Tantalum Nitride
resistor film system
Precision Thin Film
Chip Resistors
PFC Series
Standard 60/40 Sn/Pb and Pb-free (RoHS compliant) terminations available
Available in 0402, 0603, 0805, 1206, 1505, 2010 and 2512 chip sizes
Tested for COTS applications
Absolute TCR to ±10ppm/°C
MIL screening available
Electrical Data
The IRC TaNFilm® PFC chip resistor series provides the high precision and ultra stable performance of our
Tantalum Nitride resistive film system in 0402, 0603, 0805, 1206, 1505, 2010 and 2512 sizes. The unique
characteristics of the passivated Tantalum Nitride film insure long term life stability and stability in most envi-
ronments.
Using the same manufacturing line as the PFC Military Series, IRC’s precision chips maintain the same supe-
rior environmental performance. Specially selected materials and processes insure initial precision is main-
tained in the harshest surface mount soldering environment. Wrap-around terminations with leach-resistant
nickel barriers insure high integrity solder connections.
Model
Power Rating
(70°C)
Max Voltage
Rating (≤ P x R)
Temperature
Range
ESD
Sensitivity
Noise
Termination
Substrate
W0402
50mW
75V
-55°C to +150°C
2KV to 4KV
(HBM)
<-25dB
60/40 Sn/Pb
or 100% tin
(RoHS
compliant)
plated over
nickel barrier
99.5%
Alumina
W0603
100mW
75V
W0805
250mW
100V
W1206
333mW
200V
W1505
350mW
100V
W2010
800mW
175V
W2512
1.0W
200V
±5%, ±2%, ±1%, ±0.5%, ±0.1%
±5%, ±2%, ±1%, ±0.5%, ±0.1%, ±0.05%, ±0.02%
±25 ppm/°C
±50 or ±100 ppm/°C
W1206
5
10
50
100
200
400K
650K
1.0M
W0805
5
10
50
100
200
100K
180K
267K
±5%, ±2%, ±1%, ±0.5%, ±0.1%, ±0.05%
Resistance Range
±15 ppm/°C
±10 ppm/°C
30K
W0402
50
W0603
5
10
50
100
200
50K
75K
100K
Resistance Range
Tolerance
Resistance Range
TCR
W1505
5
10
50
400K
650K
1.0M
W2010
5
10
50
400K
650K
1.0M
W2512
5
10
50
400K
650K
1.0M
TCR
Tolerance
TCR
Tolerance
±25, ±50 or ±100 ppm/°C


Similar Part No. - PFC-W2512LF-11-1001-B

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
PFC-W2512LF-11-1001 IRCTT-PFC-W2512LF-11-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
More results

Similar Description - PFC-W2512LF-11-1001-B

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
logo
TT Electronics.
PFC-W0603LF-03 TTELEC-PFC-W0603LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MCS0402AT VISHAY-MCS0402AT_V01 Datasheet
150Kb / 10P
   Precision Thin Film Chip Resistors
01-Jan-2022
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
   Thin Film Precision Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
   Precision Thin Film Chip Resistors
Revision: 16-Jan-13
logo
TT Electronics.
PFC-W0805LF-03 TTELEC-PFC-W0805LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
PFC-W1206LF-03 TTELEC-PFC-W1206LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MCS-0402-AT VISHAY-MCS-0402-AT Datasheet
151Kb / 10P
   Precision Thin Film Chip Resistors
Revision: 21-Feb-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com