Electronic Components Datasheet Search |
|
T495B107K010AHE1K5 Datasheet(PDF) 1 Page - Kemet Corporation |
|
T495B107K010AHE1K5 Datasheet(HTML) 1 Page - Kemet Corporation |
1 / 8 page 31 SOLID TANTALUM CHIP CAPACITORS T495 SERIES—Low ESR, Surge Robust OUTLINE DRAWING FEATURES • New Extended Values for Low ESR • Low Equivalent Series Inductance ( 2.5nH ESL) • Precision-molded, laser-marked case • Symmetrical, compliant terminations • Taped and reeled per EIA 481-1 • RoHS Compliant & Leadfree Terminations (see www.kemet.com for lead transition) STANDARD T495 DIMENSIONS Millimeters (Inches) Notes: 1. Metric dimensions govern. 2. (Ref) - Dimensions provided for reference only. 3. No dimensions provided for B, P or R because low profile cases do not have a bevel or a notch. LOW PROFILE T495 DIMENSIONS Millimeters (Inches) ©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 • Designed for very low ESR • High ripple current capability • High surge current capability • 100% accelerated steady-state aging • 100% Surge Current test • Meets or Exceeds EIA Standard 535BAAC • Available tested per DSCC Dwg. 95158 • Operating Temperature: -55˚C to +125˚C Capacitance Tolerance M = ±20%, K = ±10% Series T495 - Low ESR, Surge Robust Lead Material T = 100% Tin (Sn) Plated H = Tin/Lead (SnPb 5% Pb min) G = Gold Plated Case Size B, C, D, T, V, X Capacitance Picofarad Code First two digits represent significant figures. Third digit specifies number of zeros to follow. Tantalum T 495 X 107 M 010 A T E100 ESR E100 = ESR in Milliohmns = 100 mOhms E1K5 = ESR in Ohms = 1.5 Ohms 4095 = DSCC Dwg. 95158 Designator Failure Rate A = Not Applicable Voltage W K X CATHODE (-) END VIEW SIDE VIEW ANODE (+) END VIEW T G S S B B H H BOTTOM VIEW E F A L Termination cutout at KEMETs Option, either end R P KEMET EIA A 3216-18 3.2 ± 0.2 (.126 ± .008) 1.6 ± 0.2 (.063 ± .008) 1.6 ± 0.2 (.063 ± .008) 1.2 (.047) 0.8 (.031) 0.4 (.016) 0.10 ± 0.10 (.004 ± .004) 0.4 (.016) 0.4 (.016) 0.13 (.005) 1.4 (.055) 1.1 (.043) 1.3 (.051) B 3528-21 3.5 ± 0.2 (.138 ± .008) 2.8 ± 0.2 (.110 ± .008) 1.9 ± 0.1 (.075 ± .008) 2.2 (.087) 0.8 (.031) 0.4 (.016) 0.10 ± 0.10 (.004 ± .004) 0.5 (.020) 1.0 (.039) 0.13 (.005) 1.1 (.043) 1.8 (.071) 2.2 (.087) C 6032-28 6.0 ± 0.3 (.236 ± .012) 3.2 ± 0.3 (.126 ± .12) 2.5 ± 0.3 .098 ± .012) 2.2 (.087) 1.3 (.051) 0.5 (.020) 0.10 ± 0.10 (.004 ± .004) 0.9 (.0235) 1.0 (.039) 0.13 (.005) 3.1 (.122) 2.8 (.110) 2.4 (.094) D 7343-31 7.3 ± 0.3 (.287 ± .012) 4.3 ± 0.3 (.169 ± .012) 2.8 ± 0.3 (.110 ± .012) 2.4 (.094) 1.3 (.051) 0.5 (.020) 0.10 ± 0.10 (.004 ± .004) 0.9 (.0235) 1.0 (.039) 0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138) X 7343-43 7.3 ± 0.3 (.287 ± .012) 4.3 ± 0.3 (.169 ± .012) 4.0 ± 0.3 (.157 ± .012) 2.4 (.094) 1.3 (.051) 0.5 (.020) 0.10 ± 0.10 (.004 ± .004) 1.7 (.067) 1.0 (.039) 0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138) E 7260-38 7.3 ± 0.3 (.287 ± .012) 6.0 ± 0.3 (.236± .012) 3.6 ± 0.2 (.142 ± .008) 4.1 (.161) 1.3 (.051) 0.5 (.020) 0.10 ± 0.10 (.004 ± .004) 0.9 (.035) 1.0 (.039) 0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138) T (Ref) Case Size LW H A (Min) G (Ref) E (Ref) F ±0.1 S ±0.3 X (Ref) B ±0.15 (Ref) ±(.006) P (Ref) R (Ref) Notes: 1. Metric dimensions govern 2. (Ref) Dimensions provided for reference only T495 Series - ORDERING INFORMATION KEMET EIA T 3528-12 3.5 ± 0.2 (.138 ± .008) 2.8 ± 0.2 (.110 ± .008) 1.2 (.047) 2.2 (.087) 0.8 (.031) 0.05 (.002) 0.13 (.005) 1.1 (.043) 1.8 (.071) 2.2 (.087) V 7343.2 7.3 ± 0.3 (.287 ± .012) 4.3 ± 0.3 (.169 ± .012) 2.0 (.079) 2.4 (.094) 1.3 (.051) 0.05 (.002) 0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138) A (Min) G (Ref) E (Ref) F ±0.1 S ±0.3 X (Ref) T (Ref) Case Size L W H Max. |
Similar Part No. - T495B107K010AHE1K5 |
|
Similar Description - T495B107K010AHE1K5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |