Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T495V107M010AGE1K5 Datasheet(PDF) 3 Page - Kemet Corporation

Part # T495V107M010AGE1K5
Description  SOLID TANTALUM CHIP CAPACITORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T495V107M010AGE1K5 Datasheet(HTML) 3 Page - Kemet Corporation

  T495V107M010AGE1K5 Datasheet HTML 1Page - Kemet Corporation T495V107M010AGE1K5 Datasheet HTML 2Page - Kemet Corporation T495V107M010AGE1K5 Datasheet HTML 3Page - Kemet Corporation T495V107M010AGE1K5 Datasheet HTML 4Page - Kemet Corporation T495V107M010AGE1K5 Datasheet HTML 5Page - Kemet Corporation T495V107M010AGE1K5 Datasheet HTML 6Page - Kemet Corporation T495V107M010AGE1K5 Datasheet HTML 7Page - Kemet Corporation T495V107M010AGE1K5 Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
33
SOLID TANTALUM CHIP CAPACITORS
T495 SERIES—Low ESR, Surge Robust
T495 RATINGS & PART NUMBER REFERENCE
(1) To complete KEMET part number, insert "K" for ±10% or "M" for ±20% capacitance tolerance. (2) To copmplete KEMET part number, insert lead material
(designations per Ordering Information on page 31. * Extended Values
High voltage ratings and tighter capacitance tolerance product may be substituted within
(the same size at KEMET's option
0
D
(1) To complete KEMET part number, insert “K” for ±10% or “M” for ±20% capacitance tolerance.
(2) To complete KEMET part number, insert lead material designations per Ordering Information on page 31.
* Extended Values
Higher voltage ratings and tighter capacitance tolerance product may be substituted within the same size at KEMET’s
option. Voltage substitutions will be marked with the higher voltage rating.,
Polarity
Indicator
(+)
Voltage
KEMET
MnO2
Picofarad
Code
Date
Code
Lot
Code
A Case Size
Voltage Code
G
4
J
6.3
A
10
C
16
D
20
E
25
V
35
T
50
A Case Size
Polarity
Indicator
(+)
Voltage
KEMET
MnO2
Picofarad
Code
Date
Code
Lot
Code
B Case Size
Polarity
Indicator
(+)
Lot Code
KEMET
MnO2
Picofarad
Code
Voltage
Date
Code
C,D,X Case Size
V5
49
Date Code - Year
Date Code - Month
S = 2004
V = 2007 1 = January 4 = April 7 = July
10 = October
T = 2005
W = 2008 2 = February 5 = May
8 = August
11 = November
U = 2006
X = 2009 3 = March
6 = June 9 = September 12 = December
CAPACITOR
ALTERNATE MARKINGS
25°C
85°C 125°C
220.0
V
T495V227(1)010A(2)E150
22.0
12.0
150
913
822
365
220.0
D
T495D227(1)010A(2)E045
22.0
8.0
45
1826
1643
730
220.0
D
T495D227(1)010A(2)E075
22.0
8.0
75
1414
1273
566
220.0
D
T495D227(1)010A(2)E100
22.0
8.0
100
1225
1102
490
220.0
D
T495D227(1)010A(2)E125
22.0
8.0
125
1095
986
438
220.0
X
T495X227(1)010A(2)E045
22.0
8.0
45
1915
1723
766
220.0
X
T495X227(1)010A(2)E050
22.0
8.0
50
1817
1635
727
220.0
X
T495X227(1)010A(2)E060
22.0
8.0
60
1658
1492
663
220.0
X
T495X227(1)010A(2)E070
22.0
8.0
70
1535
1382
614
220.0
X
T495X227(1)010A(2)E100
22.0
8.0
100
1285
1156
514
220.0
X
T495X227(1)010A(2)4095
95158-28(1)(2)
15.0
8.0
100
1285
1156
514
330.0
D
T495D337(1)010A(2)E100
33.0
8.0
100
1227
1102
490
330.0
D
T495D337(1)010A(2)E125
33.0
10.0
125
1095
986
438
330.0
D
T495D337(1)010A(2)E150
33.0
10.0
150
1000
900
400
330.0
X
T495X337(1)010A(2)E035
33.0
10.0
35
2171
1954
868
330.0
X
T495X337(1)010A(2)E050
33.0
10.0
50
1817
1635
727
330.0
X
T495X337(1)010A(2)E060
33.0
10.0
60
1658
1492
663
330.0
X
T495X337(1)010A(2)E100
33.0
10.0
100
1284
1156
513
330.0
E
T495E337(1)010A(2)E040
33.0
8.0
40
2236
2012
894
330.0
E
T495E337(1)010A(2)E060
33.0
10.0
60
1826
1643
730
330.0
E
T495E337(1)010A(2)E100
33.0
10.0
100
1414
1273
566
470.0
X
T495X477M010A(2)E045
47.0
10.0
45
1915
1723
766
470.0
X
T495X477M010A(2)E050
47.0
10.0
50
1817
1635
727
470.0
X
T495X477M010A(2)E060
47.0
10.0
60
1658
1492
663
470.0
X
T495X477M010A(2)E100
47.0
10.0
100
1284
1156
513
470.0
X
T495X477M010A(2)E200
47.0
10.0
200
908
817
363
470.0
E
T495E477(1)010A(2)E040
47.0
10.0
40
2236
2012
894
470.0
E
T495E477(1)010A(2)E060
47.0
10.0
60
1826
1643
730
470.0
E
T495E477(1)010A(2)E100
47.0
10.0
100
1414
1273
566
3.3
A
T495A335(1)016A(2)E3K0
0.5
6.0
3000
158
142
63
4.7
A
T495A475(1)016A(2)E2K0
0.8
6.0
2000
194
174
77
4.7
B
T495B475(1)016A(2)E700
0.8
6.0
700
348
313
139
6.8
C
T495C685(1)016A(2)E750
1.1
6.0
750
383
345
153
10.0
T
T495T106M016A(2)E4K0
1.6
8.0
4000
132
119
53
15.0
A
T495A156(1)016A(2)E2K5
2.4
8.0
2500
173
156
69
15.0
B
T495B156(1)016A(2)E800
2.4
6.0
800
326
293
130
33.0
C
T495C336(1)016A(2)E200
5.3
6.0
200
742
667
297
33.0
C
T495C336(1)016A(2)E225
5.3
6.0
225
699
629
280
33.0
C
T495C336(1)016A(2)E275
5.3
6.0
275
632
569
253
33.0
D
T495D336(1)016A(2)E150
6.6
6.0
150
1000
900
400
33.0
D
T495D336(1)016A(2)E175
5.3
6.0
175
926
833
370
33.0
D
T495D336(1)016A(2)E225
4.2
4.0
225
816
735
327
33.0
D
T495D336(1)016A(2)4095
95158-09(1)(2)
4.2
4.0
250
770
700
310
47.0
C
T495C476(1)016A(2)E350
7.5
6.0
350
561
505
224
47.0
D
T495D476(1)016A(2)E080
7.5
6.0
80
1369
1232
547
47.0
D
T495D476(1)016A(2)E100
7.5
6.0
100
1225
1102
490
47.0
D
T495D476(1)016A(2)E150
7.5
6.0
150
1000
900
400
47.0
D
T495D476(1)016A(2)4095
95158-10(1)(2)
7.5
6.0
200
870
780
345
68.0
V
T495V686(1)016A(2)E180
10.9
6.0
180
833
750
333
68.0
V
T495V686(1)016A(2)E300
10.9
6.0
300
645
581
258
68.0
D
T495D686(1)016A(2)E070
10.9
6.0
70
1464
1317
586
68.0
D
T495D686(1)016A(2)E100
10.9
6.0
100
1225
1102
490
68.0
D
T495D686(1)016A(2)E150
10.9
6.0
150
1000
900
400
100.0
D
T495D107(1)016(2)E100
16.0
8.0
100
1225
1102
490
100.0
D
T495D107(1)016A(2)E125
16.0
8.0
125
1095
986
438
100.0
X
T495X107(1)016A(2)E080
16.0
8.0
80
1436
1293
574
100.0
X
T495X107(1)016A(2)E100
16.0
8.0
100
1285
1156
514
100.0
X
T495X107(1)016A(2)4095
95158-11(1)(2)
16.0
8.0
125
1149
1034
460
150.0
D
T495D157M016A(2)E100
24.0
8.0
100
1224
1102
489
150.0
D
T495D157(1)016A(2)E125
24.0
8.0
125
1095
985
438
150.0
D
T495D157(1)016A(2)E150
24.0
8.0
150
1000
900
400
150.0
X
T495X157(1)016A(2)E075
24.0
8.0
75
1483
1335
593
150.0
X
T495X157(1)016A(2)E100
24.0
8.0
100
1285
1156
514
220.0
X
T495X227(1)016A(2)E100
35.2
8.0
100
1284
1156
513
220.0
E
T495E227(1)016A(2)E050
35.2
12.0
50
2000
1800
800
220.0
E
T495E227(1)016A(2)E075
35.2
8.0
75
1632
1469
652
220.0
E
T495E227(1)016A(2)E100
35.2
7.2
100
1414
1273
566
220.0
E
T495E227(1)016A(2)E150
35.2
7.2
150
1155
1039
462
10 Volt Rating @ +85°C (7 Volt Rating at +125°C) cont.
KEMET
Part Number
DSCC Dwg.
No. 95158
Part Number
DC
Leakage
µA @
25°C
Max
DF%
@ 25°C
120 Hz
Max
ESR mΩ
@ 25°C
100 kHz
Max
16 Volt Rating @ +85°C (10 Volt Rating at +125°C)
Ripple Current mA
rms @
25°C, 100 kHz Max
Capaci-
tance µF
Case
Size
25°C
85°C 125°C
1.0
A
T495A105(1)020A(2)E3K0
0.2
4.0
3000
158
142
63
10.0
B
T495B106(1)020A(2)E1K0
2.0
6.0
1000
292
262
117
10.0
C
T495C106(1)020A(2)E400
2.0
6.0
400
524
472
210
10.0
C
T495C106(1)020A(2)E475
2.0
6.0
475
481
433
192
15.0
C
T495C156(1)020A(2)E375
3.0
6.0
375
542
487
217
15.0
D
T495D156(1)020A(2)E275
2.4
4.0
275
738
665
295
15.0
D
T495D156(1)020A(2)4095
95158-12(1)(2)
2.4
4.0
275
738
665
295
22.0
D
T495D226(1)020A(2)E180
3.5
4.0
180
913
822
365
22.0
D
T495D226(1)020A(2)E225
3.5
4.0
225
816
735
326
22.0
D
T495D226(1)020A(2)4095
95158-13(1)(2)
3.5
4.0
275
739
665
295
33.0
D
T495D336(1)020A(2)E100
6.6
6.0
100
1225
1102
490
33.0
D
T495D336(1)020A(2)E150
6.6
6.0
150
1000
900
400
33.0
D
T495D336(1)020A(2)E200
6.6
6.0
200
866
780
346
47.0
D
T495D476(1)020A(2)E075
9.4
6.0
75
1414
1272
565
47.0
D
T495D476(1)020A(2)E100
9.4
6.0
100
1225
1102
490
47.0
D
T495D476(1)020A(2)E175
9.4
6.0
175
926
833
370
47.0
X
T495X476(1)020A(2)E065
9.4
8.0
65
1593
1434
637
47.0
X
T495X476(1)020A(2)E100
9.4
6.0
100
1285
1156
514
47.0
X
T495X476(1)020A(2)E125
9.4
6.0
125
1149
1034
460
47.0
X
T495X476(1)020A(2)E150
7.5
4.0
150
1049
944
420
47.0
X
T495X476(1)020A(2)4095
95158-14(1)(2)
7.5
4.0
150
1049
944
420
68.0
D
T495D686(1)020A(2)E070
13.6
8.0
70
1464
1317
586
68.0
D
T495D686(1)020A(2)E150
13.6
8.0
150
1000
900
400
68.0
X
T495X686(1)020A(2)E120
13.6
6.0
120
1173
1055
469
68.0
X
T495X686(1)020A(2)E150
13.6
6.0
150
1049
944
420
68.0
X
T495X686(1)020A(2)4095
95158-15(1)(2)
13.6
6.0
150
1049
944
420
100.0
X
T495X107(1)020A(2)E100
20.0
6.0
100
1285
1156
514
100.0
X
T495X107(1)020A(2)E150
20.0
8.0
150
1049
944
420
100.0
E
T495E107(1)020A(2)E060
20.0
8.0
60
1826
1643
730
100.0
E
T495E107(1)020A(2)E085
20.0
8.0
85
1534
1381
614
100.0
E
T495E107(1)020A(2)E100
20.0
8.0
100
1414
1273
566
100.0
E
T495E107(1)020A(2)E200
20.0
8.0
200
1000
900
400
150.0
E
T495E157(1)020A(2)E080
30.0
8.0
80
1581
1423
632
0.47
A
T495A474(1)025A(2)E4K5
0.5
4.0
4500
129
116
52
2.2
C
T495C225(1)025A(2)E1K3
0.6
6.0
1300
291
262
116
3.3
C
T495C335(1)025A(2)E750
0.9
6.0
750
383
345
153
4.7
C
T495C475(1)025A(2)E575
1.2
6.0
575
437
394
175
6.8
B
T495B685(1)025A(2)E1K5
1.7
6.0
1500
238
214
95
6.8
C
T495C685(1)025A(2)E400
1.7
6.0
400
524
472
210
6.8
C
T495C685(1)025A(2)E490
1.7
6.0
490
474
426
190
6.8
C
T495C685(1)025A(2)E500
1.7
6.0
500
469
422
188
10.0
C
T495C106(1)025A(2)E275
2.5
6.0
275
632
569
253
10.0
C
T495C106(1)025A(2)E300
2.5
6.0
300
606
545
242
10.0
C
T495C106(1)025A(2)E450
2.5
6.0
450
494
445
198
15.0
D
T495D156(1)025A(2)E100
3.8
6.0
100
1225
1102
490
15.0
D
T495D156(1)025A(2)E275
3.8
6.0
275
738
665
295
15.0
D
T495D156(1)025A(2)4095
95158-16(1)(2)
3.8
6.0
275
738
665
295
15.0
X
T495X156(1)025A(2)E200
3.0
4.0
200
908
817
363
15.0
X
T495X156(1)025A(2)4095
95158-17(1)(2)
3.0
4.0
200
908
817
363
22.0
C
T495C226(1)025A(2)E275
5.5
6.0
275
632
569
253
22.0
C
T495C226(1)025A(2)E300
5.5
8.0
300
606
545
242
22.0
*C T495C226(1)025A(2)E900
5.5
6.0
900
350
315
140
22.0
D
T495D226(1)025A(2)E200
5.5
6.0
200
866
780
346
22.0
X
T495X226(1)025A(2)E225
4.4
4.0
225
856
771
343
22.0
X
T495X226(1)025A(2)4095
95158-18(1)(2)
4.4
4.0
225
856
771
343
33.0
D
T495D336(1)025A(2)E090
8.3
6.0
90
1291
1162
516
33.0
D
T495D336(1)025A(2)E100
8.3
6.0
100
1225
1102
490
33.0
D
T495D336(1)025A(2)E225
8.3
6.0
225
816
735
327
33.0
D
T495D336(1)025A(2)E300
8.3
6.0
300
707
636
283
33.0
X
T495X336(1)025A(2)E100
8.3
4.0
100
1285
1156
514
33.0
X
T495X336(1)025A(2)E175
6.6
4.0
175
971
874
388
33.0
X
T495X336(1)025A(2)E200
8.3
4.0
200
908
817
363
33.0
X
T495X336(1)025A(2)4095
95158-19(1)(2)
6.6
4.0
175
971
874
388
47.0
X
T495X476M025A(2)E080
11.8
8.0
80
1436
1293
574
47.0
X
T495X476M025A(2)E150
11.8
6.0
150
1049
944
420
47.0
X
T495X476M025A(2)E185
16.5
8.0
185
944
850
378
47.0
X
T495X476M025A(2)E200
11.8
6.0
200
908
817
363
47.0
D
T495D476M025(2)E120
11.8
10.0
120
1118
1006
447
47.0
D
T495D476(1)025(2)E250
11.8
10.0
250
775
697
310
Capaci-
tance µF
20 Volt Rating @ +85°C (13 Volt Rating at +125°C)
25 Volt Rating @ +85°C (17 Volt Rating at +125°C)
DF%
@ 25°C
120 Hz
Max
ESR mΩ
@ 25°C
100 kHz
Max
Ripple Current mA
rms @
25°C, 100 kHz Max
Case
Size
KEMET
Part Number
DSCC Dwg.
No. 95158
Part Number
DC
Leakage
µA @
25°C
Max
25°C
85°C
125°C
220.0
D
T495D227(1)010A(2)E045
22.0
8.0
45
1826
1643
730
220.0
D
T495D227(1)010A(2)E075
22.0
8.0
75
1414
1273
566
220.0
D
T495D227(1)010A(2)E100
22.0
8.0
100
1225
1102
490
220.0
D
T495D227(1)010A(2)E125
22.0
8.0
125
1095
986
438
220.0
X
T495X227(1)010A(2)E045
22.0
8.0
45
1915
1723
766
220.0
X
T495X227(1)010A(2)E050
22.0
8.0
50
1817
1635
727
220.0
X
T495X227(1)010A(2)E060
22.0
8.0
60
1658
1492
663
220.0
X
T495X227(1)010A(2)E070
22.0
8.0
70
1535
1382
614
220.0
X
T495X227(1)010A(2)E100
22.0
8.0
100
1285
1156
514
220.0
X
T495X227(1)010A(2)4095
95158-28(1)(2)
15.0
8.0
100
1285
1156
514
330.0
D
T495D337(1)010A(2)E100
33.0
8.0
100
1227
1102
490
330.0
D
T495D337(1)010A(2)E125
33.0
10.0
125
1095
986
438
330.0
D
T495D337(1)010A(2)E150
33.0
10.0
150
1000
900
400
330.0
X
T495X337(1)010A(2)E035
33.0
10.0
35
2171
1954
868
330.0
X
T495X337(1)010A(2)E050
33.0
10.0
50
1817
1635
727
330.0
X
T495X337(1)010A(2)E060
33.0
10.0
60
1658
1492
663
330.0
X
T495X337(1)010A(2)E100
33.0
10.0
100
1284
1156
513
330.0
E
T495E337(1)010A(2)E040
33.0
8.0
40
2236
2012
894
330.0
E
T495E337(1)010A(2)E060
33.0
10.0
60
1826
1643
730
330.0
E
T495E337(1)010A(2)E100
33.0
10.0
100
1414
1273
566
470.0
X
T495X477M010A(2)E045
47.0
10.0
45
1915
1723
766
470.0
X
T495X477M010A(2)E050
47.0
10.0
50
1817
1635
727
470.0
X
T495X477M010A(2)E060
47.0
10.0
60
1658
1492
663
470.0
X
T495X477M010A(2)E100
47.0
10.0
100
1284
1156
513
470.0
X
T495X477M010A(2)E200
47.0
10.0
200
908
817
363
470.0
E
T495E477(1)010A(2)E040
47.0
10.0
40
2236
2012
894
470.0
E
T495E477(1)010A(2)E060
47.0
10.0
60
1826
1643
730
470.0
E
T495E477(1)010A(2)E100
47.0
10.0
100
1414
1273
566
3.3
A
T495A335(1)016A(2)E3K0
0.5
6.0
3000
158
142
63
4.7
A
T495A475(1)016A(2)E2K0
0.8
6.0
2000
194
174
77
4.7
B
T495B475(1)016A(2)E700
0.8
6.0
700
348
313
139
6.8
C
T495C685(1)016A(2)E750
1.1
6.0
750
383
345
153
10.0
T
T495T106M016A(2)E4K0
1.6
8.0
4000
132
119
53
15.0
A
T495A156(1)016A(2)E2K5
2.4
8.0
2500
173
156
69
15.0
B
T495B156(1)016A(2)E800
2.4
6.0
800
326
293
130
33.0
C
T495C336(1)016A(2)E200
5.3
6.0
200
742
667
297
33.0
C
T495C336(1)016A(2)E225
5.3
6.0
225
699
629
280
33.0
C
T495C336(1)016A(2)E275
5.3
6.0
275
632
569
253
33.0
D
T495D336(1)016A(2)E150
6.6
6.0
150
1000
900
400
33.0
D
T495D336(1)016A(2)E175
5.3
6.0
175
926
833
370
33.0
D
T495D336(1)016A(2)E225
4.2
4.0
225
816
735
327
33.0
D
T495D336(1)016A(2)4095
95158-09(1)(2)
4.2
4.0
250
770
700
310
47.0
C
T495C476(1)016A(2)E350
7.5
6.0
350
561
505
224
47.0
D
T495D476(1)016A(2)E080
7.5
6.0
80
1369
1232
547
47.0
D
T495D476(1)016A(2)E100
7.5
6.0
100
1225
1102
490
47.0
D
T495D476(1)016A(2)E150
7.5
6.0
150
1000
900
400
47.0
D
T495D476(1)016A(2)4095
95158-10(1)(2)
7.5
6.0
200
870
780
345
68.0
V
T495V686(1)016A(2)E180
10.9
6.0
180
833
750
333
68.0
V
T495V686(1)016A(2)E300
10.9
6.0
300
645
581
258
68.0
D
T495D686(1)016A(2)E070
10.9
6.0
70
1464
1317
586
68.0
D
T495D686(1)016A(2)E100
10.9
6.0
100
1225
1102
490
68.0
D
T495D686(1)016A(2)E150
10.9
6.0
150
1000
900
400
100.0
D
T495D107(1)016(2)E100
16.0
8.0
100
1225
1102
490
100.0
D
T495D107(1)016A(2)E125
16.0
8.0
125
1095
986
438
100.0
X
T495X107(1)016A(2)E080
16.0
8.0
80
1436
1293
574
100.0
X
T495X107(1)016A(2)E100
16.0
8.0
100
1285
1156
514
100.0
X
T495X107(1)016A(2)4095
95158-11(1)(2)
16.0
8.0
125
1149
1034
460
150.0
D
T495D157M016A(2)E060
24.0
12.0
60
1581
1423
632
150.0
D
T495D157M016A(2)E085
24.0
8.0
85
1328
1196
531
150.0
D
T495D157M016A(2)E100
24.0
8.0
100
1224
1102
489
150.0
D
T495D157(1)016A(2)E125
24.0
8.0
125
1095
985
438
150.0
D
T495D157(1)016A(2)E150
24.0
8.0
150
1000
900
400
150.0
X
T495X157(1)016A(2)E075
24.0
8.0
75
1483
1335
593
150.0
X
T495X157(1)016A(2)E100
24.0
8.0
100
1285
1156
514
220.0
X
T495X227(1)016A(2)E100
35.2
8.0
100
1284
1156
513
220.0
E
T495E227(1)016A(2)E050
35.2
12.0
50
2000
1800
800
220.0
E
T495E227(1)016A(2)E075
35.2
8.0
75
1632
1469
652
220.0
E
T495E227(1)016A(2)E100
35.2
7.2
100
1414
1273
566
220.0
E
T495E227(1)016A(2)E150
35.2
7.2
150
1155
1039
462
16 Volt Rating @ +85°C (10 Volt Rating at +125°C)
Ripple Current mA
rms @
25°C, 100 kHz Max
Capaci-
tance µF
Case
Size
KEMET
Part Number
DSCC Dwg.
No. 95158
Part Number
DC
Leakage
µA @
25°C
Max
DF%
@ 25°C
120 Hz
Max
ESR m
Ω
@ 25°C
100 kHz
Max
10 Volt Rating @ +85°C (7 Volt Rating at +125°C) cont.


Similar Part No. - T495V107M010AGE1K5

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495V107M010AGE0457280 KEMET-T495V107M010AGE0457280 Datasheet
1Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR
More results

Similar Description - T495V107M010AGE1K5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_17 Datasheet
313Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 21-Jun-17
logo
Cornell Dubilier Electr...
T491T156K004AS CDE-T491T156K004AS Datasheet
277Kb / 4P
   Solid Tantalum Chip Capacitors
logo
Vishay Siliconix
TM8 VISHAY-TM8_17 Datasheet
423Kb / 18P
   Solid Tantalum Chip Capacitors
Revision: 09-Mar-17
logo
Kemet Corporation
CWR11DB105MBA KEMET-CWR11DB105MBA Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T495 KEMET-T495 Datasheet
726Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
597D227X9020R2T VISHAY-597D227X9020R2T Datasheet
827Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
logo
Kemet Corporation
T494A105M035AT KEMET-T494A105M035AT Datasheet
751Kb / 7P
   SOLID TANTALUM CHIP CAPACITORS
T498 KEMET-T498 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T510 KEMET-T510 Datasheet
981Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
592D VISHAY-592D_17 Datasheet
335Kb / 25P
   Solid Tantalum Chip Capacitors
Revision: 27-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com