Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLF7032 Datasheet(PDF) 1 Page - TDK Electronics

Part # SLF7032
Description  The SLF series are characterized by low profile, low DC resistance, and high current handling capacities
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SLF7032 Datasheet(HTML) 1 Page - TDK Electronics

  SLF7032 Datasheet HTML 1Page - TDK Electronics SLF7032 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications which provide more details for the proper and safe use of the described product are available upon request.
All specifications are subject to change without notice.
531_SLF10145
(1/2)
Inductors
SLF Series SLF10145 Type
For Power Line
SMD
FEATURES
• The SLF series are characterized by low profile, low DC
resistance, and high current handling capacities.
• Because they are magnetically shielded, these parts can be
used in high-density mounting configurations.
• Flat bottom surface ensures secure, reliable mounting.
• Provided in embossed carrier tape packaging for use with
automatic mounting machines.
APPLICATIONS
Portable telephones, personal computers, hard disk drives, and
other electronic equipment.
SPECIFICATIONS
RECOMMENDED REFLOW SOLDERING CONDITIONS
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions L
×W×T
(3) Packaging style
(4) Inductance value
(5) Inductance tolerance
(6) Rated current
(7) TDK internal code
(Some products may not have this number. See the main body
for details.)
PACKAGING STYLE AND QUANTITIES
Type
Operating temperature
range
[Including self-temperature rise]
Storage temperature
range
[Unit of products]
SLF6025
–20 to +85°C
–40 to +85°C
SLF6028
–20 to +85°C
–40 to +85°C
SLF7028
–20 to +85°C
–40 to +85°C
SLF7030
–20 to +85°C
–40 to +85°C
SLF7032
–20 to +85°C
–40 to +85°C
SLF7045
–20 to +85°C
–40 to +85°C
SLF10145
–20 to +90°C
–40 to +90°C
SLF12555
–20 to +90°C
–40 to +90°C
SLF12565
–20 to +105°C
–40 to +105°C
SLF12575
–20 to +105°C
–40 to +105°C
40s
60 to 120s
Preheating
5s
Natural
cooling
240
±5°C
220
±5°C
150°C
130°C
Time(s)
6025
6.0
×6.0×2.5mm
6028
6.0
×6.0×2.8mm
7028
7.0
×7.0×2.8mm
7030
7.0
×7.0×3.0mm
7032
7.0
×7.0×3.2mm
7045
7.0
×7.0×4.5mm
10145
10.1
×10.1×4.5mm
12555
12.5
×12.5×5.5mm
12565
12.5
×12.5×6.5mm
12575
12.5
×12.5×7.5mm
T
Taping(reel)
3R3
3.3
µH
100
10
µH
M
±20%
N
±30%
1R9
1.9A
R96
0.96A
Packaging style
Type
Quantity
Taping
SLF6025T
1000 pieces/reel
SLF6028T
1000 pieces/reel
SLF7028T
1000 pieces/reel
SLF7030T
1000 pieces/reel
SLF7032T
1000 pieces/reel
SLF7045T
1000 pieces/reel
SLF10145T
500 pieces/reel
SLF12555T
500 pieces/reel
SLF12565T
500 pieces/reel
SLF12575T
500 pieces/reel
SLF 7032 T- 220 M R96 -2
(1)
(2)
(3) (4)
(5) (6)
(7)


Similar Part No. - SLF7032

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SLF7032 TDK-SLF7032 Datasheet
82Kb / 2P
   Inductors For Power Line SMD
SLF7032 TDK-SLF7032 Datasheet
82Kb / 2P
   Inductors For Power Line SMD
SLF7032 TDK-SLF7032 Datasheet
7Mb / 49P
   Inductors for Power Circuits Wound Ferrite SLFseries
SLF7032 TDK-SLF7032 Datasheet
55Kb / 2P
   For Power Line SMD
SLF7032 TDK-SLF7032 Datasheet
817Kb / 49P
   Inductors for Power Circuits Wound Ferrite SLFseries
More results

Similar Description - SLF7032

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SLF7045T-220MR90 TDK-SLF7045T-220MR90 Datasheet
55Kb / 2P
   The SLF series are characterized by low profile, low DC resistance, and high current handling capacities.
SLF10145T-330M1R6-H TDK-SLF10145T-330M1R6-H Datasheet
62Kb / 2P
   The SLF series are characterized by low profile, low DC resistance, and high current handling capacities
logo
Taoglas antenna solutio...
TI.10.0421 TAOGLAS-TI.10.0421 Datasheet
156Kb / 5P
   Low Profile and Robust Handling
TI.10.0111 TAOGLAS-TI.10.0111 Datasheet
136Kb / 5P
   Low Profile and Robust Handling
TI.10.0112 TAOGLAS-TI.10.0112 Datasheet
222Kb / 5P
   Low Profile and Robust Handling
logo
List of Unclassifed Man...
120-102111-1 ETC2-120-102111-1 Datasheet
335Kb / 3P
   Capable of handling low and high current requirements
logo
Guilin Strong Micro-Ele...
GM4947 GSME-GM4947 Datasheet
288Kb / 3P
   Low on-resistance and maximum DC current capability
logo
MagnaChip Semiconductor...
MMD60R900QRH MGCHIP-MMD60R900QRH Datasheet
1Mb / 10P
   Low power loss by high speed switching and low on-resistance
logo
Abracon Corporation
ASPI-0630LR ABRACON-ASPI-0630LR Datasheet
2Mb / 7P
   High saturation current. Low loss due to low DC resistance.
11.17.11
logo
Murata Manufacturing Co...
BLM18SG260TN1 MURATA1-BLM18SG260TN1_V01 Datasheet
281Kb / 3P
   Low DC Resistance/Large Rated Current
Last updated07/11/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com