Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLR-56VC Datasheet(PDF) 3 Page - Rohm

Part # SLR-56VC
Description  Thank you for your accessing to ROHM product informations. More detail product informations and catalogs are available, please contact us.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLR-56VC Datasheet(HTML) 3 Page - Rohm

  SLR-56VC Datasheet HTML 1Page - Rohm SLR-56VC Datasheet HTML 2Page - Rohm SLR-56VC Datasheet HTML 3Page - Rohm SLR-56VC Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rank Reference of Brightness
Red (V)
(Ta=25˚C, IF=10mA)
Viewing
angle
(2ɵ1/2)
Brightness Rank
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
Brightness
(mcd)
Resin Color
0.40 to
0.63
0.63 to
1.0
1.0 to
1.6
1.6 to
2.5
2.5 to
4.0
4.0 to
6.3
6.3 to
10
10 to
16
16 to
25
25 to
40
40 to
63
63 to
100
100 to
160
160 to
250
250 to
400
400 to
630
φ5
Circular type
40˚
Transparent Colored
SLR-56VC
Diffused Colored
SLR-56VR
Orange (D)
Viewing
angle
(2ɵ1/2)
Brightness Rank
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
Brightness
(mcd)
Resin Color
0.40 to
0.63
0.63 to
1.0
1.0 to
1.6
1.6 to
2.5
2.5 to
4.0
4.0 to
6.3
6.3 to
10
10 to
16
16 to
25
25 to
40
40 to
63
63 to
100
100 to
160
160 to
250
250 to
400
400 to
630
φ5
Circular type
40˚
Transparent Colored
SLR-56DC
Diffused Colored
SLR-56DU
(Ta=25˚C, IF=10mA)
Yellow (Y)
Viewing
angle
(2ɵ1/2)
Brightness Rank
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
Brightness
(mcd)
Resin Color
0.40 to
0.63
0.63 to
1.0
1.0 to
1.6
1.6 to
2.5
2.5 to
4.0
4.0 to
6.3
6.3 to
10
10 to
16
16 to
25
25 to
40
40 to
63
63 to
100
100 to
160
160 to
250
250 to
400
400 to
630
φ5
Circular type
40˚
Transparent Colored
SLR-56YC
Diffused Colored
SLR-56YY
(Ta=25˚C, IF=10mA)
Green (M)
Viewing
angle
(2ɵ1/2)
Brightness Rank
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
Brightness
(mcd)
Resin Color
0.40 to
0.63
0.63 to
1.0
1.0 to
1.6
1.6 to
2.5
2.5 to
4.0
4.0 to
6.3
6.3 to
10
10 to
16
16 to
25
25 to
40
40 to
63
63 to
100
100 to
160
160 to
250
250 to
400
400 to
630
φ5
Circular type
40˚
Transparent Colored
SLR-56MC
Diffused Colored
SLR-56MG
(Ta=25˚C, IF=10mA)
※Brightness on specification sheet include tolerance of within ± 10%.
Part No. Construction
Concerning the Brightness rank
• Please refer to the rank chart above for luminous intensity classification.
• Part name is individual for each rank.
• When shipped as sample, the part name will be a representative part name.
General products are free of ranks. Please contact sales if rank appointment is needed.
S L R
5 6 V
Series name
Package type
Emitting Color Resin Color
Taping specifications
V
D
Y
M
R <Red>
Diffused Colored
<Orange>
Diffused Colored
<Yellow>
Diffused Colored
<Green>
Diffused Colored
Transparent
Colored
U
Y
G
C
Red:630nm
Orange:605nm
Yellow:587(590)nm
Yellowish-Green:572(563)nm
3F
T
1-Element straight bulk
See taping specifications
C T 3 2
Rank sign (Brightness Rank)∗
K
“−” will be taken out for
emitting color W, B, E series.
Packing Specification
ROHM LED products are being shipped with desiccant (silica gel) concluded in moisture-proof bags.
Pasting the moisture sensitive label on the outer surface of the moisture-proof bags or enclosing the humidity indication card inside the bag is available upon request.
Please contact the nearest sales office or distributer if necessary.
SLR-56 Series
3/3
© 2010 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2010.12 - Rev.A


Similar Part No. - SLR-56VC

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-56VC ROHM-SLR-56VC Datasheet
152Kb / 3P
   phi5.0(T-1 3/4) Circular Type Standard Type
SLR-56VC ROHM-SLR-56VC Datasheet
899Kb / 4P
   SLR-56 Series
SLR-56VC ROHM-SLR-56VC Datasheet
899Kb / 4P
   Viewing angle 2 1/2 : 40
SLR-56VC ROHM-SLR-56VC Datasheet
899Kb / 4P
   Viewing angle 20 1/2 40
SLR-56VC ROHM-SLR-56VC Datasheet
1Mb / 8P
   Viewing angle 20 1/2 40
More results

Similar Description - SLR-56VC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9KAG08U0M-PCB0000 SAMSUNG-K9KAG08U0M-PCB0000 Datasheet
115Kb / 1P
   sheet of this product is either in preparation or is not effective yet. For more details about product specifications or technical files, please inquire through Contact us
logo
RICOH electronics devic...
R1172H RICOH-R1172H Datasheet
30Kb / 1P
   POWER MANAGEMENT ICs MARK INFORMATIONS
RP103K RICOH-RP103K Datasheet
26Kb / 1P
   MARK INFORMATIONS SERIES MARK SPECIFICATION
RP103N RICOH-RP103N Datasheet
24Kb / 1P
   MARK INFORMATIONS SERIES MARK SPECIFICATION
RH5RL RICOH-RH5RL Datasheet
24Kb / 1P
   POWER MANAGEMENT ICs MARK INFORMATIONS
logo
List of Unclassifed Man...
B10-029-266-032 ETC2-B10-029-266-032 Datasheet
50Kb / 2P
   FOR MORE INFORMATION PLEASE
logo
RICOH electronics devic...
RH5RZ RICOH-RH5RZ Datasheet
25Kb / 1P
   POWER MANAGEMENT ICs MARK INFORMATIONS
logo
Silicon Laboratories
SI47XX-EVB SILABS-SI47XX-EVB Datasheet
9Mb / 164P
   Thank you for purchasing the Silicon Laboratories
logo
Infineon Technologies A...
TLE9261-3QX INFINEON-TLE9261-3QX Datasheet
7Mb / 186P
   Dedicated Data Sheets are available for the different product variants
TLE9262-3QXV33 INFINEON-TLE9262-3QXV33 Datasheet
7Mb / 197P
   Dedicated Data Sheets are available for the different product variants
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com