Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLT-3X Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SLT-3X
Description  SPECIFICATION CONTROL DRAWING
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SLT-3X Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SLT-3X Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATION CONTROL DRAWING
Raychem
THERMOFIT
DEVICES
Raychem Corporation
300 Constitution Drive
Menlo Park, CA 94025 USA
TITLE:
SOLDERSLEEVE*DEVICE
SHIELD TERMINATION
LOW TEMPERATURE
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS.
INCHES DIMENSIONS ARE IN BETWEEN BRACKETS.
DOCUMENT NO.:
SLT-YX/1YX
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS IN
MICRON
Raychem reserves the right to amend this
drawing at any time. Users should evaluate
the suitability of the product for their
application.
DCR NUMBER:
D981081
REPLACES:
slt3x, slt5x, slt6x, slt7x,
slt12x & slt14x
DRAWN BY:
R. MAPALO
DATE:
07-06-98
REV.:
SEE TABLE
DOC ISSUE:
1
SCALE:
NONE
SIZE:
A
SHEET:
1 of 1
If this document is printed it becomes uncontrolled. Check for the latest revision
Product Revisions
Component Dimensions
Cable Dimensions
Part Name
L
max
B
min
C
min
E
max
F
min
G
±0.5(0.020)
H
±0.5(0.020)
D
max
SLT-3X
B
17.3
(0.681)
2.7
(0.106)
3.1
(0.122)
3.1
(0.122)
1.4
(0.055)
7
(0.276)
6
(0.236)
2.7
(0.106)
SLT-5X
B
17.3
(0.681)
4.4
(0.173)
5.0
(0.197)
5.0
(0.197)
2.5
(0.098)
7
(0.276)
6
(0.236)
4.4
(0.173)
SLT-6X
C
20.0
(0.787)
5.9
(0.2.32)
6.4
(0.252)
6.4
(0.252)
3.2
(0.126)
7
(0.276)
6
(0.236)
5.9
(0.2.32)
SLT-7X
C
20.0
(0.787)
7.1
(0.280)
7.6
(0.299)
7.6
(0.299)
4.1
(0.161)
7
(0.276)
6
(0.236)
7.1
(0.280)
SLT-12X
E
31.5
(1.240)
10.8
(0.425)
11.6
(0.457)
11.6
(0.457)
7.3
(0.287)
9.5
(0.374)
8.5
(0.335)
10.8
(0.425)
SLT-14X
H
31.2
(1.228)
13.3
(0.524)
13.8
(0.543)
13.3
(0.524)
8.1
(0.319)
7
(0.276)
6
(0.236)
8.9
(0.350)
MATERIAL
1. INSULATION SLEEVE: Heat-shrinkable, radiation cross-linked modified polyvinylidene fluoride. Transparent clear.
2. SOLDER PREFORM WITH FLUX:
SOLDER: TYPE Cd18 per ANSI J-STD-006.
FLUX:
TYPE ROL1 per ANSI J-STD-004. Color: red.
3. MELTABLE SEALING RING: Thermally stabilized thermoplastic. Color: blue.
4. MELTABLE SEALING RING: Thermally stabilized thermoplastic. Color: clear.
APPLICATION
1. This controlled soldering device is designed for termination of a tin or silver plated copper shield on a cable having an
insulation rated for at least +105
°C.
2. Temperature range: -55
°C to +125°C.
3. For application tooling contact your local Raychem technical service.
For best results, prepare the cable as shown:
*A trademark of Raychem Corporation.


Similar Part No. - SLT-3X

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SLT-300 LITTELFUSE-SLT-300 Datasheet
128Kb / 1P
   Signal 277V/120V Stepdown Transformers
logo
Bel Fuse Inc.
SLT-300 BEL-SLT-300 Datasheet
760Kb / 2P
   Allows Installers to Derive a Fully Isolated 120 V Source from a 277 V Line
More results

Similar Description - SLT-3X

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
007967-000 MACOM-007967-000 Datasheet
46Kb / 2P
   Specification Control Drawing
222K152-25 MACOM-222K152-25 Datasheet
54Kb / 2P
   Specification Control Drawing
004241-000 MACOM-004241-000 Datasheet
114Kb / 1P
   SPECIFICATION CONTROL DRAWING
202K142-25-0 MACOM-202K142-25-0 Datasheet
58Kb / 2P
   Specification Control Drawing
202K132-25 MACOM-202K132-25 Datasheet
58Kb / 2P
   Specification Control Drawing
logo
List of Unclassifed Man...
202K163-25 ETC2-202K163-25 Datasheet
58Kb / 2P
   specification control drawing
logo
Tyco Electronics
202K142-25 MACOM-202K142-25 Datasheet
58Kb / 2P
   Specification Control Drawing
022477-000 MACOM-022477-000 Datasheet
46Kb / 2P
   Specification Control Drawing
CS250 MACOM-CS250 Datasheet
100Kb / 1P
   SPECIFICATION CONTROL DRAWING
S03-05-R-100 MACOM-S03-05-R-100 Datasheet
97Kb / 1P
   SPECIFICATION CONTROL DRAWING
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com