Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB3105-30-A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # USB3105-30-A
Description  USB Receptacle, Type AB, Through-Hole, Vertical, with 1.5mm Through-Hole Shell Stakes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB3105-30-A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  USB3105-30-A Datasheet HTML 1Page - List of Unclassifed Manufacturers USB3105-30-A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
04 APR 11
µUSB Receptacle, Type AB, Through-Hole,
Vertical, with 1.5mm Through-Hole Shell Stakes
USB3105
NOTE:
1
2
3
4
165° ~ 180°
300MM MIN
Q'TY
120MM MIN
50
MIN
.
16.5
4
Carrier Tape
载带
Cover Tape
盖带
Holes
圆孔
Label
标签
Notes注意:
1.Part Conforms to EIA-481-C Standards产品符合EIA-481-C标准
2.All dimensions in millimeters 所有尺寸均是毫米
3.10 sprocket hole pitch cumulative tolerance±0.2mm
365
36
5
Products P/N
USB3105-30-A
PCS/Reel
1500
10
Reels/Carton PCS/Carton
15000
Peel off Angle
剝皮角度
I/O Direction
卷盤繞逆時針方向轉動
Label
标签
圆孔
前留空區
,無成品。
There are 10 empty cavities at the start of the reel
(10PCS)
数量按表。
Quantity as per the Table
后留空區
,無成品。
There are 25 empty cavities at the end of the reel
(25PCS)
只有上帶,無下帶。
There are 50mm tape without the carrier
1
2
3
10 empty
cavities
前留空區
25 empty
cavities
後留空區
Connectors in
cavities
连接器的腔
RoHS Label
環保標簽
RoHS Label
環保標簽
Inner Box
内盒
Triangle Liner (4 PCS)
三角形班轮
H
1
G
F
E
2
3
D
C
B
A
1
2
3
4
Part Number:-
67
See Note
Date:-
8
NTS
Scale
H
G
F
E
5
6
7
D
C
B
8
A
COPIED OR DISCLOSED WITHOUT WRITTEN CONSENT
THIS DRAWING IS CONFIDENTIAL AND MUST NOT BE
Third Angle Projection
Tolerances
(Except as noted)
Description:-
Revision
Material
Drawn by
Sheet No.
ESA
2/2
E & OE
Dimensions in mm
C
4
5
GC
www.gct.co
By
SA
SA
CM
CM
AJO
DETAIL
DRAWING
RELEASE
PCN
USB3105-001
DRAWING
UPDATE
PCN
USB3105-002
TOLERANCES
ADDED
REV
DATE
A
04/04/11
B
22/06/11
C
17/10/11
D
23/0112
E
07/03/13
Global Connector Technology Ltd. - USB3105: μUSB Receptacle, Type AB, Through-Hole, Vertical, with 1.5mm Through-Hole Shell Stakes


Similar Part No. - USB3105-30-A

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB3105 GCT-USB3105 Datasheet
197Kb / 2P
   Micro USB Receptacle, Type AB, Through-Hole, Vertical, with 1.5mm Through-Hole Shell Stakes
4th April 2011
More results

Similar Description - USB3105-30-A

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB3105 GCT-USB3105 Datasheet
197Kb / 2P
   Micro USB Receptacle, Type AB, Through-Hole, Vertical, with 1.5mm Through-Hole Shell Stakes
4th April 2011
USB3130 GCT-USB3130 Datasheet
184Kb / 2P
   Micro USB Receptacle, Type B, Through-Hole, Vertical, With 1.5mm Through-Hole Shell Stakes
21st October 2011
USB3145 GCT-USB3145 Datasheet
268Kb / 2P
   Micro USB Receptacle, Type B, Through Hole, Vertical, With Through Hole Shell Stakes
2nd April 2013
USB1040 GCT-USB1040 Datasheet
204Kb / 2P
   USB Receptacle, Type A, 4 Pin, Through Hole, Vertical, With Kinked Shell Stakes
14th February 2011
USB3131 GCT-USB3131 Datasheet
225Kb / 2P
   Micro USB Receptacle, Type B, Through-Hole, Vertical, With 2.30mm (Standard) Shell Stakes
28th October 2013
USB3140 GCT-USB3140 Datasheet
253Kb / 2P
   Micro USB Receptacle, Type B, Surface Mount, Vertical, with Through-Hole Shell Stakes
2nd April 2013
USB3180 GCT-USB3180 Datasheet
267Kb / 2P
   Micro USB Receptacle, Type B, Surface Mount, Vertical, with Through-Hole Shell Stakes
2nd April 2020
USB3106 GCT-USB3106 Datasheet
189Kb / 2P
   Micro USB Receptacle, Type A/B, Vertical, Through Hole with 2.30mm (Standard) Shell Stakes
28th October 2013
USB3160 GCT-USB3160 Datasheet
176Kb / 2P
   Micro USB Receptacle, Type B,Surface Mount, Vertical, With Locating Peg & Through-Hole Shell Stakes
2nd November 2016
USB3150 GCT-USB3150 Datasheet
152Kb / 2P
   Micro USB Plug - Type B, Through-Hole Vertical, with Shell Stakes and Locating Pegs
30th April 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com