Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPN7510T220TGB Datasheet(PDF) 3 Page - SYNC POWER Crop.

Part # SPN7510T220TGB
Description  N-Channel Enhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPN7510T220TGB Datasheet(HTML) 3 Page - SYNC POWER Crop.

  SPN7510T220TGB Datasheet HTML 1Page - SYNC POWER Crop. SPN7510T220TGB Datasheet HTML 2Page - SYNC POWER Crop. SPN7510T220TGB Datasheet HTML 3Page - SYNC POWER Crop. SPN7510T220TGB Datasheet HTML 4Page - SYNC POWER Crop. SPN7510T220TGB Datasheet HTML 5Page - SYNC POWER Crop. SPN7510T220TGB Datasheet HTML 6Page - SYNC POWER Crop. SPN7510T220TGB Datasheet HTML 7Page - SYNC POWER Crop. SPN7510T220TGB Datasheet HTML 8Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2010/11/16
Ver.2
Page 3
SPN7510
N-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS
(TA=25
Unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ
Max.
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS VGS=0V,ID=250uA
100
Gate Threshold Voltage
VGS(th) VDS=VGS,ID=250uA
1.0
3.0
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
±100
nA
VDS=100V,VGS=0V
10
Zero Gate Voltage Drain Current
IDSS
VDS=80V,VGS=0V
TJ = 150 °C
100
uA
VGS= 10V,ID=30A
16
Drain-Source On-Resistance
RDS(on)
VGS= 4.5V,ID=16A
21
mΩ
Forward Transconductance
gfs
VDS=10V,ID=30A
52
S
Diode Forward Voltage
VSD
IS=30A,VGS =0V
1.3
V
Dynamic
Total Gate Charge
Qg
69
111
Gate-Source Charge
Qgs
12
Gate-Drain Charge
Qgd
VDS=80V,VGS=4.5V
ID= 30A
39
nC
Input Capacitance
Ciss
5690
9100
Output Capacitance
Coss
540
Reverse Transfer Capacitance
Crss
VDS=25VGS=0V
f=1MHz
605
pF
td(on)
12
Turn-On Time
tr
75
td(off)
220
Turn-Off Time
tf
VDD=50V,RL=1.6Ω
ID≡30A,VGEN=10V
RG=10Ω
250
nS


Similar Part No. - SPN7510T220TGB

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPN7510T220TGB SYNC-POWER-SPN7510T220TGB Datasheet
215Kb / 8P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - SPN7510T220TGB

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com