Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS3160B-3 Datasheet(PDF) 3 Page - API Technologies Corp

Part # HS3160B-3
Description  Monolithic 16-Bit MDAC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

HS3160B-3 Datasheet(HTML) 3 Page - API Technologies Corp

  HS3160B-3 Datasheet HTML 1Page - API Technologies Corp HS3160B-3 Datasheet HTML 2Page - API Technologies Corp HS3160B-3 Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LINEA RITY
LINEA RITY
M ONOTONIC
TEM P
M ODEL
RESOLUTION
ERROR (M A X)
RA NGE
RA NGE
SCREENING
HS3160C-3
16 BITS
0.012%
0ºCto +70ºC
0ºCto +70ºC
HS3160C-4
16 BITS
0.006%
0ºCto +70ºC
0ºCto +70ºC
HS3160B-3
16 BITS
0.012%
–25ºCto +85ºC
–55ºCto +125ºC
883C
HS3160B-4
16 BITS
0.006%
–25ºCto +85ºC
–55ºCto +125ºC
883C
Specifications subject to change without notice.
PIN A SSIGNM ENT
PIN FUNCTION
PIN FUNCTION
1
OUTPUT 1, IOUT1 22 R FEEDBACK
2
OUTPUT 2, IOUT2 21 VREF
3 GND
20
V DD
4 BIT 1 (M SB)
19
BIT 16 (LSB)
5 BIT 2
18
BIT 15
6 BIT 3
17
BIT 14
7 BIT 4
16
BIT 13
8 BIT 5
15
BIT12
9 BIT 6
14
BIT 11
10 BIT 7
13
BIT 10
11 BIT 8
12
BIT 9
ORDERING INFORM A TION
HS3160


Similar Part No. - HS3160B-3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
HS3160B-3/883 SIPEX-HS3160B-3/883 Datasheet
127Kb / 8P
   16-Bit Multiplying DACs
HS3160B-3Q SIPEX-HS3160B-3Q Datasheet
127Kb / 8P
   16-Bit Multiplying DACs
More results

Similar Description - HS3160B-3

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
HS3120 APITECH-HS3120 Datasheet
3Mb / 3P
   Double Buffered 12-Bit MDAC
logo
Sipex Corporation
HS3120 SIPEX-HS3120 Datasheet
248Kb / 4P
   Double Buffered 12-Bit MDAC
logo
Analog Devices
AD669 AD-AD669_15 Datasheet
426Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669BRZ AD-AD669BRZ Datasheet
324Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669 AD-AD669 Datasheet
460Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669ANZ AD-AD669ANZ Datasheet
324Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669ARZ AD-AD669ARZ Datasheet
426Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669SQ AD-AD669SQ Datasheet
324Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
logo
Maxim Integrated Produc...
MAX532 MAXIM-MAX532 Datasheet
162Kb / 16P
   Dual, Serial-Input, Voltage-Output, 12-Bit MDAC
Rev. 1; 3/94
logo
Analog Devices
AD660 AD-AD660_08 Datasheet
337Kb / 20P
   Monolithic 16-Bit Serial/Byte DACPORT
REV. B
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com