Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC1201 Datasheet(PDF) 5 Page - Texas Instruments

Part # MSC1201
Description  Precision Analog -to-Digital Converter
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1201 Datasheet(HTML) 5 Page - Texas Instruments

  MSC1201 Datasheet HTML 1Page - Texas Instruments MSC1201 Datasheet HTML 2Page - Texas Instruments MSC1201 Datasheet HTML 3Page - Texas Instruments MSC1201 Datasheet HTML 4Page - Texas Instruments MSC1201 Datasheet HTML 5Page - Texas Instruments MSC1201 Datasheet HTML 6Page - Texas Instruments MSC1201 Datasheet HTML 7Page - Texas Instruments MSC1201 Datasheet HTML 8Page - Texas Instruments MSC1201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
5
ELECTRICAL CHARACTERISTICS: AVDD = 3V
All specifications from TMIN to TMAX, DVDD = +2.7V to +5.25V,
fMOD = 15.625kHz, PGA = 1, Buffer ON, fDATA = 10Hz, ADC Bipolar Mode, and
VREF ≡ (REF IN+) − (REF IN−) = +1.25V, unless otherwise noted.
MSC120x
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Analog Input (AIN0-AIN5, AINCOM)
Analog Input Range
Buffer OFF
AGND − 0.1
AVDD + 0.1
V
Analog Input Range
Buffer ON
AGND + 50mV
AVDD − 1.5
V
Full-Scale Input Voltage Range
(In+) − (In−), Bipolar Mode
±VREF/PGA
V
Differential Input Impedance
Buffer OFF
7/PGA(1)
M
Input Current
Buffer ON
0.5
nA
Fast Settling Filter
−3dB
0.469
• fDATA
Bandwidth
Sinc2 Filter
−3dB
0.318
• fDATA
Bandwidth
Sinc3 Filter
−3dB
0.262
• fDATA
Programmable Gain Amplifier
User-Selectable Gain Range
1
128
Input Capacitance
Buffer ON
7
pF
Input Leakage Current
Multiplexer Channel Off, T = +25
°C
0.5
pA
Burnout Current Sources
Buffer ON
±2
µA
ADC Offset DAC
Offset DAC Range
±VREF/(2•PGA)
V
Offset DAC Resolution
8
Bits
Offset DAC Full-Scale Gain Error
±1.5
% of Range
Offset DAC Full-Scale Gain Error Drift
0.6
ppm/
°C
System Performance
Resolution
MSC1200, MSC1201
24
Bits
Resolution
MSC1202
16
Bits
ENOB
MSC1200, MSC1201
22
Bits
ENOB
MSC1202
16
Bits
Output Noise
See Typical Characteristics
No Missing Codes
MSC1200, MSC1201, Sinc3 Filter,
Decimation > 360
24
Bits
No Missing Codes
MSC1202, Sinc3 Filter
16
Bits
Integral Nonlinearity
End Point Fit, Differential Input
±0.0004
±0.0015
% of FSR
Offset Error
After Calibration
1.3
ppm of FS
Offset Drift(2)
Before Calibration
0.1
ppm of FS/
°C
Gain Error(3)
After Calibration
0.005
%
Gain Error Drift(2)
Before Calibration
0.5
ppm/
°C
System Gain Calibration Range
80
120
% of FS
System Offset Calibration Range
−50
50
% of FS
At DC, VIN = 0V
130
dB
Common-Mode Rejection
fCM = 60Hz, fDATA = 10Hz
130
dB
Common-Mode Rejection
fCM = 50Hz, fDATA = 50Hz
120
dB
fCM = 60Hz, fDATA = 60Hz
120
dB
Normal-Mode Rejection
fSIG = 50Hz, fDATA = 50Hz
100
dB
Normal-Mode Rejection
fSIG = 60Hz, fDATA = 60Hz
100
dB
Power-Supply Rejection
At DC, dB = −20log(
∆VOUT/∆VDD)(4), VIN = 0V
88
dB
(1) The input impedance for PGA = 128 is the same as that for PGA = 64 (that is, 7MΩ/64).
(2) Calibration can minimize these errors.
(3) The gain self-calibration cannot have a REF IN+ of more than AVDD −1.5V with Buffer ON. To calibrate gain, turn Buffer OFF.
(4) ∆VOUT is change in digital result.


Similar Part No. - MSC1201

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1201 OKI-MSC1201 Datasheet
135Kb / 20P
   60-Bit VFD Tube Driver with Digital Dimming and PWM Conversion Function
logo
Burr-Brown (TI)
MSC1201 BURR-BROWN-MSC1201 Datasheet
684Kb / 78P
   Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
logo
Texas Instruments
MSC1201 TI1-MSC1201 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1201 TI1-MSC1201 Datasheet
1Mb / 93P
[Old version datasheet]   MSC1200 and MSC1201: 24 Bits No Missing Codes 22 Bits Effective Resolution At 10Hz
logo
OKI electronic componet...
MSC1201-XX OKI-MSC1201-XX Datasheet
135Kb / 20P
   60-Bit VFD Tube Driver with Digital Dimming and PWM Conversion Function
More results

Similar Description - MSC1201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1202Y3RHHTG4 TI1-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
   Precision Analog-to-Digital Converter (ADC)
logo
Texas Instruments
MSC1211 TI1-MSC1211_07 Datasheet
1Mb / 111P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
MSC1200 TI1-MSC1200_06 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
logo
Burr-Brown (TI)
PCM58P BURR-BROWN-PCM58P Datasheet
64Kb / 6P
   Precision, 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com