Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCA8052-H Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPCA8052-H
Description  Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCA8052-H Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPCA8052-H Datasheet HTML 1Page - Toshiba Semiconductor TPCA8052-H Datasheet HTML 2Page - Toshiba Semiconductor TPCA8052-H Datasheet HTML 3Page - Toshiba Semiconductor TPCA8052-H Datasheet HTML 4Page - Toshiba Semiconductor TPCA8052-H Datasheet HTML 5Page - Toshiba Semiconductor TPCA8052-H Datasheet HTML 6Page - Toshiba Semiconductor TPCA8052-H Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TPCA8052-H
2013-11-01
4
20
12
8
0
16
4
0
0.2
0.4
0.6
0.8
VGS = 2.6 V
2.9
10
1
4.5
0
0
1
23
5
40
Ta
= −55°C
25
100
4
0
0.3
0.5
0
ID = 20 A
2
4
6
8
5
10
0.2
10
1
0.1
10
100
100
2
0
0.8
VGS = 2.7 V
1.6
1.2
0.4
2.8
3
10
100
0.1
1
25
100
Ta
= −55°C
100
1
1000
2.7
2.9
10
10
10
VGS = 4.5 V
0.1
10
4.5
4
10
1
3.6
6
2.8
3
3.2
3.1
3.3
3.4
3.2
3.1
3.3
3.4
3.6
30
20
0.4
0.1
50
30
20
0
40
10
3.8
ID – VDS
ID – VDS
Drain-source voltage VDS (V)
Drain current ID (A)
RDS (ON) – ID
Drain current ID (A)
⎪Yfs⎪ – ID
Drain-source voltage VDS (V)
Gate-source voltage VGS (V)
ID – VGS
Gate-source voltage VGS (V)
VDS – VGS
Common source
Ta
= 25°C
Pulse test
Common source
VDS = 10 V
Pulse test
Common source
Ta
= 25°C
Pulse test
Common source
Ta
= 25°C
Pulse test
Common source
Ta
= 25°C
Pulse test
Common source
VDS = 10 V
Pulse test


Similar Part No. - TPCA8052-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8052-H TOSHIBA-TPCA8052-H Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
TPCA8052-H VBSEMI-TPCA8052-H Datasheet
1Mb / 7P
   N-Channel 40 V (D-S) MOSFET
More results

Similar Description - TPCA8052-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8050-H TOSHIBA-TPC8050-H Datasheet
213Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8047-H TOSHIBA-TPCA8047-H Datasheet
202Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPC8049-H TOSHIBA-TPC8049-H Datasheet
215Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8048-H TOSHIBA-TPCA8048-H Datasheet
203Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8050-H TOSHIBA-TPCA8050-H Datasheet
192Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPC8045-H TOSHIBA-TPC8045-H Datasheet
215Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8051-H TOSHIBA-TPCA8051-H Datasheet
198Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
2SK3444 TOSHIBA-2SK3444 Datasheet
202Kb / 6P
   Switching Regulator, DC-DC Converter Applications Motor Drive Applications
2SK3389 TOSHIBA-2SK3389 Datasheet
320Kb / 6P
   Switching Regulator, DC-DC Converter Applications Motor Drive Applications
2SK3440 TOSHIBA-2SK3440 Datasheet
320Kb / 6P
   Switching Regulator, DC-DC Converter Applications Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com