Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5115 Datasheet(PDF) 7 Page - ams AG

Part # AS5115
Description  Programmable 360 Magnetic Angle Encoder with Buffered SINE COSINE Output Signals
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5115 Datasheet(HTML) 7 Page - ams AG

Back Button AS5115 Datasheet HTML 3Page - ams AG AS5115 Datasheet HTML 4Page - ams AG AS5115 Datasheet HTML 5Page - ams AG AS5115 Datasheet HTML 6Page - ams AG AS5115 Datasheet HTML 7Page - ams AG AS5115 Datasheet HTML 8Page - ams AG AS5115 Datasheet HTML 9Page - ams AG AS5115 Datasheet HTML 10Page - ams AG AS5115 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
www.austriamicrosystems.com/AS5115
Revision 1.11
6 - 20
AS5115
Datasheet - Electrical Character i s t ics
6.1 Timing Characteristics
Remark: The digital interface will be reset during the low phase of the CS signal.
VOUT
Analog output range
VSS + 0.25
VDD - 0.5
V
IOUT
Output Current
-1
1
mA
CLOAD
Capacitive Load
1000
pF
Table 7. Timing Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
t1_3
Chip select to positive edge of DCLK
see Figure 5 and
Figure 6
30
-
ns
t2_3
Chip select to drive bus externally
0-
ns
t3
Setup time command bit
Data valid to positive edge of DCLK
30
-
ns
t4
Hold time command bit
Data valid after positive edge of DCLK
15
-
ns
t5
Float time
Positive edge of DCLK for last
command bit to bus float
-ns
t6
Bus driving time
Positive edge of DCLK for last
command bit to bus drive
-ns
t7
Data valid time
Positive edge of DCLK to bus valid
ns
t8
Hold time data bit
Data valid after positive edge of DCLK
-ns
t9_3
Hold time chip select
Positive edge DCLK to negative edge
of chip select
-ns
t10_3
Bus floating time
Negative edge of chip select to float
bus
-30
ns
t11
Setup time data bit at write access
Data valid to positive edge of DCLK
30
-
ns
t12
Hold time data bit at write access
Data valid after positive edge of DCLK
15
-
ns
t13_3
Bus floating time
Negative edge of chip select to float
bus
-30
ns
Table 6. Electrical System Specifications
Symbol
Parameter
Condition
Min
Typ
Max
Unit


Similar Part No. - AS5115

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5116 AMSCO-AS5116 Datasheet
1Mb / 34P
   On-Axis Magnetic Position Sensor with Analog Sine-Cosine Outputs
v4-00 2022-Feb-18
AS5116-HSOM AMSCO-AS5116-HSOM Datasheet
1Mb / 34P
   On-Axis Magnetic Position Sensor with Analog Sine-Cosine Outputs
v4-00 2022-Feb-18
AS5116-HSOT AMSCO-AS5116-HSOT Datasheet
1Mb / 34P
   On-Axis Magnetic Position Sensor with Analog Sine-Cosine Outputs
v4-00 2022-Feb-18
AS5116A-HSOM AMSCO-AS5116A-HSOM Datasheet
1Mb / 34P
   On-Axis Magnetic Position Sensor with Analog Sine-Cosine Outputs
v4-00 2022-Feb-18
AS5116A-HSOT AMSCO-AS5116A-HSOT Datasheet
1Mb / 34P
   On-Axis Magnetic Position Sensor with Analog Sine-Cosine Outputs
v4-00 2022-Feb-18
More results

Similar Description - AS5115

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5215 AMSCO-AS5215_04 Datasheet
1Mb / 27P
   Programmable 360 Magnetic Angle Encoder with Buffered SINE COSINE Output Signals
AS5215 AMSCO-AS5215 Datasheet
743Kb / 24P
   Programmable 360쨘 Magnetic Angle Encoder with Buffered SINE & COSINE Output Signals
AS5215 AMSCO-AS5215_1 Datasheet
746Kb / 24P
   Programmable 360쨘 Magnetic Angle Encoder with Buffered SINE & COSINE Output Signals
AS5245 AMSCO-AS5245_04 Datasheet
1Mb / 32P
   Programmable 360 Magnetic Angle Encoder with Absolute SSI and PWM Output
logo
List of Unclassifed Man...
AS5040-ASST ETC2-AS5040-ASST Datasheet
1Mb / 34P
   10Bit 360 Programmable Magnetic Rotary Encoder
logo
ams AG
AS5040 AMSCO-AS5040_09 Datasheet
1Mb / 34P
   10Bit 360 Programmable Magnetic Rotary Encoder
AS5040 AMSCO-AS5040_1 Datasheet
699Kb / 33P
   10Bit 360 Programmable Magnetic Rotary Encoder
AS5043 AMSCO-AS5043_09 Datasheet
1Mb / 37P
   Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
AS5043 AMSCO-AS5043_1 Datasheet
725Kb / 36P
   Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
logo
Vishay Siliconix
116BFZ-SFZ VISHAY-116BFZ-SFZ Datasheet
257Kb / 3P
   Precision Rotative Transducers 360° Special Laws: Sine/Cosine
Revision: 26-Mar-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com