Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5140H Datasheet(PDF) 11 Page - ams AG

Part # AS5140H
Description  10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5140H Datasheet(HTML) 11 Page - ams AG

Back Button AS5140H_04 Datasheet HTML 7Page - ams AG AS5140H_04 Datasheet HTML 8Page - ams AG AS5140H_04 Datasheet HTML 9Page - ams AG AS5140H_04 Datasheet HTML 10Page - ams AG AS5140H_04 Datasheet HTML 11Page - ams AG AS5140H_04 Datasheet HTML 12Page - ams AG AS5140H_04 Datasheet HTML 13Page - ams AG AS5140H_04 Datasheet HTML 14Page - ams AG AS5140H_04 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
www.austriamicrosystems.com/AS5140H
Revision 1.4
10 - 37
AS5140H
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6.5 Timing Characteristics
TAMB = -40 to +150ºC, VDD5V = 3.0-3.6V (3V operation) VDD5V = 4.5-5.5V (5V operation), unless otherwise noted.
Rprogrammed
Programmed fuse resistance (log 1)
10µA max. current @ 100mV
100k
Ω
Runprogrammed Unprogrammed fuse resistance (log 0)
2mA max. current @ 100mV
50
100
Ω
tPROG
Programming time per bit
Time to prog. a singe fuse bit
10
20
µs
tCHARGE
Refresh time per bit
Time to charge the cap after tPROG
1µs
fLOAD
LOAD frequency
Data can be loaded at n*2µs
500
kHz
fREAD
READ frequency
Read the data from the latch
2.5
MHz
fWRITE
WRITE frequency
Write the data to the latch
2.5
MHz
Table 13. Synchronous Serial Interface (SSI)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tDO active
Data output activated (logic high)
Time between falling edge of CSn and
data output activated
100
ns
tCLK FE
First data shifted to output register
Time between falling edge of CSn and
first falling edge of CLK
500
ns
TCLK/2
Start of data output
Rising edge of CLK shifts out one bit at a
time
500
ns
tDO valid
Data output valid
Time between rising edge of CLK and
data output valid
413
ns
tDO tristate
Data output tristate
After the last bit DO changes back to
“tristate”
100
ns
tCSn
Pulse width of CSn
CSn =high; To initiate read-out of next
angular position
500
ns
fCLK
Read-out frequency
Clock frequency to read out serial data
>0
1
MHz
Table 14. Pulse Width Modulation Output
Symbol
Parameter
Conditions
Min
Typ
Max
Units
fPWM
PWM frequency
Signal period = 1025µs ±5% at Tamb =
25ºC
0.927
0.976
1.024
kHz
Signal period =1025µs ±10% at Tamb =
-40 to +150ºC
0.878
0.976
1.074
PWMIN
Minimum pulse width
Position 0d; angle 0 degree
0.90
1
1.10
µs
PWMAX
Maximum pulse width
Position 1023d; angle 359.65 degree
922
1024
1126
µs
Table 15. Incremental Outputs
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tIncremental
outputs valid
Incremental outputs valid after power-up
Time between first falling edge of CSn
after power-up and valid incremental
outputs
500
ns
tDir valid
Directional indication valid
Time between rising or falling edge of
LSB output and valid directional
indication
500
ns
Table 12. Programming Conditions (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units


Similar Part No. - AS5140H_04

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5140HASST AMSCO-AS5140HASST Datasheet
988Kb / 37P
   10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5140HASSU AMSCO-AS5140HASSU Datasheet
988Kb / 37P
   10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5140H AMSCO-AS5140H_V01 Datasheet
1Mb / 55P
   10-Bit 360쨘 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
2018-Feb-20
More results

Similar Description - AS5140H_04

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5140H AMSCO-AS5140H Datasheet
988Kb / 37P
   10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5140H AMSCO-AS5140H_V01 Datasheet
1Mb / 55P
   10-Bit 360쨘 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
2018-Feb-20
logo
List of Unclassifed Man...
AS5040-ASST ETC2-AS5040-ASST Datasheet
1Mb / 34P
   10Bit 360 Programmable Magnetic Rotary Encoder
logo
ams AG
AS5040 AMSCO-AS5040_09 Datasheet
1Mb / 34P
   10Bit 360 Programmable Magnetic Rotary Encoder
AS5040 AMSCO-AS5040_1 Datasheet
699Kb / 33P
   10Bit 360 Programmable Magnetic Rotary Encoder
AS5134 AMSCO-AS5134 Datasheet
1Mb / 29P
   360 Step Programmable High Speed Magnetic Rotary Encoder
AS5132 AMSCO-AS5132 Datasheet
481Kb / 27P
   360 Step Programmable High Speed Magnetic Rotary Encoder
AS5134 AMSCO-AS5134_04 Datasheet
2Mb / 33P
   360 Step Programmable High Speed Magnetic Rotary Encoder
AS5040 AMSCO-AS5040 Datasheet
653Kb / 28P
   10 BIT 360째 PROGRAMMABLE MAGNETIC ROTARY ENCODER
AS5045 AMSCO-AS5045 Datasheet
506Kb / 24P
   12 BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com