Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5311 Datasheet(PDF) 9 Page - ams AG

Part # AS5311
Description  High Resolution Magnetic Linear Encoder
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5311 Datasheet(HTML) 9 Page - ams AG

Back Button AS5311_07 Datasheet HTML 5Page - ams AG AS5311_07 Datasheet HTML 6Page - ams AG AS5311_07 Datasheet HTML 7Page - ams AG AS5311_07 Datasheet HTML 8Page - ams AG AS5311_07 Datasheet HTML 9Page - ams AG AS5311_07 Datasheet HTML 10Page - ams AG AS5311_07 Datasheet HTML 11Page - ams AG AS5311_07 Datasheet HTML 12Page - ams AG AS5311_07 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
www.ams.com/AS5311
Revision 1.12
9 - 29
AS5311
Datasheet - E le c t r i ca l C h a ra c t e r is t i c s
6.5 Timing Characteristics
6.5.1 Pulse Width Modulation Output
Table 10. Synchronous Serial Interface (SSI)
Symbol
Parameter
Note
Min
Typ
Max
Units
tDOactive
Data output activated (logic high)
Time between falling edge of CSn and data
output activated
100
ns
tCLKFE
First data shifted to output register
Time between falling edge of CSn and first
falling edge of CLK
500
ns
TCLK / 2
Start of data output
Rising edge of CLK shifts out one bit at a time
500
ns
tDOvalid
Data output valid
Time between rising edge of CLK and data
output valid
413
ns
tDOtristate
Data output tristate
After the last bit DO changes back to “tristate”
100
ns
tCSn
Pulse width of CSn
CSn = high; To initiate read-out of next angular
position
500
ns
fCLK
Read-out frequency
Clock frequency to read out serial data
>0
1
MHz
Table 11. Pulse Width Modulation Output
Symbol
Parameter
Note
Min
Typ
Max
Units
f PWM
PWM frequency
Signal period = 4098µs ±5% at
TAMB = 25°C
232
244
256
Hz
Signal period = 4098µs ±10% at
TAMB = -40 to +125°C
220
244
268
PW MIN
Minimum pulse width
Position 0d = 0µm
0.9
1
1.1
µs
PW MAX
Maximum pulse width
Position 4095d = 1999.5µm
3892
4097
4301
µs


Similar Part No. - AS5311_07

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5311ASST AMSCO-AS5311ASST Datasheet
546Kb / 23P
   High Resolution Magnetic Linear Encoder
AS5311ASSU AMSCO-AS5311ASSU Datasheet
546Kb / 23P
   High Resolution Magnetic Linear Encoder
More results

Similar Description - AS5311_07

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5311 AMSCO-AS5311 Datasheet
546Kb / 23P
   High Resolution Magnetic Linear Encoder
logo
IC-Haus GmbH
IC-LFH ICHAUS-IC-LFH Datasheet
1Mb / 14P
   HIGH-RESOLUTION LINEAR IMAGE SENSORS
logo
Hamamatsu Corporation
P11159-01AS HAMAMATSU-P11159-01AS Datasheet
221Kb / 4P
   Small package and high resolution encoder module
P11159-201AS HAMAMATSU-P11159-201AS_15 Datasheet
162Kb / 4P
   Small package and high resolution encoder module
logo
Agilent(Hewlett-Packard...
HEDS9000 HP-HEDS9000_1 Datasheet
295Kb / 11P
   Two Channel High Resolution Optical Incremental Encoder Modules
HEDS9000 HP-HEDS9000 Datasheet
263Kb / 9P
   Two Channel High Resolution Optical Incremental Encoder Modules
logo
Honeywell Accelerometer...
APS00A HONEYWELL-ACC-APS00A Datasheet
607Kb / 6P
   High Resolution Magnetic Angular Position Sensor IC
logo
Honeywell Solid State E...
APS00B HONEYWELL-APS00B Datasheet
607Kb / 6P
   High Resolution Magnetic Angular Position Sensor IC
logo
TDK Electronics
VLF4012AT TDK-VLF4012AT Datasheet
34Kb / 2P
   High magnetic shield construction should actualize high resolution
logo
Broadcom Corporation.
AEDR-871X BOARDCOM-AEDR-871X Datasheet
1Mb / 14P
   3-Channel High Resolution Reflective Incremental Encoder (Digital Outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com