Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS13985H18-T Datasheet(PDF) 3 Page - ams AG

Part # AS13985H18-T
Description  Micropower 150mA Low-Noise LDO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS13985H18-T Datasheet(HTML) 3 Page - ams AG

  AS13985H18-T Datasheet HTML 1Page - ams AG AS13985H18-T Datasheet HTML 2Page - ams AG AS13985H18-T Datasheet HTML 3Page - ams AG AS13985H18-T Datasheet HTML 4Page - ams AG AS13985H18-T Datasheet HTML 5Page - ams AG AS13985H18-T Datasheet HTML 6Page - ams AG AS13985H18-T Datasheet HTML 7Page - ams AG AS13985H18-T Datasheet HTML 8Page - ams AG AS13985H18-T Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.austriamicrosystems.com
Revision 1.13
2 - 12
AS13985
Datasheet - P i n o u t
4 Pinout
4.1 Pin Assignments
Figure 2. Pin Assignments (Top View)
4.2 Pin Descriptions
Table 1. Pin Descriptions
Name
WLP
SOT23
Description
VIN
4
1
Input Voltage
GND
2
2
Ground
BYPASS
5
3
Low-Noise Operation Bypass Capacitor
EN
1
4
Logic-High Enable Input.
VEN
≥ 1.2V: VOUT is enabled.
VEN
≤ 0.4V: VOUT is disabled.
VOUT
3
5
Regulated Output Voltage
AS13985
(WLP; Top Through View)
1
54
3
2
AS13985
(SOT23)
2
GND
3
BYPASS
1
VIN
4 EN
5 VOUT


Similar Part No. - AS13985H18-T

ManufacturerPart #DatasheetDescription
logo
ams AG
AS13985H18-T AMSCO-AS13985H18-T Datasheet
463Kb / 12P
   Micropower 150mA Low-Noise LDO
More results

Similar Description - AS13985H18-T

ManufacturerPart #DatasheetDescription
logo
ams AG
AS13985 AMSCO-AS13985_1 Datasheet
463Kb / 12P
   Micropower 150mA Low-Noise LDO
AS13985 AMSCO-AS13985 Datasheet
337Kb / 2P
   Micropower 150mA Low-Noise LDO
logo
Linear Technology
LT1762 LINER-LT1762 Datasheet
229Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
LT1762 LINER-LT1762_15 Datasheet
425Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
logo
California Micro Device...
CMPWR161 CALMIRCO-CMPWR161 Datasheet
202Kb / 8P
   Micropower, Low Noise 4.75V/150mA LDO Regulator
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com