Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD2771 Datasheet(PDF) 10 Page - ams AG

Part # TMD2771
Description  DIGITAL ALS and PROXIMITY MODULE
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD2771 Datasheet(HTML) 10 Page - ams AG

Back Button TMD2771 Datasheet HTML 6Page - ams AG TMD2771 Datasheet HTML 7Page - ams AG TMD2771 Datasheet HTML 8Page - ams AG TMD2771 Datasheet HTML 9Page - ams AG TMD2771 Datasheet HTML 10Page - ams AG TMD2771 Datasheet HTML 11Page - ams AG TMD2771 Datasheet HTML 12Page - ams AG TMD2771 Datasheet HTML 13Page - ams AG TMD2771 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
TMD2771
DIGITAL ALS
and PROXIMITY MODULE
TAOS143B − SEPTEMBER 2012
9
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
ALS Operation
The ALS engine contains ALS gain control (AGAIN) and two integrating analog-to-digital converters (ADC)
for the two photodiodes. The ALS integration time (ATIME) impacts both the resolution and the sensitivity of the
ALS reading. Integration of both channels occurs simultaneously and upon completion of the conversion cycle,
the results are transferred to the data registers (C0DATA and C1DATA). This data is also referred to as channel
count. The transfers are double-buffered to ensure data integrity.
CH1
ADC
ALS Control
CH1
Data
CH0
ADC
CH0
Data
AGAIN(r 0x0F, b1:0)
1
y, 8y, 16y, 120y Gain
C0DATAH(r 0x15), C0DATA(r 0x14)
C1DATAH(r 0x17), C1DATA(r 0x16)
ATIME(r 1)
2.72 ms to 700 ms
Channel 1
IR Only
Channel 0
Visible and IR
Figure 7. ALS Operation
The registers for programming the integration and wait times are a 2’s compliment values. The actual time can
be calculated as follows:
ATIME = 256 − Integration Time / 2.72 ms
Inversely, the time can be calculated from the register value as follows:
Integration Time = 2.72 ms
× (256 − ATIME)
In order to reject 50/60-Hz ripple strongly present in fluorescent lighting, the integration time needs to
be programmed in multiples of 10 / 8.3 ms or the half cycle time. Both frequencies can be rejected with a
programmed value of 50 ms (ATIME = 0xED) or multiples of 50 ms (i.e. 100, 150, 200, 400, 700).
The registers for programming the AGAIN hold a two-bit value representing a gain of 1
×, 8×, 16×, or 120×. The
gain, in terms of amount of gain, will be represented by the value AGAINx, i.e. AGAINx = 1, 8, 16, or 120.
Lux Equation
The lux calculation is a function of CH0 channel count (C0DATA), CH1 channel count (C1DATA), ALS Gain
(AGAINx), and ALS integration time in milliseconds (ATIME_ms). For a device in open air with no aperture or
glass/plastic above the device, lux can be calculated using the following. If an aperture, glass/plastic, or a light
pipe attenuates the light equally across the spectrum (300 nm to 1100 nm), then a scaling factor can be used
(referred to as GA in the equation below). For open air with no aperture, GA = 1. If it is not spectrally flat, then
a custom lux equation with new coefficients should be generated. (See TAOS application note.)
Counts per Lux (CPL) needs to be calculated only when ATIME or AGAIN is changed, otherwise it remains a
constant. The first segment of the equation (Lux1) covers fluorescent and incandescent light. The second
segment (Lux2) covers dimmed incandescent light. The final lux is the maximum of Lux1, Lux2, or 0.
CPL = (ATIME_ms
× AGAINx) / (GA × 24)
Lux1 = (C0DATA − 2
× C1DATA) / CPL
Lux2 = (0.6
× C0DATA − C1DATA) / CPL
Lux = MAX(Lux1, Lux2, 0)


Similar Part No. - TMD2771

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMD2771 ETC2-TMD2771 Datasheet
1Mb / 33P
   The technical content of this TAOS datasheet is still valid
TMD27711 ETC2-TMD27711 Datasheet
1Mb / 33P
   The technical content of this TAOS datasheet is still valid
logo
TEXAS ADVANCED OPTOELEC...
TMD27711 TAOS-TMD27711 Datasheet
1Mb / 33P
   DIGITAL ALS and PROXIMITY MODULE
More results

Similar Description - TMD2771

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TMD27711 TAOS-TMD27711 Datasheet
1Mb / 33P
   DIGITAL ALS and PROXIMITY MODULE
TMD27723 TAOS-TMD27723 Datasheet
1Mb / 35P
   DIGITAL ALS and PROXIMITY MODULE
TMD27721 TAOS-TMD27721 Datasheet
1Mb / 35P
   DIGITAL ALS and PROXIMITY MODULE
logo
ams AG
TMD27722 AMSCO-TMD27722 Datasheet
1Mb / 35P
   DIGITAL ALS and PROXIMITY MODULE
TMD2772 AMSCO-TMD2772 Datasheet
1Mb / 35P
   DIGITAL ALS and PROXIMITY MODULE
TMD2772WA AMSCO-TMD2772WA Datasheet
1Mb / 59P
   Digital ALS and Proximity Module
TMD3725 AMSCO-TMD3725 Datasheet
1Mb / 55P
   ALS, Color and Proximity Sensor Module
logo
STMicroelectronics
VL6180X STMICROELECTRONICS-VL6180X Datasheet
1Mb / 79P
   Proximity and ambient light sensing (ALS) module
August 2014 Rev 6
logo
ams AG
TMD2725 AMSCO-TMD2725_V01 Datasheet
1Mb / 50P
   ALS, and Small Aperture Proximity Sensor Module
2018-Feb-23
TMD3702VC AMSCO-TMD3702VC Datasheet
1Mb / 57P
   Narrow ALS, Color and Proximity Sensor Module
v2-00 2023-Mar-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com