Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD37825 Datasheet(PDF) 4 Page - ams AG

Part # TMD37825
Description  Color Light-To-Digital Converter with Proximity Sensing
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD37825 Datasheet(HTML) 4 Page - ams AG

  TMD37825 Datasheet HTML 1Page - ams AG TMD37825 Datasheet HTML 2Page - ams AG TMD37825 Datasheet HTML 3Page - ams AG TMD37825 Datasheet HTML 4Page - ams AG TMD37825 Datasheet HTML 5Page - ams AG TMD37825 Datasheet HTML 6Page - ams AG TMD37825 Datasheet HTML 7Page - ams AG TMD37825 Datasheet HTML 8Page - ams AG TMD37825 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
TMD3782 – 4
Datasheet - Mar. 2013 - V2
The TMD3782 pin assignments are described below.
Figure TMD3782 – 3:
Pin Diagram
Figure TMD3782 – 4:
Pin Description
Figure TMD3782 – 5:
Ordering Information
† Contact ams for availability.
Package Module - 8 (Top View)
Package drawing is not to scale.
Pin Number
Pin Name
Typ
Description
1
VDD
PWR
Supply voltage
2SCL
I
I2C serial clock input terminal - clock signal for I2C serial data.
3
GND
GND
Power supply ground. All voltages are referenced to GND.
4
LEDA
PWR
LED anode.
5
LEDK
-
LED cathode. Connect to LDR pin when using internal driver circuit.
6
LDR
-
Proximity IR LED controlled current sink driver.
7
INT
O
Interrupt — open drain (active low)
8SDA
I/O
I2C serial data I/O terminal - serial data I/O for I2C.
Ordering Code
Address
Interface
Delivery Form
TMD37821
0x39
I2C Vbus = VDD Interface
Module-8
TMD37823
0x39
I2C bus = 1.8V Interface
Module-8
TMD37825
0x29
I2C Vbus = VDD Interface
Module-8
TMD37827
0x29
I2C bus = 1.8V Interface
Module-8
Pin Assignment
Ordering Information


Similar Part No. - TMD37825

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TMD37821 TAOS-TMD37821 Datasheet
600Kb / 34P
   Color Light-To-Digital Converter with Proximity Sensing
TMD37823 TAOS-TMD37823 Datasheet
600Kb / 34P
   Color Light-To-Digital Converter with Proximity Sensing
More results

Similar Description - TMD37825

ManufacturerPart #DatasheetDescription
logo
ams AG
TCS3772 AMSCO-TCS3772 Datasheet
1Mb / 33P
   COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
logo
TEXAS ADVANCED OPTOELEC...
TMD37821 TAOS-TMD37821 Datasheet
600Kb / 34P
   Color Light-To-Digital Converter with Proximity Sensing
TMD37823 TAOS-TMD37823 Datasheet
600Kb / 34P
   Color Light-To-Digital Converter with Proximity Sensing
logo
ams AG
TCS3771 AMSCO-TCS3771 Datasheet
1Mb / 33P
   COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
TSL2771 AMSCO-TSL2771 Datasheet
780Kb / 33P
   LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
TSL27721 AMSCO-TSL27721 Datasheet
848Kb / 56P
   Light-to-Digital Converter with Proximity Sensing
TSL27711 AMSCO-TSL27711 Datasheet
780Kb / 50P
   Light-to-Digital Converter with Proximity Sensing
TSL2772 AMSCO-TSL2772 Datasheet
1Mb / 35P
   LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
TCS37727 AMSCO-TCS37727 Datasheet
1Mb / 50P
   Color Light?릘o?륞igital Converter with Proximity Sensing
logo
TEXAS ADVANCED OPTOELEC...
TCS37717 TAOS-TCS37717 Datasheet
1Mb / 48P
   Color Light-To-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com