Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT16244G-20YC Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT16244G-20YC
Description  AT16244 Fast Logic 16-Bit Buffer/Line Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT16244G-20YC Datasheet(HTML) 4 Page - ATMEL Corporation

  AT16244G-20YC Datasheet HTML 1Page - ATMEL Corporation AT16244G-20YC Datasheet HTML 2Page - ATMEL Corporation AT16244G-20YC Datasheet HTML 3Page - ATMEL Corporation AT16244G-20YC Datasheet HTML 4Page - ATMEL Corporation AT16244G-20YC Datasheet HTML 5Page - ATMEL Corporation AT16244G-20YC Datasheet HTML 6Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
-40
0
40
80
120
160
Time
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
I
OL
Output, V
IOL Pull Down Current
3.5
Time
VOLV
VOLP
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
gnd - measured on
output with input
held constant
output
Ground Bounce for
High to Low Transitions
(1)
VOHP
VOHV
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
Time
vcc -
measured on
output with
input held
constant
output
Supply Bounce for
Low to High Transitions
(2)
Parameter
Value
Units
VOLP
0.4
V
VOLV
-0.26
V
VOHV
VCC - 0.13
V
VOHP
VCC + 0.6
V
Note:
1. When multiple outputs are switched at the same time, rapidly changing current on the ground and VCC paths causes a
voltage to develop across the parasitic inductance of the wire bond and package pins. This occurrence is called
simultaneous switching noise. Atmel’s AT16244 products have minimized this phenomenon as shown on the graph.
Output data is for 15 outputs switching simultaneously at a frequency of 1 MHz. The ground data is measured on the one
remaining output, which is set to logic low and will reflect any device ground movement.
2. As on the graph for Ground Bounce, a similar condition occurs for low to high transitions. Output data is for 15 outputs
switching simultaneously at a frequency of 1 MHz. VCC droop is measured on the one remaining output pin, which is set
to a logic high. This output will reflect any movement on the device VCC.
Typical Values
5-6
AT16244


Similar Part No. - AT16244G-20YC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT16245F ATMEL-AT16245F Datasheet
66Kb / 6P
   AT16245 Fast Logic Bi-Directional Transceiver
AT16245F-25XC ATMEL-AT16245F-25XC Datasheet
66Kb / 6P
   AT16245 Fast Logic Bi-Directional Transceiver
AT16245F-25YC ATMEL-AT16245F-25YC Datasheet
66Kb / 6P
   AT16245 Fast Logic Bi-Directional Transceiver
AT16245G ATMEL-AT16245G Datasheet
66Kb / 6P
   AT16245 Fast Logic Bi-Directional Transceiver
AT16245G-20XC ATMEL-AT16245G-20XC Datasheet
66Kb / 6P
   AT16245 Fast Logic Bi-Directional Transceiver
More results

Similar Description - AT16244G-20YC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT166244AT RENESAS-IDT74FCT166244AT Datasheet
238Kb / 7P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT16240T IDT-IDT74FCT16240T Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT16244T IDT-IDT74FCT16244T Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
logo
Renesas Technology Corp
IDT54 RENESAS-IDT54 Datasheet
242Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
logo
Pericom Semiconductor C...
PI74FCT163244 PERICOM-PI74FCT163244 Datasheet
163Kb / 5P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16244 PERICOM-PI74LCX16244 Datasheet
311Kb / 6P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16240 PERICOM-PI74LCX16240 Datasheet
85Kb / 5P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74FCT162Q244T PERICOM-PI74FCT162Q244T Datasheet
54Kb / 6P
   Fast, Low Noise CMOS 16-Bit Buffer/Line Driver
PI74LPT16244 PERICOM-PI74LPT16244 Datasheet
137Kb / 5P
   3.3V, 16-Bit Buffer/Line Driver
PI74LPT16244 PERICOM-PI74LPT16244_08 Datasheet
408Kb / 6P
   3.3V, 16-Bit Buffer/Line Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com