Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT16373F-25XC Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT16373F-25XC
Description  AT16373 Fast Logic 16-Bit Transparent Latch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT16373F-25XC Datasheet(HTML) 1 Page - ATMEL Corporation

  AT16373F-25XC Datasheet HTML 1Page - ATMEL Corporation AT16373F-25XC Datasheet HTML 2Page - ATMEL Corporation AT16373F-25XC Datasheet HTML 3Page - ATMEL Corporation AT16373F-25XC Datasheet HTML 4Page - ATMEL Corporation AT16373F-25XC Datasheet HTML 5Page - ATMEL Corporation AT16373F-25XC Datasheet HTML 6Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AT16373
Fast Logic
16-Bit
Transparent
Latch
AT16373F
AT16373G
Features
•• FastestPropagationSpeedsinthe IndustryT
PD (F grade) = 2.5 ns, TPD (G grade) = 2.0 ns
•• Maximum derating for capacitive loads 1.5ns/100 pF (F grade) and 1.1ns/100 pF
(G grade)
•• Verylow ground bounce < 0.6V @ V
CC=5.00V, Ta=25°C
•• Excellent noise rejection
•• Typical output skew ≤0.25ns
•• Bus Hold circuitry to retain last active state during Tri-state™™
Available in SSOP and TSSOP packages
Description
Atmel’s AT16373 devices provide maximum speed in temporary data storage. They
can be operated as either two separate 8 bit latches or as a single 16-bit latch by use
of the output enable and the latch enable. The AT16373 has very low ground bounce
and excellent input noise rejection, giving the user stable signals in a high speed
environment. These devices can drive very large loads while operating in a high speed
transparent mode.
Note: 1. This 8-bit latch function is repeated a second time on each device.
Functional Block Diagram
(1)
1
1O2
1O3
VCC
1O6
1O7
2O1
GND
2O4
2O5
GND
2O8
OE
1
3
5
7
9
11
13
15
17
19
21
23
47
45
43
41
39
37
35
33
31
29
27
25
48
46
44
42
40
38
36
34
32
30
28
26
2
4
6
8
10
12
14
16
18
20
22
24
1O1
GND
1O4
1O5
GND
1O8
2O2
2O3
VCC
2O6
2O7
2OE
1LE
1D2
1D3
VCC
1D6
1D7
2D1
GND
2D4
2D5
GND
2D8
1D1
GND
1D4
1D5
GND
1D8
2D2
2D3
VCC
2D6
2D7
2LE
Pin Names
Descriptions
xOE
Output Enable Input
(Active Low)
xLE
Latch Enable Inputs
(Active High)
xD
χ
Data Inputs
xO
χ
Tri-State Outputs
Pin Configurations
SSOP/TSSOP
Top View
0756B
AT16373
5-15


Similar Part No. - AT16373F-25XC

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AT16-18SA-EK02 AMPHENOL-AT16-18SA-EK02 Datasheet
396Kb / 3P
   18 POSITION PLUG, SOCKET,AT SERIES
B1
AT16-18SA-EK03 AMPHENOL-AT16-18SA-EK03 Datasheet
396Kb / 3P
   18 POSITION PLUG, SOCKET,AT SERIES
B1
AT16-18SA-EKSR02 AMPHENOL-AT16-18SA-EKSR02 Datasheet
396Kb / 3P
   18 POSITION PLUG, SOCKET,AT SERIES
B1
AT16-18SA-EKSR03 AMPHENOL-AT16-18SA-EKSR03 Datasheet
396Kb / 3P
   18 POSITION PLUG, SOCKET,AT SERIES
B1
AT16-18SA-K004 AMPHENOL-AT16-18SA-K004 Datasheet
396Kb / 3P
   18 POSITION PLUG, SOCKET,AT SERIES
B1
More results

Similar Description - AT16373F-25XC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT16373AT IDT-IDT74FCT16373AT_17 Datasheet
92Kb / 7P
   FAST CMOS 16-BIT TRANSPARENT LATCH
logo
Renesas Technology Corp
IDT74FCT162373AT RENESAS-IDT74FCT162373AT Datasheet
286Kb / 8P
   FAST CMOS 16-BIT TRANSPARENT LATCH
MARCH 2015
logo
Integrated Device Techn...
IDT74FCT162373AT IDT-IDT74FCT162373AT_06 Datasheet
74Kb / 7P
   FAST CMOS 16-BIT TRANSPARENT LATCH
IDT74FCT162373AT IDT-IDT74FCT162373AT_15 Datasheet
107Kb / 7P
   FAST CMOS 16-BIT TRANSPARENT LATCH
logo
Renesas Technology Corp
IDT74FCT16373AT RENESAS-IDT74FCT16373AT Datasheet
250Kb / 8P
   FAST CMOS 16-BIT TRANSPARENT LATCH
JULY 2017
logo
Pericom Semiconductor C...
PI74FCT163373 PERICOM-PI74FCT163373 Datasheet
73Kb / 5P
   Fast CMOS 3.3V 16-Bit Transparent Latch
PI74LCX16373 PERICOM-PI74LCX16373 Datasheet
159Kb / 6P
   Fast CMOS 3.3V 16-Bit Transparent Latch
logo
Integrated Device Techn...
IDT74FCT163373 IDT-IDT74FCT163373 Datasheet
100Kb / 7P
   3.3V CMOS 16-BIT TRANSPARENT LATCH
logo
Renesas Technology Corp
IDT74FCT163373A RENESAS-IDT74FCT163373A Datasheet
239Kb / 8P
   3.3V CMOS 16-BIT TRANSPARENT LATCH
SEPTEMBER 2009
logo
NXP Semiconductors
74ABT16373B PHILIPS-74ABT16373B Datasheet
86Kb / 10P
   16-bit transparent latch 3-State
1998 Feb 27
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com