Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT16646F-25YC Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT16646F-25YC
Description  AT16646 Fast Logic 16-Bit Tri-State Register
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT16646F-25YC Datasheet(HTML) 5 Page - ATMEL Corporation

  AT16646F-25YC Datasheet HTML 1Page - ATMEL Corporation AT16646F-25YC Datasheet HTML 2Page - ATMEL Corporation AT16646F-25YC Datasheet HTML 3Page - ATMEL Corporation AT16646F-25YC Datasheet HTML 4Page - ATMEL Corporation AT16646F-25YC Datasheet HTML 5Page - ATMEL Corporation AT16646F-25YC Datasheet HTML 6Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Input
Transition
1.5 V
1.5 V
VOH
1.5 V
VOL
Output
Transition
t
PLH
t
PHL
Propagation Delay Waveforms
Control
Input
Enable
Disable
3.0 V
3.5 V
0V
1.5 V
0V
0.3 V
0.3 V
1.5 V
Switch Open
Switch Closed
1.5 V
Output
Switched
Low
Output
Switched
High
t
PZL
t
PZH
t
PLZ
t
PHZ
V
OL
V
OH
Note:
1. Enable and disable waveforms are the same for both xOE and xDIR inputs.
Enable and Disable Waveforms
(1)
AT16646
5-25


Similar Part No. - AT16646F-25YC

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AT16-18SA-EK02 AMPHENOL-AT16-18SA-EK02 Datasheet
396Kb / 3P
   18 POSITION PLUG, SOCKET,AT SERIES
B1
AT16-18SA-EK03 AMPHENOL-AT16-18SA-EK03 Datasheet
396Kb / 3P
   18 POSITION PLUG, SOCKET,AT SERIES
B1
AT16-18SA-EKSR02 AMPHENOL-AT16-18SA-EKSR02 Datasheet
396Kb / 3P
   18 POSITION PLUG, SOCKET,AT SERIES
B1
AT16-18SA-EKSR03 AMPHENOL-AT16-18SA-EKSR03 Datasheet
396Kb / 3P
   18 POSITION PLUG, SOCKET,AT SERIES
B1
AT16-18SA-K004 AMPHENOL-AT16-18SA-K004 Datasheet
396Kb / 3P
   18 POSITION PLUG, SOCKET,AT SERIES
B1
More results

Similar Description - AT16646F-25YC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACTQ16646 NSC-54ACTQ16646 Datasheet
92Kb / 8P
   16-Bit Transceiver/Register with TRI-STATE Outputs
logo
Renesas Technology Corp
IDT74FCT16374AT RENESAS-IDT74FCT16374AT Datasheet
259Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
MARCH 2019
logo
Integrated Device Techn...
IDT74FCT162374AT IDT-IDT74FCT162374AT Datasheet
73Kb / 7P
   FAST CMOS 16-BIT REGISTER (3-STATE)
IDT54FCT16374T IDT-IDT54FCT16374T Datasheet
126Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
logo
Renesas Technology Corp
IDT74FCT162374AT RENESAS-IDT74FCT162374AT Datasheet
239Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
SEPTEMBER 2009
logo
Pericom Semiconductor C...
PI74FCT163374 PERICOM-PI74FCT163374 Datasheet
94Kb / 5P
   Fast CMOS 3.3V 16-Bit Register (3-State)
PI74LCX16374 PERICOM-PI74LCX16374 Datasheet
151Kb / 6P
   Fast CMOS 3.3V 16-Bit Register (3-State)
PI74LPT16374 PERICOM-PI74LPT16374 Datasheet
50Kb / 5P
   Fast CMOS 3.3V 16-Bit Register (3-State)
logo
National Semiconductor ...
54LS173 NSC-54LS173 Datasheet
115Kb / 4P
   TRI-STATE 4-BIT D-TYPE REGISTER
DM74LS395 NSC-DM74LS395 Datasheet
106Kb / 6P
   4-Bit Shift Register with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com