Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

65039-210LF Datasheet(PDF) 2 Page - FCI connector

Part # 65039-210LF
Description  MICI LATCH SR POLARIZED HSG 2.54mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

65039-210LF Datasheet(HTML) 2 Page - FCI connector

  65039-210LF Datasheet HTML 1Page - FCI connector 65039-210LF Datasheet HTML 2Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PDS: Rev :BG
STATUS:Released
Printed: Nov 15, 2013


Similar Part No. - 65039-210LF

ManufacturerPart #DatasheetDescription
logo
FCI connector
65039-001 FCI-CONNECTOR-65039-001 Datasheet
749Kb / 2P
   MINI LATCH HOUSING SINGLE ROW 100 2.54 CC
65039-002 FCI-CONNECTOR-65039-002 Datasheet
749Kb / 2P
   MINI LATCH HOUSING SINGLE ROW 100 2.54 CC
65039-003 FCI-CONNECTOR-65039-003 Datasheet
749Kb / 2P
   MINI LATCH HOUSING SINGLE ROW 100 2.54 CC
65039-004 FCI-CONNECTOR-65039-004 Datasheet
749Kb / 2P
   MINI LATCH HOUSING SINGLE ROW 100 2.54 CC
65039-005 FCI-CONNECTOR-65039-005 Datasheet
749Kb / 2P
   MINI LATCH HOUSING SINGLE ROW 100 2.54 CC
More results

Similar Description - 65039-210LF

ManufacturerPart #DatasheetDescription
logo
FCI connector
65039 FCI-CONNECTOR-65039 Datasheet
129Kb / 2P
   MINI LATCH SR POLARIZED HSG 2.54mm
65846-010LF FCI-CONNECTOR-65846-010LF Datasheet
85Kb / 2P
   MINI LATCH DR POLARIZED HSG 2.54mm
67955-003LF FCI-CONNECTOR-67955-003LF Datasheet
147Kb / 2P
   POLARIZED M/L HSG SHROUD
65846-010ELF FCI-CONNECTOR-65846-010ELF Datasheet
260Kb / 3P
   MINI LATCH HOUSING DOUBLE ROW POLARIZED
logo
Tyco Electronics
2-104257-0 MACOM-2-104257-0 Datasheet
79Kb / 1P
   RECEPTACLE HOUSING, AMPMODU MTE, SINGLE ROW, .100CL POLARIZED WITH LATCH
logo
Molex Electronics Ltd.
10-01-5042 MOLEX11-10-01-5042 Datasheet
69Kb / 1P
   KK5.08 REC HSG
logo
Tyco Electronics
2-104257-4 MACOM-2-104257-4 Datasheet
79Kb / 1P
   RECEPTACLE HOUSING, AMPMODU MTE, SINGLE ROW, .100CL POLARIZED WITH LATCH
logo
FCI connector
75168 FCI-CONNECTOR-75168 Datasheet
144Kb / 2P
   HEADER SR RA POL 2.54mm
75168-101-02LF FCI-CONNECTOR-75168-101-02LF Datasheet
144Kb / 2P
   HEADER, SR, RA, POL, 2.54mm
logo
List of Unclassifed Man...
75160-150-02LF ETC2-75160-150-02LF Datasheet
114Kb / 2P
   HEADER SR,STR 2.54MM PITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com