Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1812PS-222JLB Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 1812PS-222JLB
Description  Shielded High SRF Inductors ??1812PS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1812PS-222JLB Datasheet(HTML) 1 Page - Coilcraft lnc.

  1812PS-222JLB Datasheet HTML 1Page - Coilcraft lnc. 1812PS-222JLB Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice.
Please check our website for latest information.
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2012
This product may not be used in medical of high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check out web site for latest information.
• HigherSRFthanourotherpowerinductors
• Highinductancewithtighttolerance
• Excellentcurrenthandlingforapartthissize
Document 252-1
Document252-1 Revised03/14/12
DCR
SRF
Part
L2
%
Q
max5
typ6 Isat7 Irms8
number1
(µH)
tol3 min4 (Ohms) (MHz) (A)
(A)
1812PS-102_L_
1.0
10,5 35
0.05 685
2.50 2.70
1812PS-122_L_
1.2
10,5 38
0.06 460
2.00 2.60
1812PS-152_L_
1.5
10,5 38
0.06 460
2.00 2.60
1812PS-222_L_
2.2
10,5 38
0.07 270
1.70 2.40
1812PS-272_L_
2.7
10,5 40
0.08 265
1.40 2.30
1812PS-332_L_
3.3
10,5 40
0.09 225
1.40 2.30
1812PS-392_L_
3.9
10,5 40
0.11 170
1.20 2.20
1812PS-472_L_
4.7
10,5 40
0.11 165
1.15 2.10
1812PS-562_L_
5.6
10,5 40
0.12 155
1.10 2.10
1812PS-682_L_
6.8
10,5 40
0.13 140
1.00 1.90
1812PS-103_L_
10
10,5 40
0.17 120
0.90 1.70
1812PS-153_L_
15
10,5 40
0.26 100
0.70 1.45
1812PS-223_L_
22
10,5 40
0.33
45
0.54 1.20
1812PS-333_L_
33
10,5 40
0.40
30
0.46 1.10
1812PS-393_L_
39
10,5 48
0.56
30
0.40 1.00
1812PS-473_L_
47
10,5 50
0.87
28
0.35 0.80
1812PS-683_L_
68
10,5 50
1.08
17
0.32 0.67
1812PS-823_L_
82
10,5 55
1.25
17
0.28 0.65
1812PS-104_L_ 100
10,5 60
1.32
14
0.27 0.65
1812PS-124_L_ 120
10,5 60
1.45
12
0.23 0.60
1812PS-154_L_ 150
10,5 60
2.20
11
0.20 0.51
1812PS-224_L_ 220
10,5 60
2.65
7
0.17 0.47
1812PS-334_L_ 330
10,5 60
4.85
5.5 0.15 0.31
1812PS-474_L_ 470
10,5 50
5.85
4.0 0.12 0.31
1812PS-564_L_ 560
10,5 40
6.10
2.6 0.11 0.28
1812PS-684_L_ 680
10,5 40
6.60
2.3 0.10 0.28
1812PS-824_L_ 820
10,5 30
7.35
1.8 0.09 0.25
1812PS-105_L_ 1000
10,5 28 10.00
1.8 0.08 0.22
1. Whenordering,specify
tolerance andpackagingcodes:
1812PS-105JLC
Tolerance:
J = 5% K =10%
(Tableshowsstocktolerancesinbold.)
Packaging: C = 7
″ machine-readyreel. EIA-481embossedplastic
tape(600partsperfullreel).
B =Lessthanfullreel.Intape,butnotmachineready.
Tohavealeaderandtraileradded($25charge),
usecodeletterCinstead.
D =13
″ machine-readyreel. EIA-481embossedplastic
tape.Factoryorderonly,notstocked(2200partsper
fullreel).
2. Inductancemeasuredat100kHz,0.1Vrms,usingaCoilcraftSMD-A
fixtureinanAgilent/HP4263BLCRmeter.
3. Tolerancesinboldarestockedforimmediateshipment.
4. Qmeasuredat1MHzonanAgilent/HP4291withanAgilent/HP16193
testfixture.
5. DCRmeasuredonmicro-ohmmeterandaCoilcraftCCF840test
fixture.
6. SRFmeasuredusinganAgilent/HP8753Dnetworkanalyzeranda
CoilcraftSMD-Dtestfixture.
7. DCcurrentatwhichtheinductancedrops10%(typ)fromitsvalue
without current.
8. Currentthatcausesa40°Ctemperaturerisefrom25°Cambient.
9. Electricalspecificationsat25°C.
RefertoDoc362“SolderingSurfaceMountComponents”beforesoldering.
Core material Ceramic/Ferrite
Core and winding loss Seewww.coilcraft.com/coreloss
Terminations RoHScompliantsilver-palladium-platinum-glassfrit.
Weight 286–323mg
Ambient temperature –40°Cto+105°CwithIrmscurrent,+105°C
to+145°Cwithderatedcurrent
Storage temperature Component:–40°Cto+145°C.
Packaging:–40°Cto+80°C
Resistance to soldering heat Maxthree40secondreflowsat
+260°C,partscooledtoroomtemperaturebetweencycles
Moisture Sensitivity Level (MSL) 1(unlimitedfloorlifeat<30°C/
85%relativehumidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38perbillionhours/26,315,789hours,calculatedperTelcordiaSR-332
Packaging 600per7
″reel;2200per13″ reel;
Plastictape: 12mmwide,0.25mmthick,4mmpocketspacing,
3.9mmpocketdepth
PCB washing Onlypurewateroralcoholrecommended
ShieldedHighSRFInductors–1812PS


Similar Part No. - 1812PS-222JLB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1812PS-222JLB COILCRAFT-1812PS-222JLB Datasheet
226Kb / 2P
   Shielded High SRF Inductors - 1812PS
More results

Similar Description - 1812PS-222JLB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1812PS-103JLC COILCRAFT-1812PS-103JLC Datasheet
226Kb / 2P
   Shielded High SRF Inductors - 1812PS
1812PS-103KLB COILCRAFT-1812PS-103KLB Datasheet
226Kb / 2P
   Shielded High SRF Inductors ??1812PS
1812PS-152KLC COILCRAFT-1812PS-152KLC Datasheet
264Kb / 2P
   Shielded High SRF Inductors ??1812PS
1812PS-105JLC COILCRAFT-1812PS-105JLC Datasheet
262Kb / 2P
   Shielded High SRF Inductors 1812PS
0805PS COILCRAFT-0805PS_18 Datasheet
269Kb / 2P
   Shielded High SRF Inductors
1008PS COILCRAFT-1008PS_18 Datasheet
261Kb / 2P
   Shielded High SRF Inductors
1812PS COILCRAFT-1812PS_17 Datasheet
274Kb / 2P
   Shielded High SRF Inductors
0603PS COILCRAFT-0603PS_18 Datasheet
276Kb / 2P
   Shielded High SRF Inductors
1008PS-105KLC COILCRAFT-1008PS-105KLC Datasheet
250Kb / 2P
   Shielded High SRF Inductors 1008PS
1008PS-182KLC COILCRAFT-1008PS-182KLC Datasheet
213Kb / 2P
   Shielded High SRF Inductors - 1008PS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com