Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

199D686003C Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 199D686003C
Description  Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

199D686003C Datasheet(HTML) 6 Page - Vishay Siliconix

  199D686003C Datasheet HTML 1Page - Vishay Siliconix 199D686003C Datasheet HTML 2Page - Vishay Siliconix 199D686003C Datasheet HTML 3Page - Vishay Siliconix 199D686003C Datasheet HTML 4Page - Vishay Siliconix 199D686003C Datasheet HTML 5Page - Vishay Siliconix 199D686003C Datasheet HTML 6Page - Vishay Siliconix 199D686003C Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
199D
www.vishay.com
Vishay Sprague
Revision: 29-Nov-12
6
Document Number: 40020
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Lead space measured within 0.05" [1.27 mm] of the body of the capacitor, or from the bottom of the crimp. Lead Style “A” may be supplied
with 0.59" [15 mm] anode lead and 0.47" [12 mm] cathode lead.
Tape and Reel Packaging: Type 199D radial-leaded tantalum capacitors, all lead styles exept 1, 3 and Y are available taped
and reeled per EIA-468.
STANDARD REEL PACKAGING SPECIFICATIONS PER EIA-468 in inches [millimeters]
CASE CODE
OBSOLETE
LEAD STYLE
LEAD SPACING
LL MIN.
(BULK)
A, B, C, D
A1, A6
1V1 (Bulk),
2B1 (T and R)
0.100 + 0.024/- 0.016
[2.54 + 0.60/- 0.40]
0.187 [4.7]
A, B, C, D
B1, B6
XV1 (Bulk),
XB1 (T and R)
0.100 + 0.024/- 0.016
[2.54 + 0.60/- 0.40]
0.187 [4.7]
A, B, C,
D, E, F
E2, E7
6V1 (Bulk),
6B1 (T and R)
0.200 + 0.024/- 0.016
[5.08 + 0.06/- 0.40]
0.187 [4.7]
CASE CODE
A
B
C
D
E
F
Quantity per box bulk
1000
500
100
Quantity per box ammopack
2500
2000
1500
1000
500
Quantity per reel
1000
500
0.118 [3.0]
MAX.
0.0354 + 0.030 - 0.020
[8.99 + 0.762 - 0.508]
0.500 ± 0.012
[12.70 ± 0.305]
0.728 ± 0.020
[18.49 ± 0.508]
LEAD CONFIGURATION 2, 4, 5
1.270 [32.26]
MAX.
CARRIER TAPE
ADHESIVE TAPE
SEE LEAD STYLE/SPACING
TABLE FOR LEAD SPACING
0.630 ± 0.020
[16.0 ± 0.508]
LEAD CONFIGURATION 6.7
LEAD DIAMETER
LEAD CONFIGURATION X, Z


Similar Part No. - 199D686003C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
199D686(1)003C(2)(3) VISHAY-199D686(1)003C(2)(3) Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D6861003C23 VISHAY-199D6861003C23 Datasheet
119Kb / 8P
   Solid-Electrolyte TANTALEX™ Capacitors, Resin-Coated, Radial-Lead
01-Jan-2022
199D6861010D23 VISHAY-199D6861010D23 Datasheet
119Kb / 8P
   Solid-Electrolyte TANTALEX™ Capacitors, Resin-Coated, Radial-Lead
01-Jan-2022
199D6861016E23 VISHAY-199D6861016E23 Datasheet
119Kb / 8P
   Solid-Electrolyte TANTALEX™ Capacitors, Resin-Coated, Radial-Lead
01-Jan-2022
199D6861020F23 VISHAY-199D6861020F23 Datasheet
119Kb / 8P
   Solid-Electrolyte TANTALEX™ Capacitors, Resin-Coated, Radial-Lead
01-Jan-2022
More results

Similar Description - 199D686003C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
199D226X0016DA1 VISHAY-199D226X0016DA1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D336X9010DE2 VISHAY-199D336X9010DE2 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D VISHAY-199D Datasheet
60Kb / 4P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision 07-May-03
199D106X9025C1V1E3 VISHAY-199D106X9025C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D VISHAY-199D_V01 Datasheet
119Kb / 8P
   Solid-Electrolyte TANTALEX™ Capacitors, Resin-Coated, Radial-Lead
01-Jan-2022
199D686X9025F6V1 VISHAY-199D686X9025F6V1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors
Revision: 29-Nov-12
299D VISHAY-299D Datasheet
132Kb / 8P
   Solid-Electrolyte TANTALEX짰 Capacitors, Tripole Triple-Lead, Resin-Coated
M39003 VISHAY-M39003 Datasheet
86Kb / 6P
   Solid-Electrolyte TANTALEX??Capacitors
152D VISHAY-152D Datasheet
153Kb / 11P
   Solid-Electrolyte TANTALEX??Capacitors
489D-499D VISHAY-489D-499D Datasheet
129Kb / 10P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com