Electronic Components Datasheet Search |
|
AT17C256 Datasheet(PDF) 9 Page - ATMEL Corporation |
|
AT17C256 Datasheet(HTML) 9 Page - ATMEL Corporation |
9 / 10 page AT17 Series 9 AC Characteristics V CC = 3.3V ± 10% Notes: 1. Preliminary specifications for military operating range only. 2. AC test lead = 50 pf. 3. Float delays are measured with 5 pF AC loads. Transition is measured ±200 mV afrom steady state active levels. 4. During cascade F MAX = 8 MHz. Symbol Description Commercial Industrial/Military Units Min Max Min Max T OE (2) OE to Data Delay 40 45 ns T CE (2) CE to Data Delay 60 60 ns T CAC (2) CLK to Data Delay 75 80 ns T OH (2) Data Hold From CE, OE, or CLK 0 0 ns T DF (3) CE or OE to Data Float Delay 55 55 ns T LC CLK Low Time 25 25 ns T HC CLK High Time 25 25 ns T SCE CE Setup Time to CLK (to guarantee proper counting) 35 60 ns T HCE CE Hold Time to CLk (to guarantee proper counting) 0 0 ns T HOE OE High Time (guarantees counter is reset) 25 25 ns F MAX (4) MAX Input Clock Frequency 10 8 10 MHz AC Characteristics When Cascading V CC = 3.3V ± 10% Symbol Description Commercial Industrial/Military Units Min Max Min Max T CDF (3) CLK to Data Float Delay 60 60 ns T OCK (2) CLK to CEO Delay 55 60 ns T OCE (2) CE to CEO Delay 55 60 ns T OOE (2) RESET/OE to CEO Delay 40 45 ns |
Similar Part No. - AT17C256 |
|
Similar Description - AT17C256 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |