Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT17C512-10JC Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT17C512-10JC
Description  FPGA Configuration E2PROM Memory
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17C512-10JC Datasheet(HTML) 7 Page - ATMEL Corporation

  AT17C512-10JC Datasheet HTML 1Page - ATMEL Corporation AT17C512-10JC Datasheet HTML 2Page - ATMEL Corporation AT17C512-10JC Datasheet HTML 3Page - ATMEL Corporation AT17C512-10JC Datasheet HTML 4Page - ATMEL Corporation AT17C512-10JC Datasheet HTML 5Page - ATMEL Corporation AT17C512-10JC Datasheet HTML 6Page - ATMEL Corporation AT17C512-10JC Datasheet HTML 7Page - ATMEL Corporation AT17C512-10JC Datasheet HTML 8Page - ATMEL Corporation AT17C512-10JC Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AT17C/LV512/010
7
.
Notes:
1. Preliminary specifications for military operating range only.
2. AC test load = 50 pF.
3. Float delays are measured with 5 pF AC loads. Transition is measured
± 200 mV from steady state active levels.
AC Characteristics for AT17C512/010
VCC = 5V ± 5% Commercial / VCC = 5V ± 10% Ind./Mil
Symbol
Description
Commercial/Industrial
Military
Units
Min
Max
Min
Max
TOE
(2)
OE to Data Delay
30
35
ns
TCE
(2)
CE to Data Delay
45
45
ns
TCAC
(2)
CLK to Data Delay
50
50
ns
TOH
(2)
Data Hold From CE, OE, or CLK
0
0
ns
TDF
(3)
CE or OE to Data Float Delay
50
50
ns
TLC
CLK Low Time
20
20
ns
THC
CLK High Time
20
20
ns
TSCE
CE Setup Time to CLK (to guarantee proper counting)
20
25
ns
THCE
CE Hold Time to CLK (to guarantee proper counting)
0
0
ns
THOE
OE High Time (Guarantees Counter Is Reset)
20
20
ns
FMAX
MAX Input Clock Frequency
15
15
MHz
VRDY
Ready Pin Open Collector Voltage
1.2
2.2
1.2
2.2
V
AC Characteristics for AT17C512/010 When Cascading
VCC = 5V± 5% Commercial / VCC = 5V ± 10% Ind./Mil.
Symbol
Description
Commercial/Industrial
Military
Units
MinMax
MinMax
TCDF
(3)
CLK to Data Float Delay
50
50
ns
TOCK
(2)
CLK to CEO Delay
35
40
ns
TOCE
(2)
CE to CEO Delay
35
35
ns
TOOE
(2)
RESET/OE to CEO Delay
30
30
ns


Similar Part No. - AT17C512-10JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17C512A ATMEL-AT17C512A Datasheet
134Kb / 11P
   FPGA Serial Configuration Memories
AT17C512A ATMEL-AT17C512A Datasheet
242Kb / 14P
   FPGA Configuration EEPROM Memory
AT17C512A-10JC ATMEL-AT17C512A-10JC Datasheet
134Kb / 11P
   FPGA Serial Configuration Memories
AT17C512A-10JI ATMEL-AT17C512A-10JI Datasheet
134Kb / 11P
   FPGA Serial Configuration Memories
More results

Similar Description - AT17C512-10JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17C65 ATMEL-AT17C65 Datasheet
149Kb / 10P
   FPGA Configuration E2PROM
AT17N256 ATMEL-AT17N256_07 Datasheet
308Kb / 18P
   FPGA Configuration Memory
AT17N256 ATMEL-AT17N256 Datasheet
205Kb / 18P
   FPGA Configuration Memory
AT17LV65A ATMEL-AT17LV65A_14 Datasheet
469Kb / 16P
   FPGA Configuration EEPROM Memory
AT17F16A ATMEL-AT17F16A Datasheet
290Kb / 16P
   FPGA Configuration Flash Memory
AT17F040 ATMEL-AT17F040 Datasheet
307Kb / 19P
   FPGA CONFIGURATION FLASH MEMORY
AT17LV512A-10PU ATMEL-AT17LV512A-10PU Datasheet
338Kb / 18P
   FPGA Configuration EEPROM Memory
AT17F16A ATMEL-AT17F16A Datasheet
210Kb / 15P
   FPGA Configuration Flash Memory
AT17LV65A ATMEL-AT17LV65A_06 Datasheet
337Kb / 18P
   FPGA Configuration EEPROM Memory
AT17F040 ATMEL-AT17F040_08 Datasheet
340Kb / 19P
   FPGA Configuration Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com