Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10061913-102PLF Datasheet(PDF) 2 Page - FCI connector

Part # 10061913-102PLF
Description  PCI EXPRESS CARD EDGE ASSEMBLY(SMT)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

10061913-102PLF Datasheet(HTML) 2 Page - FCI connector

  10061913-102PLF Datasheet HTML 1Page - FCI connector 10061913-102PLF Datasheet HTML 2Page - FCI connector 10061913-102PLF Datasheet HTML 3Page - FCI connector 10061913-102PLF Datasheet HTML 4Page - FCI connector 10061913-102PLF Datasheet HTML 5Page - FCI connector 10061913-102PLF Datasheet HTML 6Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PDS: Rev :J
STATUS:Released
Printed: Apr 01, 2013


Similar Part No. - 10061913-102PLF

ManufacturerPart #DatasheetDescription
logo
FCI connector
10061913-101CLF FCI-CONNECTOR-10061913-101CLF Datasheet
632Kb / 6P
   PCI EXPRESS CARD EDGE ASSEMBLY(SMT)
More results

Similar Description - 10061913-102PLF

ManufacturerPart #DatasheetDescription
logo
FCI connector
10061913 FCI-CONNECTOR-10061913 Datasheet
632Kb / 6P
   PCI EXPRESS CARD EDGE ASSEMBLY(SMT)
10061913-101CLF FCI-CONNECTOR-10061913-101CLF Datasheet
632Kb / 6P
   PCI EXPRESS CARD EDGE ASSEMBLY(SMT)
10018783-10202TLF FCI-CONNECTOR-10018783-10202TLF Datasheet
444Kb / 7P
   PCI EXPRESS CARD EDGE ASSY
logo
Kycon, Inc.
KPCIEX KYCON-KPCIEX Datasheet
939Kb / 1P
   Straddle Mount PCI Express Card Edge
logo
Pulse A Technitrol Comp...
E9001 PULSE-E9001 Datasheet
192Kb / 3P
   PCI EXPRESS 1.0MM CARD EDGE ASSY
logo
Adam Technologies, Inc.
PCIE-36-1 ADAM-TECH-PCIE-36-1 Datasheet
183Kb / 2P
   PCI & MINI PCI EXPRESS 1.00mm & 0.8mm CARD EDGE CONNECTOR
logo
Molex Electronics Ltd.
87715-3002 MOLEX-87715-3002 Datasheet
557Kb / 2P
   PCI Express
logo
SUYIN USA, INC.
100040FS064S401NA SUYIN-USA-100040FS064S401NA Datasheet
107Kb / 1P
   PCI-EXPRESS 36 CKTS EDGE CARD CONNECTOR
100040FS036S401ZA SUYIN-USA-100040FS036S401ZA Datasheet
107Kb / 1P
   PCI-EXPRESS 36 CKTS EDGE CARD CONNECTOR
logo
Adam Technologies, Inc.
PCIE981 ADAM-TECH-PCIE981 Datasheet
162Kb / 1P
   PCI & MINI PCI EXPRESS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com