Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT17C65-10SC Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT17C65-10SC
Description  FPGA Configuration E2PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17C65-10SC Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT17C65-10SC Datasheet HTML 2Page - ATMEL Corporation AT17C65-10SC Datasheet HTML 3Page - ATMEL Corporation AT17C65-10SC Datasheet HTML 4Page - ATMEL Corporation AT17C65-10SC Datasheet HTML 5Page - ATMEL Corporation AT17C65-10SC Datasheet HTML 6Page - ATMEL Corporation AT17C65-10SC Datasheet HTML 7Page - ATMEL Corporation AT17C65-10SC Datasheet HTML 8Page - ATMEL Corporation AT17C65-10SC Datasheet HTML 9Page - ATMEL Corporation AT17C65-10SC Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
AT17 Series
10
Ordering Information - 5V Devices
Memory
Size (K)
Ordering Code
Package
Operation Range
64K
AT17C65-10PC
AT17C65-10JC
AT17C65-10SC
8P3
20J
20S
Commercial
(0
°C to 70°C)
AT17C65-10PI
AT17C65-10JI
AT17C65-10SI
8P3
20J
20S
Industrial
(-40
°C to 85°C)
128K
AT17C128-10PC
AT17C128-10JC
AT17C128-10SC
8P3
20J
20S
Commercial
(0
°C to 70°C)
AT17C128-10PI
AT17C128-10JI
AT17C128-10SI
8P3
20J
20S
Industrial
(-40
°C to 85°C)
256K
AT17C256-10PC
AT17C256-10JC
AT17C256-10SC
8P3
20J
20S
Commercial
(0
°C to 70°C)
AT17C256-10PI
AT17C256-10JI
AT17C256-10SI
8P3
20J
20S
Industrial
(-40
°C to 85°C)
Ordering Information - 3.3V Devices
Memory
Size (K)
Ordering Code
Package
Operation Range
64K
AT17LV65-10PC
AT17LV65-10JC
AT17LV65-10SC
8P3
20J
20S
Commercial
(0
°C to 70°C)
AT17LV65-10PI
AT17LV65-10JI
AT17LV65-10SI
8P3
20J
20S
Industrial
(-40
°C to 85°C)
128K
AT17LV128-10PC
AT17LV128-10JC
AT17LV128-10SC
8P3
20J
20S
Commercial
(0
°C to 70°C)
AT17LV128-10PI
AT17LV128-10JI
AT17LV128-10SI
8P3
20J
20S
Industrial
(-40
°C to 85°C)
256K
AT17LV256-10PC
AT17LV256-10JC
AT17LV256-10SC
8P3
20J
20S
Commercial
(0
°C to 70°C)
AT17LV256-10PI
AT17LV256-10JI
AT17LV256-10SI
8P3
20J
20S
Industrial
(-40
°C to 85°C)
Package Type
8P3
8-Lead, 0.300" Wide, Plastic Dual Inline Package (PDIP)
20J
20-Lead, Plastic J-Leaded Chip Carrier (PLCC)
20S
20-Lead, 0.300" Wide, Plastic Gull Wing Small Outline (SOIC)


Similar Part No. - AT17C65-10SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17C65A-10JC ATMEL-AT17C65A-10JC Datasheet
162Kb / 11P
   FPGA Configuration EEPROM
AT17C65A-10JI ATMEL-AT17C65A-10JI Datasheet
162Kb / 11P
   FPGA Configuration EEPROM
More results

Similar Description - AT17C65-10SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17C512 ATMEL-AT17C512 Datasheet
113Kb / 9P
   FPGA Configuration E2PROM Memory
AT17N256 ATMEL-AT17N256_07 Datasheet
308Kb / 18P
   FPGA Configuration Memory
AT17N256 ATMEL-AT17N256 Datasheet
205Kb / 18P
   FPGA Configuration Memory
AT17C65A-10JC ATMEL-AT17C65A-10JC Datasheet
162Kb / 11P
   FPGA Configuration EEPROM
AT17LV65A ATMEL-AT17LV65A_14 Datasheet
469Kb / 16P
   FPGA Configuration EEPROM Memory
AT17F16A ATMEL-AT17F16A Datasheet
290Kb / 16P
   FPGA Configuration Flash Memory
AT17LV010-10DP ATMEL-AT17LV010-10DP Datasheet
161Kb / 11P
   Space FPGA Configuration EEPROM
AT17F040 ATMEL-AT17F040 Datasheet
307Kb / 19P
   FPGA CONFIGURATION FLASH MEMORY
AT17LV512A-10PU ATMEL-AT17LV512A-10PU Datasheet
338Kb / 18P
   FPGA Configuration EEPROM Memory
AT17F16A ATMEL-AT17F16A Datasheet
210Kb / 15P
   FPGA Configuration Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com