Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT17C010A-10JI Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT17C010A-10JI
Description  FPGA Serial Configuration Memories
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17C010A-10JI Datasheet(HTML) 2 Page - ATMEL Corporation

  AT17C010A-10JI Datasheet HTML 1Page - ATMEL Corporation AT17C010A-10JI Datasheet HTML 2Page - ATMEL Corporation AT17C010A-10JI Datasheet HTML 3Page - ATMEL Corporation AT17C010A-10JI Datasheet HTML 4Page - ATMEL Corporation AT17C010A-10JI Datasheet HTML 5Page - ATMEL Corporation AT17C010A-10JI Datasheet HTML 6Page - ATMEL Corporation AT17C010A-10JI Datasheet HTML 7Page - ATMEL Corporation AT17C010A-10JI Datasheet HTML 8Page - ATMEL Corporation AT17C010A-10JI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AT17C/LV/512A/010A
2
Block Diagram
Device Configuration
The control signals for configuration EEPROMs–nCS, OE,
and DCLK–interface directly with the FPGA device control
signals. All FPGA devices can control the entire configura-
tion process and retrieve data from the configuration
EEPROM without requiring an external intelligent control-
ler.
The configuration EEPROM device’s OE and nCS pins
control the tri-state buffer on the DATA output pin and
enable the address counter and the oscillator. When OE is
driven low, the configuration EEPROM device resets the
address counter and tri-states its DATA pin. The nCS pin
controls the output of the AT17A Series. If nCS is held high
after the OE reset pulse, the counter is disabled and the
DATA output pin is tri-stated. When nCS is driven low, the
counter and the DATA output pin are enabled. When OE is
driven low again, the address counter is reset and the
DATA output pin is tri-stated, regardless of the state of the
nCS.
When the configurator has driven out all of its data and
nCASC is driven low, the device tri-states the DATA pin to
avoid contention with other configurators. Upon power-up,
the address counter is automatically reset.
FPGA Device Configuration
FPGA devices can be configured with an AT17A Series
EEPROM. The AT17A Series device stores configuration
data in its EEPROM array and clocks the data out serially
with its internal oscillator. The OE, nCS, and DCLK pins
supply the control signals for the address counter and the
output tri-state buffer. The AT17A Series device sends a
serial bitstream of configuration data to its DATA pin, which
is connected to the DATA0 input pin on the FPGA device.
When configuration data for a FPGA device exceeds the
capacity of a single AT17A Series device, multiple AT17A
Series devices can be serially linked together. When multi-
ple AT17A Series devices are required, the nCASC and
nCS pins provide handshaking between the AT17A Series
devices.
The position of an AT17A Series device in a chain deter-
mines its operation. The first AT17A Series device in a
Configurator chain is powered up or reset with nCS low and
is configured for FPGA devices protocol. This AT17A
Series device supplies all clock pulses to one or more
FPGA devices and to any downstream AT17A Series dur-
ing configuration. The first AT17A Series device also pro-
vides the first stream of data to the FPGA devices during
EEPROM
CELL
MATRIX
ROW
DECODER
COLUMN
DECODER
TC
5
11
24/32
24/32
nCS
DCLK
OE
nCASC
DATA
BIT
COUNTER
OSC
OSC
CONTROL
PROGRAMMING
DATA SHIFT
REGISTER
PROGRAMMING
MODE LOGIC
ROW
ADDRESS
COUNTER
SER_EN


Similar Part No. - AT17C010A-10JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17C010A ATMEL-AT17C010A Datasheet
242Kb / 14P
   FPGA Configuration EEPROM Memory
More results

Similar Description - AT17C010A-10JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17C65 ATMEL-AT17C65 Datasheet
149Kb / 10P
   FPGA Configuration E2PROM
AT17N256 ATMEL-AT17N256_07 Datasheet
308Kb / 18P
   FPGA Configuration Memory
AT17N256 ATMEL-AT17N256 Datasheet
205Kb / 18P
   FPGA Configuration Memory
AT17C65A-10JC ATMEL-AT17C65A-10JC Datasheet
162Kb / 11P
   FPGA Configuration EEPROM
AT17LV65A ATMEL-AT17LV65A_14 Datasheet
469Kb / 16P
   FPGA Configuration EEPROM Memory
AT17F16A ATMEL-AT17F16A Datasheet
290Kb / 16P
   FPGA Configuration Flash Memory
AT17LV010-10DP ATMEL-AT17LV010-10DP Datasheet
161Kb / 11P
   Space FPGA Configuration EEPROM
AT17F040 ATMEL-AT17F040 Datasheet
307Kb / 19P
   FPGA CONFIGURATION FLASH MEMORY
AT17LV512A-10PU ATMEL-AT17LV512A-10PU Datasheet
338Kb / 18P
   FPGA Configuration EEPROM Memory
AT17F16A ATMEL-AT17F16A Datasheet
210Kb / 15P
   FPGA Configuration Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com