Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT17C128-10PC Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT17C128-10PC
Description  FPGA Configuration E2PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17C128-10PC Datasheet(HTML) 5 Page - ATMEL Corporation

  AT17C128-10PC Datasheet HTML 1Page - ATMEL Corporation AT17C128-10PC Datasheet HTML 2Page - ATMEL Corporation AT17C128-10PC Datasheet HTML 3Page - ATMEL Corporation AT17C128-10PC Datasheet HTML 4Page - ATMEL Corporation AT17C128-10PC Datasheet HTML 5Page - ATMEL Corporation AT17C128-10PC Datasheet HTML 6Page - ATMEL Corporation AT17C128-10PC Datasheet HTML 7Page - ATMEL Corporation AT17C128-10PC Datasheet HTML 8Page - ATMEL Corporation AT17C128-10PC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AT17 Series
5
DC Characteristics
V
CC = 5V ± 5% Commercial / 5V ± 10% Ind./Mil.
Symbol
Description
Min
Max
Units
V
IH
High-level input voltage
2.0
V
CC
V
V
IL
Low-level input voltage
00.8
V
V
OH
High-level output voltage (I
OH = -4 mA)
Commercial
3.7
V
V
OL
Low-level output voltage (I
OL = +4 mA)
0.32
V
V
OH
High-level output voltage (I
OH = -4 mA)
Industrial
3.6
V
V
OL
Low-level output voltage (I
OL = +4 mA)
0.37
V
V
OH
High-level output voltage (I
OH = -4 mA)
Military
3.5
V
V
OL
Low-level output voltage (I
OL = +4 mA)
0.4
V
I
CCA
Supply current, active mode
10
mA
I
L
Input or output leakage current (V
IN = VCC or GND)
-10
10
µA
I
CCS
Supply current, standby mode AT17C256
Commercial
75
µA
Industrial/Military
150
µA
Supply current, standby mode AT17C128/65
Commercial
1
mA
Industrial/Military
2
mA
DC Characteristics
V
CC = 3.3V ± 10%
Symbol
Description
Min
Max
Units
V
IH
High-level input voltage
2.0
V
CC
V
V
IL
Low-level input voltage
00.8
V
V
OH
High-level output voltage (I
OH = -2.5 mA)
Commercial
2.4
V
V
OL
Low-level output voltage (I
OL = +3 mA)
0.4
V
V
OH
High-level output voltage (I
OH = -2 mA)
Industrial
2.4
V
V
OL
Low-level output voltage (I
OL = +3 mA)
0.4
V
V
OH
High-level output voltage (I
OH = -2 mA)
Military
2.4
V
V
OL
Low-level output voltage (I
OL = +2.5 mA)
0.4
V
I
CCA
Supply current, active mode
5mA
I
L
Input or output leakage current (V
IN = VCC or GND)
-10
10
µA
I
CCS
Supply current, standby mode
Commercial
50
µA
Industrial/Military
100
µA


Similar Part No. - AT17C128-10PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17C128A-10JC ATMEL-AT17C128A-10JC Datasheet
162Kb / 11P
   FPGA Configuration EEPROM
AT17C128A-10JI ATMEL-AT17C128A-10JI Datasheet
162Kb / 11P
   FPGA Configuration EEPROM
More results

Similar Description - AT17C128-10PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17C512 ATMEL-AT17C512 Datasheet
113Kb / 9P
   FPGA Configuration E2PROM Memory
AT17N256 ATMEL-AT17N256_07 Datasheet
308Kb / 18P
   FPGA Configuration Memory
AT17N256 ATMEL-AT17N256 Datasheet
205Kb / 18P
   FPGA Configuration Memory
AT17C65A-10JC ATMEL-AT17C65A-10JC Datasheet
162Kb / 11P
   FPGA Configuration EEPROM
AT17LV65A ATMEL-AT17LV65A_14 Datasheet
469Kb / 16P
   FPGA Configuration EEPROM Memory
AT17F16A ATMEL-AT17F16A Datasheet
290Kb / 16P
   FPGA Configuration Flash Memory
AT17LV010-10DP ATMEL-AT17LV010-10DP Datasheet
161Kb / 11P
   Space FPGA Configuration EEPROM
AT17F040 ATMEL-AT17F040 Datasheet
307Kb / 19P
   FPGA CONFIGURATION FLASH MEMORY
AT17LV512A-10PU ATMEL-AT17LV512A-10PU Datasheet
338Kb / 18P
   FPGA Configuration EEPROM Memory
AT17F16A ATMEL-AT17F16A Datasheet
210Kb / 15P
   FPGA Configuration Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com