Electronic Components Datasheet Search |
|
CAT28F020HRI-12T Datasheet(PDF) 5 Page - ON Semiconductor |
|
CAT28F020HRI-12T Datasheet(HTML) 5 Page - ON Semiconductor |
5 / 16 page CAT28F020 5 Doc. No. MD-1029, Rev. F © 2009 SCILLC. All rights reserved. Characteristics subject to change without notice SUPPLY CHARACTERISTICS Figure 1. A.C. Testing Input/Output Waveform(3)(4)(5) Testing Load Circuit (example) A.C. CHARACTERISTICS, Read Operation VCC = +5V ±10%, unless otherwise specified. (See Note 8) JEDEC Standard 28F020-90(7) 28F020-12(7) Symbol Symbol Parameter Min Typ Max Min Typ Max Unit tAVAV tRC Read Cycle Time 90 120 ns tELQV tCE CE Access Time 90 120 ns tAVQV tACC Address Access Time 90 120 ns tGLQV tOE OE Access Time 35 50 ns tAXQX tOH Output Hold from Address OE/CE Change 0 0 ns tGLQX tOLZ(1)(6) OE to Output in Low-Z 0 0 ns tELQX tLZ(1)(6) CE to Output in Low-Z 0 0 ns tGHQZ tDF(1)(2) OE High to Output High-Z 30 30 ns tEHQZ tDF(1)(2) CE High to Output High-Z 40 40 ns tWHGL(1) - Write Recovery Time Before Read 6 6 µs 1.3V DEVICE UNDER TEST 1N914 3.3K CL = 100 pF OUT CL INCLUDES JIG CAPACITANCE INPUT PULSE LEVELS REFERENCE POINTS 2.0 V 0.8 V 2.4 V 0.45 V Note: 1. This parameter is tested initially and after a design or process change that affects the parameter. 2. Output floating (High-Z) is defined as the state where the external data line is no longer driven by the output buffer. 3. Input Rise and Fall Times (10% to 90%) < 10 ns. 4. Input Pulse Levels = 0.45 V and 2.4 V. For High Speed Input Pulse Levels 0.0 V and 3.0 V. 5. Input and Output Timing Reference = 0.8 V and 2.0 V. For High Speed Input and Output Timing Reference = 1.5 V. 6. Low-Z is defined as the state where the external data may be driven by the output buffer but may not be valid. 7. For load and reference points, see Fig. 1. 8. CAT28F020-90, VCCMIN = 4.75 V. l o b m y Sr e t e m a r a Pn i Mp y Tx a Mt i n U C C Ve g a t l o V y l p p u S C C V 0 9 - 0 2 0 F 8 25 7 . 45 . 5V 2 1 - 0 2 0 F 8 25 . 45 . 5V L P P Vs n o i t a r e p O d a e R g n i r u D P P V0 5 . 6V H P P Vm a r g o r P / e s a r E / d a e R g n i r u D P P V4 . 1 16 . 2 1V |
Similar Part No. - CAT28F020HRI-12T |
|
Similar Description - CAT28F020HRI-12T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |