Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8531E2K5 Datasheet(PDF) 11 Page - Texas Instruments

Part # DAC8531E2K5
Description  Low-Power, Rail-to-Rail Output, 16-Bit Serial Input
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8531E2K5 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC8531E2K5 Datasheet HTML 7Page - Texas Instruments DAC8531E2K5 Datasheet HTML 8Page - Texas Instruments DAC8531E2K5 Datasheet HTML 9Page - Texas Instruments DAC8531E2K5 Datasheet HTML 10Page - Texas Instruments DAC8531E2K5 Datasheet HTML 11Page - Texas Instruments DAC8531E2K5 Datasheet HTML 12Page - Texas Instruments DAC8531E2K5 Datasheet HTML 13Page - Texas Instruments DAC8531E2K5 Datasheet HTML 14Page - Texas Instruments DAC8531E2K5 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
DAC8531
11
SBAS192B
www.ti.com
THEORY OF OPERATION
DAC SECTION
The architecture consists of a string DAC followed by an
output buffer amplifier. Figure 1 shows a block diagram of the
DAC architecture.
CODE CHANGE GLITCH
Time (2
µs/div)
Glitch Waveform (20mV/div)
TYPICAL CHARACTERISTICS: VDD = 2.7V (Cont.)
At TA = +25°C, VDD = 2.7V, unless otherwise noted.
RESISTOR STRING
Figure 2 shows the resistor string section. It is simply a string
of resistors, each of value R. The code loaded into the DAC
register determines at which node on the string the voltage
is tapped off to be fed into the output amplifier by closing one
of the switches connecting the string to the amplifier. It is
ensured monotonic because it is a string of resistors.
FIGURE 1. DAC8531 Architecture.
The input coding to the DAC8531 is straight binary, so the
ideal output voltage is given by:
VV
D
OUT
REF
=•
65536
where D = decimal equivalent of the binary code that is
loaded to the DAC register; it can range from 0 to 65535.
FIGURE 2. Resistor String.
DAC Register
REF (+)
Resistor String
REF(–)
Output
Amplifier
GND
V
DD
V
OUT
V
FB
To Output
Amplifier
R
R
R
R
R


Similar Part No. - DAC8531E2K5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8531E/250 TI-DAC8531E/250 Datasheet
362Kb / 19P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8531E/250 TI1-DAC8531E/250 Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8531E/250G4 TI1-DAC8531E/250G4 Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8531E/2K5 TI-DAC8531E/2K5 Datasheet
362Kb / 19P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8531E/2K5 TI1-DAC8531E/2K5 Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC8531E2K5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7512 TI1-DAC7512_15 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input
DAC8501 TI1-DAC8501_13 Datasheet
729Kb / 22P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8501 BURR-BROWN-DAC8501 Datasheet
321Kb / 16P
   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8531 TI-DAC8531 Datasheet
362Kb / 19P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8531 TI1-DAC8531_14 Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7512 BURR-BROWN-DAC7512 Datasheet
907Kb / 20P
   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7513 TI1-DAC7513_13 Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7513 TI-DAC7513 Datasheet
455Kb / 18P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Linear Technology
LTC6362 LINER-LTC6362 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
   Input/output rail-to-rail low power operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com