Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS26LS31C Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DS26LS31C
Description  DS26LS31C/DS26LS31M Quad High Speed Differential Line Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS26LS31C Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS26LS31C Datasheet HTML 3Page - Texas Instruments DS26LS31C Datasheet HTML 4Page - Texas Instruments DS26LS31C Datasheet HTML 5Page - Texas Instruments DS26LS31C Datasheet HTML 6Page - Texas Instruments DS26LS31C Datasheet HTML 7Page - Texas Instruments DS26LS31C Datasheet HTML 8Page - Texas Instruments DS26LS31C Datasheet HTML 9Page - Texas Instruments DS26LS31C Datasheet HTML 10Page - Texas Instruments DS26LS31C Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
1-Nov-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
AM26LS31PC
NRND
PDIP
NFG
16
25
TBD
Call TI
Call TI
0 to 70
DS26LS31CN
AM26LS31PC
DS26LS31CM
NRND
SOIC
D
16
48
TBD
Call TI
Call TI
0 to 70
DS26LS31CM
DS26LS31CM/NOPB
ACTIVE
SOIC
D
16
48
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
0 to 70
DS26LS31CM
DS26LS31CMX
NRND
SOIC
D
16
2500
TBD
Call TI
Call TI
0 to 70
DS26LS31CM
DS26LS31CMX/NOPB
ACTIVE
SOIC
D
16
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
0 to 70
DS26LS31CM
DS26LS31CN
NRND
PDIP
NFG
16
25
TBD
Call TI
Call TI
0 to 70
DS26LS31CN
AM26LS31PC
DS26LS31CN/NOPB
ACTIVE
PDIP
NFG
16
25
Pb-Free
(RoHS)
CU SN
Level-1-NA-UNLIM
0 to 70
DS26LS31CN
AM26LS31PC
DS26LS31N
NRND
PDIP
NFG
16
25
TBD
Call TI
Call TI
0 to 70
DS26LS31CN
AM26LS31PC
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.


Similar Part No. - DS26LS31C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26LS31C NSC-DS26LS31C Datasheet
226Kb / 8P
   Quad High Speed Differential Line Driver
logo
Texas Instruments
DS26LS31C TI1-DS26LS31C Datasheet
905Kb / 13P
[Old version datasheet]   DS26LS31C/DS26LS31M Quad High Speed Differential Line Driver
logo
National Semiconductor ...
DS26LS31CM NSC-DS26LS31CM Datasheet
226Kb / 8P
   Quad High Speed Differential Line Driver
logo
Texas Instruments
DS26LS31CM TI1-DS26LS31CM Datasheet
905Kb / 13P
[Old version datasheet]   DS26LS31C/DS26LS31M Quad High Speed Differential Line Driver
DS26LS31CM/NOPB TI1-DS26LS31CM/NOPB Datasheet
905Kb / 13P
[Old version datasheet]   DS26LS31C/DS26LS31M Quad High Speed Differential Line Driver
More results

Similar Description - DS26LS31C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS26LS31C TI1-DS26LS31C_15 Datasheet
905Kb / 13P
[Old version datasheet]   DS26LS31C/DS26LS31M Quad High Speed Differential Line Driver
logo
National Semiconductor ...
DS26LS31C NSC-DS26LS31C Datasheet
226Kb / 8P
   Quad High Speed Differential Line Driver
MNDS26LS31M-X NSC-MNDS26LS31M-X Datasheet
163Kb / 9P
   QUAD HIGH SPEED DIFFERENTIAL LINE DRIVER
logo
Texas Instruments
DS26LS31MQML TI1-DS26LS31MQML Datasheet
647Kb / 14P
[Old version datasheet]   DS26LS31MQML Quad High Speed Differential Line Driver
DS26LS31ME-SMD TI-DS26LS31ME-SMD Datasheet
470Kb / 14P
[Old version datasheet]   DS26LS31MQML Quad High Speed Differential Line Driver
logo
Sipex Corporation
SP26LV431 SIPEX-SP26LV431 Datasheet
138Kb / 13P
   High Speed, 3.3V Quad RS-422 Differential Line Driver
SP431 SIPEX-SP431 Datasheet
367Kb / 15P
   High Speed, 3.3V Quad RS-422 Differential Line Driver
logo
Exar Corporation
SP26LV431 EXAR-SP26LV431 Datasheet
777Kb / 22P
   HIGH SPEED 3.3V QUAD RS-422 DIFFERENTIAL LINE DRIVER
logo
Texas Instruments
SN65LVDM31 TI-SN65LVDM31 Datasheet
103Kb / 7P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31 TI-SN65LVDM31_06 Datasheet
130Kb / 8P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com