Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV103U2K5 Datasheet(PDF) 9 Page - Texas Instruments

Part # DRV103U2K5
Description  PWM LOW-SIDE DRIVER (1.5A and 3A)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV103U2K5 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV103U2K5 Datasheet HTML 5Page - Texas Instruments DRV103U2K5 Datasheet HTML 6Page - Texas Instruments DRV103U2K5 Datasheet HTML 7Page - Texas Instruments DRV103U2K5 Datasheet HTML 8Page - Texas Instruments DRV103U2K5 Datasheet HTML 9Page - Texas Instruments DRV103U2K5 Datasheet HTML 10Page - Texas Instruments DRV103U2K5 Datasheet HTML 11Page - Texas Instruments DRV103U2K5 Datasheet HTML 12Page - Texas Instruments DRV103U2K5 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
DRV103
9
SBVS029A
A 100pF capacitor in parallel with RPWM is recommended
when switching a high load current to maintain a clean
output switching waveform, as shown in Figure 6.
The DRV103’s adjustable PWM output frequency allows it
to be optimized for driving virtually any type of load.
ADJUSTABLE DUTY CYCLE (PWM Mode)
The DRV103’s externally adjustable duty cycle provides an
accurate means of controlling power delivered to a load.
Duty cycle can be set over a range of at least 10% to 90%
with an external resistor, analog voltage, or the voltage
output of a D/A converter. A low duty cycle results in
reduced power dissipation in the load. This keeps the DRV103
and the load cooler, resulting in increased reliability for both
devices.
Resistor Controlled Duty Cycle
Duty cycle is easily programmed by connecting a resistor
(RPWM) between the Duty Cycle Adjust pin (pin 1) and
ground. High resistor values correspond to high duty cycles.
Table III provides resistor values for typical duty cycles.
Resistor values for additional duty cycles can be obtained
from Figure 5. For reference purposes, the equation for
calculating RPWM is included in Figure 5.
DUTY CYCLE
RPWM (Nearest 1% Values)
(%)
5kHz
25kHz
100kHz
5
374k
75k
16.9k
10
402k
80.6k
19.1k
20
475k
95.3k
22.6k
30
549k
110k
26.1k
40
619k
124k
29.4k
50
681k
137k
33.2k
60
750k
150k
37.4k
70
825k
165k
40.2k
80
887k
182k
44.2k
90
953k
196k
47.5k
95
1M
200k
49.9k
TABLE III. Duty Cycle Adjust Resistance.
FIGURE 5. Using a Resistor to Program Duty Cycle.
At 25kHz: RPWM (kΩ) = 67.46 + 1.41 • %DC.
1M
100k
10k
20
40
0
60
80
100
DUTY CYCLE vs R
PWM
Duty Cycle (%)
5kHz
25kHz
100kHz
R
PWM
only on
Pin 1
With
100pF in
Parallel with
R
PWM
Time (10
µs)
FIGURE 6. Output Waveform at High Load Current.
100
90
80
70
60
50
40
30
20
10
0
2
1
2
1.5
1
0.5
0
–0.5
–1
–1.5
–2
34
DUTY CYCLE AND DUTY CYCLE ERROR
vs VOLTAGE
V
PWM (V)
FIGURE 7. Using a Voltage to Program Duty Cycle.
At VS = 24V and F = 25kHz: VPWM = 1.25 +
0.026 • %DC.
Voltage Controlled Duty Cycle
Duty cycle can also be programmed by an analog voltage,
VPWM. With VPWM ≈ 3.56V, duty cycle is about 90%.
Decreasing this voltage results in decreased duty cycles.
Table IV provides VPWM values for typical duty cycles. The
“Duty Cycle vs Voltage” typical performance curve for
additional duty cycles is shown in Figure 7.
DUTY CYLE
VPWM
(%)
(V)
5
1.344
10
1.518
20
1.763
40
2.283
60
2.788
80
3.311
90
3.561
95
3.705
TABLE IV. Duty Cycle Adjust Voltage.


Similar Part No. - DRV103U2K5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV103U TI-DRV103U Datasheet
446Kb / 14P
[Old version datasheet]   PWM LOW-SIDE DRIVER (1.5A and 3A) for Solenoids, Coils, Valves, Heaters, and Lamps
logo
Burr-Brown (TI)
DRV103U BURR-BROWN-DRV103U Datasheet
1Mb / 24P
   PWM LOW-SIDE DRIVER (1.5A and 3A) for Solenoids, Coils, Valves, Heaters, and Lamps
logo
Texas Instruments
DRV103U/2K5 TI-DRV103U/2K5 Datasheet
446Kb / 14P
[Old version datasheet]   PWM LOW-SIDE DRIVER (1.5A and 3A) for Solenoids, Coils, Valves, Heaters, and Lamps
logo
Burr-Brown (TI)
DRV103U/2K5 BURR-BROWN-DRV103U/2K5 Datasheet
1Mb / 24P
   PWM LOW-SIDE DRIVER (1.5A and 3A) for Solenoids, Coils, Valves, Heaters, and Lamps
DRV103U/2K5G4 BURR-BROWN-DRV103U/2K5G4 Datasheet
1Mb / 24P
   PWM LOW-SIDE DRIVER (1.5A and 3A) for Solenoids, Coils, Valves, Heaters, and Lamps
More results

Similar Description - DRV103U2K5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV103 TI-DRV103 Datasheet
446Kb / 14P
[Old version datasheet]   PWM LOW-SIDE DRIVER (1.5A and 3A) for Solenoids, Coils, Valves, Heaters, and Lamps
logo
Burr-Brown (TI)
DRV103UG4 BURR-BROWN-DRV103UG4 Datasheet
1Mb / 24P
   PWM LOW-SIDE DRIVER (1.5A and 3A) for Solenoids, Coils, Valves, Heaters, and Lamps
logo
Micrel Semiconductor
MIC4426 MICREL-MIC4426 Datasheet
99Kb / 8P
   Dual 1.5A-Peak Low-Side MOSFET Driver
MIC4426 MICREL-MIC4426_05 Datasheet
269Kb / 9P
   Dual 1.5A-Peak Low-Side MOSFET Driver
logo
Texas Instruments
UCC27200 TI1-UCC27200_16 Datasheet
1Mb / 37P
[Old version datasheet]   120V Boot, 3A Peak, High Frequency, High-Side and Low-Side Driver
logo
Micrel Semiconductor
MIC4423 MICREL-MIC4423_05 Datasheet
218Kb / 13P
   Dual 3A-Peak Low-Side MOSFET Driver
MIC4423ZN MICREL-MIC4423ZN Datasheet
221Kb / 13P
   Dual 3A-Peak Low-Side MOSFET Driver
MIC4424YM MICREL-MIC4424YM Datasheet
221Kb / 13P
   Dual 3A-Peak Low-Side MOSFET Driver
MIC4423YM MICREL-MIC4423YM Datasheet
221Kb / 13P
   Dual 3A-Peak Low-Side MOSFET Driver
MIC4425YN MICREL-MIC4425YN Datasheet
221Kb / 13P
   Dual 3A-Peak Low-Side MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com