Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS30EA101SQX Datasheet(PDF) 9 Page - Texas Instruments

Part # DS30EA101SQX
Description  DS30EA101 0.15 to 3.125 Gbps Adaptive Cable Equalizer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS30EA101SQX Datasheet(HTML) 9 Page - Texas Instruments

Back Button DS30EA101SQX Datasheet HTML 4Page - Texas Instruments DS30EA101SQX Datasheet HTML 5Page - Texas Instruments DS30EA101SQX Datasheet HTML 6Page - Texas Instruments DS30EA101SQX Datasheet HTML 7Page - Texas Instruments DS30EA101SQX Datasheet HTML 8Page - Texas Instruments DS30EA101SQX Datasheet HTML 9Page - Texas Instruments DS30EA101SQX Datasheet HTML 10Page - Texas Instruments DS30EA101SQX Datasheet HTML 11Page - Texas Instruments DS30EA101SQX Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
DS30EA101SQ/NOPB
WQFN
RUM
16
1000
178.0
12.4
4.3
4.3
1.3
8.0
12.0
Q1
DS30EA101SQE/NOPB
WQFN
RUM
16
250
178.0
12.4
4.3
4.3
1.3
8.0
12.0
Q1
DS30EA101SQX/NOPB
WQFN
RUM
16
4500
330.0
12.4
4.3
4.3
1.3
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
24-Apr-2013
Pack Materials-Page 1


Similar Part No. - DS30EA101SQX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS30EA101SQX TI1-DS30EA101SQX Datasheet
702Kb / 11P
[Old version datasheet]   0.15 to 3.125 Gbps Adaptive Cable Equalizer
More results

Similar Description - DS30EA101SQX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS30EA101 TI1-DS30EA101 Datasheet
702Kb / 11P
[Old version datasheet]   0.15 to 3.125 Gbps Adaptive Cable Equalizer
logo
National Semiconductor ...
DS15EA101 NSC-DS15EA101 Datasheet
311Kb / 12P
   0.15 to 1.5 Gbps Adaptive Cable Equalizer with LOS Detection
logo
Texas Instruments
DS15EA101SQ TI1-DS15EA101SQ Datasheet
888Kb / 16P
[Old version datasheet]   DS15EA101 0.15 to 1.5 Gbps Adaptive Cable Equalizer with LOS Detection
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
logo
Texas Instruments
LMH0344 TI1-LMH0344_17 Datasheet
1Mb / 23P
[Old version datasheet]   3-Gbps HD - SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344_0808 NSC-LMH0344_0808 Datasheet
387Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com